Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-K229-A40-1A-PM Datasheet(PDF) 6 Page - Vincotech

Part # V23990-K229-A40-1A-PM
Description  Trench Fieldstop IGBT4 technology
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-K229-A40-1A-PM Datasheet(HTML) 6 Page - Vincotech

Back Button V23990-K229-A40-1A-PM Datasheet HTML 2Page - Vincotech V23990-K229-A40-1A-PM Datasheet HTML 3Page - Vincotech V23990-K229-A40-1A-PM Datasheet HTML 4Page - Vincotech V23990-K229-A40-1A-PM Datasheet HTML 5Page - Vincotech V23990-K229-A40-1A-PM Datasheet HTML 6Page - Vincotech V23990-K229-A40-1A-PM Datasheet HTML 7Page - Vincotech V23990-K229-A40-1A-PM Datasheet HTML 8Page - Vincotech V23990-K229-A40-1A-PM Datasheet HTML 9Page - Vincotech V23990-K229-A40-1A-PM Datasheet HTML 10Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
V23990-K229-A40-PM
Figure 9
T1,T2,T3,T4,T5,T6,T7 IGBT
Figure 10
T1,T2,T3,T4,T5,T6,T7 IGBT
Typical switching times as a
Typical switching times as a
function of collector current
function of gate resistor
t = f(IC)
t = f(RG)
With an inductive load at
With an inductive load at
Tj =
150
°C
Tj =
150
°C
VCE =
600
V
VCE =
600
V
VGE =
±15
V
VGE =
±15
V
Rgon =
32
IC =
25
A
Rgoff =
32
Figure 11
D1,D2,D3,D4,D5,D6,D7 FWD
Figure 12
D1,D2,D3,D4,D5,D6,D7 FWD
Typical reverse recovery time as a
Typical reverse recovery time as a
function of collector current
function of IGBT turn on gate resistor
trr = f(IC)
trr = f(Rgon)
At
At
Tj =
25/150
°C
Tj =
25/150
°C
VCE =
600
V
VR =
600
V
VGE =
±15
V
IF =
25
A
Rgon =
32
VGE =
±15
V
T1,T2,T3,T4,T5,T6,T7/D1,D2,D3,D4,D5,D6,D7
tdoff
tf
tdon
tr
0,001
0,01
0,1
1
0
5
10
15
20
25
30
35
40
45
50
I C (A)
Tj = Tjmax -25°C
trr
Tj = 25°C
trr
0
0,2
0,4
0,6
0,8
1
0
30
60
90
120
150
R g on ( Ω
Ω )
tdoff
tf
tdon
tr
0,001
0,01
0,1
1
0
30
60
90
120
150
R G ( Ω
Ω )
Tj = Tjmax -25°C
trr
trr
Tj = 25°C
0
0,2
0,4
0,6
0,8
1
0
10
20
30
40
50
I C (A)
25/150
25/150
copyright Vincotech
6
Revision: 4.1


Similar Part No. - V23990-K229-A40-1A-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K229-A40-P3-14 VINCOTECH-V23990-K229-A40-P3-14 Datasheet
481Kb / 22P
   Solderless interconnection
More results

Similar Description - V23990-K229-A40-1A-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P707-F40-P1-14 VINCOTECH-V23990-P707-F40-P1-14 Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 Technology
V23990-K220-A41-PM VINCOTECH-V23990-K220-A41-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
10-FZ127PA015SC-L158E08 VINCOTECH-10-FZ127PA015SC-L158E08 Datasheet
1Mb / 28P
   Trench Fieldstop IGBT4 Technology
V23990-K429-A40-PM VINCOTECH-V23990-K429-A40-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
30-F2127PA075SC-L178E09 VINCOTECH-30-F2127PA075SC-L178E09 Datasheet
2Mb / 30P
   Trench Fieldstop IGBT4 Technology
V23990-K209-A40-PM VINCOTECH-V23990-K209-A40-PM Datasheet
3Mb / 17P
   Trench Fieldstop IGBT4 technology
V23990-K428-A40-PM VINCOTECH-V23990-K428-A40-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
V23990-K229-A41-PM VINCOTECH-V23990-K229-A41-PM Datasheet
1Mb / 18P
   Trench Fieldstop IGBT4 technology
V23990-P709-F40-P1-14 VINCOTECH-V23990-P709-F40-P1-14 Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 Technology
30-F2127PA100SC-L179E09 VINCOTECH-30-F2127PA100SC-L179E09 Datasheet
1Mb / 30P
   Trench Fieldstop IGBT4 Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com