Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-K242-A-PM Datasheet(PDF) 3 Page - Vincotech

Part # V23990-K242-A-PM
Description  Solderless spring contact mounting system
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-K242-A-PM Datasheet(HTML) 3 Page - Vincotech

  V23990-K242-A-PM Datasheet HTML 1Page - Vincotech V23990-K242-A-PM Datasheet HTML 2Page - Vincotech V23990-K242-A-PM Datasheet HTML 3Page - Vincotech V23990-K242-A-PM Datasheet HTML 4Page - Vincotech V23990-K242-A-PM Datasheet HTML 5Page - Vincotech V23990-K242-A-PM Datasheet HTML 6Page - Vincotech V23990-K242-A-PM Datasheet HTML 7Page - Vincotech V23990-K242-A-PM Datasheet HTML 8Page - Vincotech V23990-K242-A-PM Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
V23990-K242-A-PM
Parameter
Symbol
Unit
VGE [V] or
VGS [V]
Vr [V]
or
VCE [V] or
VDS [V]
IC [A] or
IF [A] or
ID [A]
Tj
Min
Typ
Max
Tj=25°C
0,8
1,02
1,35
Tj=125°C
0,94
Tj=25°C
0,88
Tj=125°C
0,75
Tj=25°C
4
Tj=125°C
6
Tj=25°C
0,1
Tj=125°C
2
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness
≤50um
λ = 1 W/mK
0,90
K/W
Tj=25°C
5
5,8
6,5
Tj=150°C
Tj=25°C
1,54
Tj=150°C
1,75
Tj=25°C
0,1
Tj=150°C
Tj=25°C
650
Tj=150°C
Tj=25°C
217
Tj=150°C
223
Tj=25°C
27
Tj=150°C
30
Tj=25°C
266
Tj=150°C
290
Tj=25°C
55
Tj=150°C
81
Tj=25°C
1,58
Tj=150°C
2,07
Tj=25°C
1,79
Tj=150°C
2,24
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness
≤50um
λ = 1 W/mK
0,75
K/W
Tj=25°C
1
1,54
2,6
Tj=150°C
1,6
Tj=25°C
63,45
Tj=150°C
74,57
Tj=25°C
58,2
Tj=150°C
262,4
Tj=25°C
3,74
Tj=150°C
6,47
di(rec)max
Tj=25°C
3216
/dt
Tj=150°C
2350
Tj=25°C
0,74
Tj=150°C
1,33
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness
≤50um
λ = 1 W/mK
1,2
K/W
1000
Tj=25°C
Tj=25°C
145
V
mWs
ns
A
nC
nA
mA
ns
V
pF
T=25°C
T=100°C
T=100°C
T=25°C
300
Thermistor
Rgoff=8
1500
R100=1670
R
Rated resistance
Power dissipation constant
Deviation of R100
∆R/R
mW/K
R100
P
300
0,0012
300
25
0
75
75
Collector-emitter saturation voltage
Collector-emitter cut-off current incl. Diode
Fall time
Turn-off delay time
Turn-on delay time
Rise time
Gate-emitter leakage current
Reverse recovery time
Reverse recovered energy
Peak rate of fall of recovery current
IRRM
trr
Erec
Turn-on energy loss per pulse
Reverse recovered charge
D1,D2,D3,D4,D5,D6,D7
VF
Peak reverse recovery current
Reverse transfer capacitance
Diode forward voltage
Gate charge
Qrr
75
±15
612
Rgon=8
±25
15
Rgoff=8
0
µC
mWs
A/µs
Reverse current
Ir
V
V
m
mA
35
35
35
Characteristic Values
Forward voltage
Threshold voltage (for power loss calc. only)
Slope resistance (for power loss calc. only)
VF
Vto
rt
D8,D9,D10,D11,D12,D13
Value
Conditions
Input capacitance
Output capacitance
Turn-off energy loss per pulse
Integrated Gate resistor
T1,T2,T3,T4,T5,T6,T7
Gate emitter threshold voltage
Cies
QGate
Rgint
tf
Eon
Eoff
td(on)
tr
ICES
Coss
Crss
td(off)
VCE=VGE
IGES
VGE(th)
VCE(sat)
f=1MHz
0
±15
1670,313
-3
%
3
75
V
470
4
4700
7,635*10-3
A-value
B(25/50) Tol. %
1/K
B(25/100)
T=25°C
1,731*10-5
1/K²
T=25°C
B-value
Tol. %
Vincotech NTC Reference
E
3
Revision: 3.1
Copyright by Vincotech


Similar Part No. - V23990-K242-A-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K242-A-T1-14 VINCOTECH-V23990-K242-A-T1-14 Datasheet
171Kb / 13P
   2nd Gen. PIM Size 3, 600V / 75A
More results

Similar Description - V23990-K242-A-PM

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XACS101 SCHNEIDER-XACS101 Datasheet
146Kb / 3P
   spring return contact block - 1 NO - base mounting
Mar 21, 2022
logo
Molex Electronics Ltd.
PS-105439-001 MOLEX-PS-105439-001 Datasheet
139Kb / 5P
   CONTACT SPRING
2015/03/30
PS-105384-001 MOLEX-PS-105384-001 Datasheet
185Kb / 4P
   CONTACT SPRING
2015/11/09
logo
Vincotech
10-PY126PA020ME-L227F18Y VINCOTECH-10-PY126PA020ME-L227F18Y Datasheet
1Mb / 16P
   Solderless Press-fit Mounting Technology
logo
Schneider Electric
LADN403 SCHNEIDER-LADN403 Datasheet
136Kb / 3P
   Auxiliary contact block, TeSys D, 4NO, front mounting, spring terminals
LADN043 SCHNEIDER-LADN043 Datasheet
136Kb / 3P
   Auxiliary contact block, TeSys D, 4NC, front mounting, spring terminals
logo
Japan Aviation Electron...
CONT-JL05-12S-C1 JAE-CONT-JL05-12S-C1 Datasheet
63Kb / 1P
   SPRING SOCKET CONTACT
CONT-JL05-08S-C1 JAE-CONT-JL05-08S-C1 Datasheet
68Kb / 1P
   SPRING SOCKET CONTACT
logo
Schneider Electric
LA1KN403 SCHNEIDER-LA1KN403 Datasheet
133Kb / 2P
   Auxiliary contact block, TeSys K, 4NO, front mounting, spring terminals
LADN023 SCHNEIDER-LADN023 Datasheet
121Kb / 3P
   Auxiliary contact block, TeSys D, 2NC, front mounting, spring terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com