Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-K242-A-PM Datasheet(PDF) 9 Page - Vincotech

Part # V23990-K242-A-PM
Description  Solderless spring contact mounting system
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-K242-A-PM Datasheet(HTML) 9 Page - Vincotech

Back Button V23990-K242-A-PM Datasheet HTML 5Page - Vincotech V23990-K242-A-PM Datasheet HTML 6Page - Vincotech V23990-K242-A-PM Datasheet HTML 7Page - Vincotech V23990-K242-A-PM Datasheet HTML 8Page - Vincotech V23990-K242-A-PM Datasheet HTML 9Page - Vincotech V23990-K242-A-PM Datasheet HTML 10Page - Vincotech V23990-K242-A-PM Datasheet HTML 11Page - Vincotech V23990-K242-A-PM Datasheet HTML 12Page - Vincotech V23990-K242-A-PM Datasheet HTML 13Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
V23990-K242-A-PM
Figure 21
T1,T2,T3,T4,T5,T6,T7 IGBT
Figure 22
T1,T2,T3,T4,T5,T6,T7 IGBT
Power dissipation as a
Collector current as a
function of heatsink temperature
function of heatsink temperature
Ptot = f(Th)
IC = f(Th)
At
At
Tj =
175
°C
Tj =
175
°C
VGE =
15
V
Figure 23
D1,D2,D3,D4,D5,D6,D7 FWD
Figure 24
Output inverter FWD
Power dissipation as a
Forward current as a
function of heatsink temperature
function of heatsink temperature
Ptot = f(Th)
IF = f(Th)
At
At
Tj =
175
°C
Tj =
175
°C
T1,T2,T3,T4,T5,T6,T7 / D1,D2,D3,D4,D5,D6,D7
0
40
80
120
160
200
240
0
50
100
150
200
T h (
o C)
0
20
40
60
80
100
120
0
50
100
150
200
T h (
o C)
0
30
60
90
120
150
0
50
100
150
200
T h (
o C)
0
20
40
60
80
100
0
50
100
150
200
T h (
o C)
9
Revision: 3.1
Copyright by Vincotech


Similar Part No. - V23990-K242-A-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K242-A-T1-14 VINCOTECH-V23990-K242-A-T1-14 Datasheet
171Kb / 13P
   2nd Gen. PIM Size 3, 600V / 75A
More results

Similar Description - V23990-K242-A-PM

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XACS101 SCHNEIDER-XACS101 Datasheet
146Kb / 3P
   spring return contact block - 1 NO - base mounting
Mar 21, 2022
logo
Molex Electronics Ltd.
PS-105439-001 MOLEX-PS-105439-001 Datasheet
139Kb / 5P
   CONTACT SPRING
2015/03/30
PS-105384-001 MOLEX-PS-105384-001 Datasheet
185Kb / 4P
   CONTACT SPRING
2015/11/09
logo
Vincotech
10-PY126PA020ME-L227F18Y VINCOTECH-10-PY126PA020ME-L227F18Y Datasheet
1Mb / 16P
   Solderless Press-fit Mounting Technology
logo
Schneider Electric
LADN403 SCHNEIDER-LADN403 Datasheet
136Kb / 3P
   Auxiliary contact block, TeSys D, 4NO, front mounting, spring terminals
LADN043 SCHNEIDER-LADN043 Datasheet
136Kb / 3P
   Auxiliary contact block, TeSys D, 4NC, front mounting, spring terminals
logo
Japan Aviation Electron...
CONT-JL05-12S-C1 JAE-CONT-JL05-12S-C1 Datasheet
63Kb / 1P
   SPRING SOCKET CONTACT
CONT-JL05-08S-C1 JAE-CONT-JL05-08S-C1 Datasheet
68Kb / 1P
   SPRING SOCKET CONTACT
logo
Schneider Electric
LA1KN403 SCHNEIDER-LA1KN403 Datasheet
133Kb / 2P
   Auxiliary contact block, TeSys K, 4NO, front mounting, spring terminals
LADN023 SCHNEIDER-LADN023 Datasheet
121Kb / 3P
   Auxiliary contact block, TeSys D, 2NC, front mounting, spring terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com