Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-K229-A-0B-PM Datasheet(PDF) 5 Page - Vincotech

Part # V23990-K229-A-0B-PM
Description  Solderless interconnection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-K229-A-0B-PM Datasheet(HTML) 5 Page - Vincotech

  V23990-K229-A-0B-PM Datasheet HTML 1Page - Vincotech V23990-K229-A-0B-PM Datasheet HTML 2Page - Vincotech V23990-K229-A-0B-PM Datasheet HTML 3Page - Vincotech V23990-K229-A-0B-PM Datasheet HTML 4Page - Vincotech V23990-K229-A-0B-PM Datasheet HTML 5Page - Vincotech V23990-K229-A-0B-PM Datasheet HTML 6Page - Vincotech V23990-K229-A-0B-PM Datasheet HTML 7Page - Vincotech V23990-K229-A-0B-PM Datasheet HTML 8Page - Vincotech V23990-K229-A-0B-PM Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
V23990-K229-A-PM
Figure 5
T1,T2,T3,T4,T5,T6,T7 IGBT
Figure 6
T1,T2,T3,T4,T5,T6,T7 IGBT
Typical switching energy losses
Typical switching energy losses
as a function of collector current
as a function of gate resistor
E = f(IC)
E = f(RG)
With an inductive load at
With an inductive load at
Tj =
125
°C
Tj =
125
°C
VCE =
600
V
VCE =
600
V
VGE =
±15
V
VGE =
±15
V
Rgon =
36
IC =
25
A
Rgoff =
36
Figure 7
D1,D2,D3,D4,D5,D6,D7 FWD
Figure 8
D1,D2,D3,D4,D5,D6,D7 FWD
Typical reverse recovery energy loss
Typical reverse recovery energy loss
as a function of collector current
as a function of gate resistor
Erec = f(IC)
Erec = f(RG)
With an inductive load at
With an inductive load at
Tj =
125
°C
Tj =
125
°C
VCE =
600
V
VCE =
600
V
VGE =
±15
V
VGE =
±15
V
Rgon =
36
IC =
25
A
T1,T2,T3,T4,T5,T6,T7 / D1,D2,D3,D4,D5,D6,D7
Eon
Eoff
0
1
2
3
4
5
6
7
0
10
20
30
40
50
I C (A)
Eoff
Eon
0
1
2
3
4
5
6
7
0
15
30
45
60
75
R G ( Ω )
Erec
0
0,5
1
1,5
2
2,5
3
3,5
0
10
20
30
40
50
I C (A)
Erec
0
0,5
1
1,5
2
2,5
3
3,5
0
20
40
60
80
R G ( Ω )
copyright Vincotech
5
Revision: 3.1


Similar Part No. - V23990-K229-A-0B-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K229-A-P1-14 VINCOTECH-V23990-K229-A-P1-14 Datasheet
176Kb / 16P
   2nd Gen. PIM Size 2, 1200V / 25A
V23990-K229-A-P1-19 VINCOTECH-V23990-K229-A-P1-19 Datasheet
66Kb / 3P
   Output inverter application
More results

Similar Description - V23990-K229-A-0B-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K420-A40-PM VINCOTECH-V23990-K420-A40-PM Datasheet
1Mb / 18P
   Solderless interconnection
80-M006PNB010SA-K615C VINCOTECH-80-M006PNB010SA-K615C Datasheet
311Kb / 17P
   Solderless interconnection
80-M012PNB008SC-K619C41 VINCOTECH-80-M012PNB008SC-K619C41 Datasheet
314Kb / 17P
   Solderless interconnection
V23990-K220-A40-P1-14 VINCOTECH-V23990-K220-A40-P1-14 Datasheet
511Kb / 22P
   Solderless interconnection
V23990-K229-A41-D3-14 VINCOTECH-V23990-K229-A41-D3-14 Datasheet
393Kb / 22P
   Solderless interconnection
V23990-K420-A40-P1-14 VINCOTECH-V23990-K420-A40-P1-14 Datasheet
458Kb / 22P
   Solderless interconnection
80-M006PNB006SA-K614C VINCOTECH-80-M006PNB006SA-K614C Datasheet
313Kb / 17P
   Solderless interconnection
80-M006PNB006SA-K614 VINCOTECH-80-M006PNB006SA-K614_16 Datasheet
945Kb / 17P
   Solderless interconnection
80-M3126BA140SC02-K489G40 VINCOTECH-80-M3126BA140SC02-K489G40 Datasheet
1Mb / 21P
   Solderless interconnection
80-M006PNB010SA-K615 VINCOTECH-80-M006PNB010SA-K615 Datasheet
939Kb / 17P
   Solderless interconnection
V23990-K229-A40-P3-14 VINCOTECH-V23990-K229-A40-P3-14 Datasheet
481Kb / 22P
   Solderless interconnection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com