Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-K243-A-0B-PM Datasheet(PDF) 1 Page - Vincotech

Part # V23990-K243-A-0B-PM
Description  IGBT3 technology for low saturation losses
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-K243-A-0B-PM Datasheet(HTML) 1 Page - Vincotech

  V23990-K243-A-0B-PM Datasheet HTML 1Page - Vincotech V23990-K243-A-0B-PM Datasheet HTML 2Page - Vincotech V23990-K243-A-0B-PM Datasheet HTML 3Page - Vincotech V23990-K243-A-0B-PM Datasheet HTML 4Page - Vincotech V23990-K243-A-0B-PM Datasheet HTML 5Page - Vincotech V23990-K243-A-0B-PM Datasheet HTML 6Page - Vincotech V23990-K243-A-0B-PM Datasheet HTML 7Page - Vincotech V23990-K243-A-0B-PM Datasheet HTML 8Page - Vincotech V23990-K243-A-0B-PM Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
V23990-K243-A-PM
MiniSKiiP
® 3 PIM
600V/100A
● IGBT3 technology for low saturation losses
● Solderless spring contact mounting system
● Industrial motor drives
● V23990-K243-A-PM
Tj=25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
1600
V
Th=80°C
69
Tc=80°C
93
Th=80°C
77
Tc=80°C
117
Maximum Junction Temperature
Tjmax
150
°C
T1,T2,T3,T4,T5,T6,T7
Th=80°C
85
Tc=80°C
85
300
Th=80°C
154
Tc=80°C
224
tSC
Tj≤150°C
6
µs
VCC
VGE=15V
360
V
Ptot
Gate-emitter peak voltage
Ptot
Power dissipation per Diode
I
2t
W
Types
I2t-value
Maximum Ratings
IFAV
A
2s
IFSM
Condition
Tj=Tjmax
D8,D9,D10,D11,D12,D13
A
A
DC forward current
Surge forward current
Tj=25°C
2450
700
Features
MiniSkiip
® 3 housing
Target Applications
Schematic
Tj=Tjmax
tp=10ms
Collector-emitter break down voltage
DC collector current
VCE
IC
Turn off safe operating area
Short circuit ratings
Tj=Tjmax
Tj=Tjmax
VCE
≤ 1200V, Tj ≤ Top max
tp limited by Tjmax
A
600
A
V
300
ICpulse
Tjmax
VGE
W
A
±20
V
°C
175
Repetitive peak collector current
Power dissipation per IGBT
Maximum Junction Temperature
1
Revision: 3.1
Copyright by Vincotech


Similar Part No. - V23990-K243-A-0B-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K243-A-T1-14 VINCOTECH-V23990-K243-A-T1-14 Datasheet
174Kb / 13P
   2nd Gen. PIM Size 3, 600V / 100A
More results

Similar Description - V23990-K243-A-0B-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
F206R6A075SB VINCOTECH-F206R6A075SB Datasheet
603Kb / 6P
   IGBT3 technology for low saturation losses
F206R6A050SB VINCOTECH-F206R6A050SB Datasheet
605Kb / 6P
   IGBT3 technology for low saturation losses
V23990-K249-A-PM VINCOTECH-V23990-K249-A-PM Datasheet
2Mb / 17P
   IGBT3 technology for low saturation losses
F206R6A100SB VINCOTECH-F206R6A100SB Datasheet
604Kb / 6P
   IGBT3 technology for low saturation losses
F206R6A150SB VINCOTECH-F206R6A150SB Datasheet
603Kb / 6P
   IGBT3 technology for low saturation losses
30-F212R6A050SC-M447-E-PM VINCOTECH-30-F212R6A050SC-M447-E-PM Datasheet
2Mb / 18P
   IGBT4 technology for low saturation losses
V23990-P635-A-D2-14 VINCOTECH-V23990-P635-A-D2-14 Datasheet
2Mb / 32P
   Trench Fieldstop Technology IGBT3 for low saturation loss
logo
Infineon Technologies A...
IGC136T170S8RH2 INFINEON-IGC136T170S8RH2 Datasheet
175Kb / 5P
   low switching losses and saturation losses
IGC168T170S8RH INFINEON-IGC168T170S8RH Datasheet
179Kb / 5P
   low switching losses and saturation losses
logo
Vincotech
10-0B066PA006SA-M992F09 VINCOTECH-10-0B066PA006SA-M992F09 Datasheet
1Mb / 14P
   IGBT3(600V)technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com