Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-K427-A40-PM Datasheet(PDF) 3 Page - Vincotech

Part # V23990-K427-A40-PM
Description  Trench Fieldstop IGBT4 technology
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-K427-A40-PM Datasheet(HTML) 3 Page - Vincotech

  V23990-K427-A40-PM Datasheet HTML 1Page - Vincotech V23990-K427-A40-PM Datasheet HTML 2Page - Vincotech V23990-K427-A40-PM Datasheet HTML 3Page - Vincotech V23990-K427-A40-PM Datasheet HTML 4Page - Vincotech V23990-K427-A40-PM Datasheet HTML 5Page - Vincotech V23990-K427-A40-PM Datasheet HTML 6Page - Vincotech V23990-K427-A40-PM Datasheet HTML 7Page - Vincotech V23990-K427-A40-PM Datasheet HTML 8Page - Vincotech V23990-K427-A40-PM Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
V23990-K427-A40-PM
Parameter
Symbol
Unit
VGE [V] or
VGS [V]
Vr [V]
or
VCE [V] or
VDS [V]
IC [A] or
IF [A] or
ID [A]
Tj
Min
Typ
Max
Tj=25°C
0,8
1,34
1,35
Tj=125°C
1,27
Tj=25°C
0,85
Tj=125°C
0,75
Tj=25°C
14
Tj=125°C
15
Tj=25°C
0,1
Tj=125°C
1,1
Thermal resistance chip to heatsink per chip
RthJH
0,90
Tj=25°C
5
5,8
6,5
Tj=150°C
Tj=25°C
1,6
1,87
2,1
Tj=150°C
2,30
Tj=25°C
0,005
Tj=150°C
Tj=25°C
120
Tj=150°C
Tj=25°C
78
Tj=150°C
79
Tj=25°C
24
Tj=150°C
29
Tj=25°C
196
Tj=150°C
268
Tj=25°C
77
Tj=150°C
131
Tj=25°C
2,54
Tj=150°C
3,84
Tj=25°C
1,92
Tj=150°C
3,18
Thermal resistance chip to heatsink per chip
RthJH
0,85
Tj=25°C
2,37
2,62
Tj=150°C
2,35
2,62
Tj=25°C
16
Tj=150°C
23
Tj=25°C
336
Tj=150°C
550
Tj=25°C
2,20
Tj=150°C
5,36
di(rec)max
Tj=25°C
63
/dt
Tj=150°C
67
Tj=25°C
0,77
Tj=150°C
2,07
Thermal resistance chip to heatsink per chip
RthJH
1,2
E
Vincotech NTC Reference
1,731*10-5
1/K²
7,635*10-3
1/K
B-value
B(25/100) Tol. %
T=25°C
T=25°C
A-value
B(25/50) Tol. %
Thermal grease
thickness≤50µm
λ=1W/mK
Thermal grease
thickness≤50µm
λ=1W/mK
K/W
A
±15
V
ns
35
-
V
V
nC
%
-3
T=25°C
1670,313
3
VCE=VGE
f=1MHz
Rgoff=16
±15
0
0
±15
tr
td(off)
QGate
Qrr
trr
Erec
Reverse transfer capacitance
IGES
VGE(th)
VCE(sat)
ICES
Coss
Rgint
tf
Eon
Cies
Eoff
IRRM
td(on)
Crss
VF
Input capacitance
Output capacitance
Turn-off energy loss per pulse
Collector-emitter saturation voltage
Turn-on energy loss per pulse
Collector-emitter cut-off current incl. Diode
Value
Conditions
Characteristic Values
Forward voltage
Threshold voltage (for power loss calc. only)
Slope resistance (for power loss calc. only)
VF
Vto
rt
D8,D9,D10,D11,D12,D13
35
35
35
K/W
V
V
m
mA
Reverse current
Ir
115
A/µs
Rgon=16
20
15
35
35
600
Diode forward voltage
Gate charge
Reverse recovery time
Reverse recovered energy
Peak rate of fall of recovery current
Reverse recovered charge
D1,D2,D3,D4,D5,D6,D7
Peak reverse recovery current
Fall time
Turn-off delay time
Turn-on delay time
Rise time
Gate-emitter leakage current
Integrated Gate resistor
T1,T2,T3,T4,T5,T6,T7
Gate emitter threshold voltage
35
0,0008
40
600
25
0
600
960
mW/K
T=25°C
T=100°C
1000
R100
P
T=100°C
Rated resistance
R
Power dissipation constant
Deviation of R100
∆R/R
R100=1670
1500
Thermal grease
thickness≤50µm
λ=1W/mK
Thermistor
Rgoff=16
Tj=25°C
Tj=25°C
K/W
µC
mWs
pF
mWs
1950
155
203
mA
ns
nA
copyright Vincotech
3
Revision: 1.1


Similar Part No. - V23990-K427-A40-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K420-A40-0A-PM VINCOTECH-V23990-K420-A40-0A-PM Datasheet
1Mb / 18P
   Solderless interconnection
V23990-K420-A40-0B-PM VINCOTECH-V23990-K420-A40-0B-PM Datasheet
1Mb / 18P
   Solderless interconnection
V23990-K420-A40-1A-PM VINCOTECH-V23990-K420-A40-1A-PM Datasheet
1Mb / 18P
   Solderless interconnection
V23990-K420-A40-1B-PM VINCOTECH-V23990-K420-A40-1B-PM Datasheet
1Mb / 18P
   Solderless interconnection
V23990-K420-A40-P1-14 VINCOTECH-V23990-K420-A40-P1-14 Datasheet
458Kb / 22P
   Solderless interconnection
More results

Similar Description - V23990-K427-A40-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P707-F40-P1-14 VINCOTECH-V23990-P707-F40-P1-14 Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 Technology
V23990-K220-A41-PM VINCOTECH-V23990-K220-A41-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
10-FZ127PA015SC-L158E08 VINCOTECH-10-FZ127PA015SC-L158E08 Datasheet
1Mb / 28P
   Trench Fieldstop IGBT4 Technology
V23990-K229-A40-PM VINCOTECH-V23990-K229-A40-PM Datasheet
4Mb / 16P
   Trench Fieldstop IGBT4 technology
V23990-K429-A40-PM VINCOTECH-V23990-K429-A40-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
30-F2127PA075SC-L178E09 VINCOTECH-30-F2127PA075SC-L178E09 Datasheet
2Mb / 30P
   Trench Fieldstop IGBT4 Technology
V23990-K209-A40-PM VINCOTECH-V23990-K209-A40-PM Datasheet
3Mb / 17P
   Trench Fieldstop IGBT4 technology
V23990-K428-A40-PM VINCOTECH-V23990-K428-A40-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
V23990-K229-A41-PM VINCOTECH-V23990-K229-A41-PM Datasheet
1Mb / 18P
   Trench Fieldstop IGBT4 technology
V23990-P709-F40-P1-14 VINCOTECH-V23990-P709-F40-P1-14 Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 Technology
30-F2127PA100SC-L179E09 VINCOTECH-30-F2127PA100SC-L179E09 Datasheet
1Mb / 30P
   Trench Fieldstop IGBT4 Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com