Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-K428-A60-1A-PM Datasheet(PDF) 7 Page - Vincotech

Part # V23990-K428-A60-1A-PM
Description  Mitsubishi Generation 6.1 technology
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-K428-A60-1A-PM Datasheet(HTML) 7 Page - Vincotech

Back Button V23990-K428-A60-1A-PM Datasheet HTML 3Page - Vincotech V23990-K428-A60-1A-PM Datasheet HTML 4Page - Vincotech V23990-K428-A60-1A-PM Datasheet HTML 5Page - Vincotech V23990-K428-A60-1A-PM Datasheet HTML 6Page - Vincotech V23990-K428-A60-1A-PM Datasheet HTML 7Page - Vincotech V23990-K428-A60-1A-PM Datasheet HTML 8Page - Vincotech V23990-K428-A60-1A-PM Datasheet HTML 9Page - Vincotech V23990-K428-A60-1A-PM Datasheet HTML 10Page - Vincotech V23990-K428-A60-1A-PM Datasheet HTML 11Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
V23990-K428-A60-PM
Figure 13
D1,D2,D3,D4,D5,D6,D7 FWD
Figure 14
D1,D2,D3,D4,D5,D6,D7 FWD
Typical reverse recovery charge as a
Typical reverse recovery charge as a
function of collector current
function of IGBT turn on gate resistor
Qrr = f(IC)
Qrr = f(Rgon)
At
At
At
Tj =
25/151
°C
Tj =
25/151
°C
VCE =
600
V
VR =
600
V
VGE =
±15
V
IF =
50
A
Rgon =
16
VGE =
±15
V
Figure 15
D1,D2,D3,D4,D5,D6,D7 FWD
Figure 16
D1,D2,D3,D4,D5,D6,D7 FWD
Typical reverse recovery current as a
Typical reverse recovery current as a
function of collector current
function of IGBT turn on gate resistor
IRRM = f(IC)
IRRM = f(Rgon)
At
At
Tj =
25/151
°C
Tj =
25/151
°C
VCE =
600
V
VR =
600
V
VGE =
±15
V
IF =
50
A
Rgon =
16
VGE =
±15
V
T1,T2,T3,T4,T5,T6,T7 / D1,D2,D3,D4,D5,D6,D7
IRRM
IRRM
0
25
50
75
100
125
0
16
32
48
64
80
R gon ( Ω
Ω )
Qrr
Qrr
0
3
6
9
12
15
0
16
32
48
64
80
R gon ( Ω)
IRRM
IRRM
0
25
50
75
100
125
0
25
50
75
100
I C (A)
Qrr
Qrr
0
3
6
9
12
15
18
0
25
50
75
100
I C (A)
25/150
25/150
25/150
25/150
7
Revision: 1.1
Copyright by Vincotech


Similar Part No. - V23990-K428-A60-1A-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K428-A40-0A-PM VINCOTECH-V23990-K428-A40-0A-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
V23990-K428-A40-0B-PM VINCOTECH-V23990-K428-A40-0B-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
V23990-K428-A40-1A-PM VINCOTECH-V23990-K428-A40-1A-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
V23990-K428-A40-1B-PM VINCOTECH-V23990-K428-A40-1B-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
V23990-K428-A40-D3-14 VINCOTECH-V23990-K428-A40-D3-14 Datasheet
402Kb / 22P
   Industrial Drives
More results

Similar Description - V23990-K428-A60-1A-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K420-A60-PM VINCOTECH-V23990-K420-A60-PM Datasheet
608Kb / 5P
   Mitsubishi Generation 6.1 technology
V23990-K429-A60-PM VINCOTECH-V23990-K429-A60-PM Datasheet
2Mb / 18P
   Mitsubishi Generation 6.1 technology
logo
International Rectifier
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRF7207TR IRF-IRF7207TR Datasheet
91Kb / 7P
   Generation 5 Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com