Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2480B Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS2480B
Description  Serial to 1-Wire Line Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2480B Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS2480B_15 Datasheet HTML 1Page - Maxim Integrated Products DS2480B_15 Datasheet HTML 2Page - Maxim Integrated Products DS2480B_15 Datasheet HTML 3Page - Maxim Integrated Products DS2480B_15 Datasheet HTML 4Page - Maxim Integrated Products DS2480B_15 Datasheet HTML 5Page - Maxim Integrated Products DS2480B_15 Datasheet HTML 6Page - Maxim Integrated Products DS2480B_15 Datasheet HTML 7Page - Maxim Integrated Products DS2480B_15 Datasheet HTML 8Page - Maxim Integrated Products DS2480B_15 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
DS2480B
into eight 1-Wire time slots, thereby increasing the data throughput significantly. In addition, the
DS2480B can be set to communicate at four different data rates, including 115.2kbps, 57.6kbps, and
19.2kbps, with 9.6kbps being the power-on default. Command codes received from the host’s crystal
controlled UART serve as a reference to continuously calibrate the on-chip timing generator. The
DS2480B uses a unique protocol that merges data and control information without requiring control pins.
This approach maintains compatibility to off-the-shelf serial to wireless converters, allowing easy
realization of 1-Wire media jumpers. The various control functions of the DS2480B are optimized for 1-
Wire networks and support the special needs of all current 1-Wire devices including EPROM-based add-
only memories, EEPROM devices, and 1-Wire thermometers. See Application Note 192: Using the
DS2480B Serial 1-Wire Driver for detailed software examples.
DETAILED PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1
GND
Ground Pin. Common ground reference and ground return for 1-Wire bus
2
1-W
1-Wire Input/Output Pin. 1-Wire bus with slew-rate-controlled pulldown,
active pullup, ability to switch in VPP to program EPROM, and ability to switch
in VDD through a low-impedance path to program EEPROM, or perform a
temperature conversion.
3
N.C.
No Connection
4
VDD
Power Input Pin. Power supply for the chip and 1-Wire pullup voltage, 5V
±10%, must always be lower than or equal to VPP. VDD should be derived from
VPP by a separate voltage regulator whenever possible.
5
VPP
EPROM Programming Voltage. 12V supply input for EPROM programming.
If EPROM programming is not required, connect this pin directly to the system’s
5V supply.
6
POL
RXD/TXD Polarity Select. RXD/TXD polarity select; tied to GND for RS232
(12V or 5V) connection; tied to VDD for direct connection to UART chip.
7
TXD
Serial Data from UART. Data input from host (inverted or true); maximum
voltage swing -0.3V to VDD + 0.3V; for logic thresholds see DC specifications.
8
RXD
Serial Data to UART. Signal output to host; push-pull driver with CMOS
compatible levels; for true
±12V RS232 systems an external level translator must
be provided.
OVERVIEW
The DS2480B directly interfaces a 5V serial communication port with its lines TXD (transmit) and RXD
(receive) to a 1-Wire bus. In addition the device performs a speed conversion allowing the data rate at the
communication port to be different from the 1-Wire data rate. Several parameters relating to the 1-Wire
port and its timing as well as the communication speed at both the port and the 1-Wire bus are
configurable. The circuit to achieve these functions is outlined in the block diagram (see Figure 1).
The device gets its input data from the serial communication port of the host computer through pin TXD.
For compatibility with active-high as well as active-low systems, the incoming signal can be inverted by
means of the polarity input POL. The polarity chosen by hard-wiring the logic level of this pin is also
valid for the output pin RXD. If for minimizing the interface hardware an asymmetry between RXD and
TXD is desired, this can be achieved by setting the most significant bit of the speed control parameter to a
1 (see Configuration Parameter Value Codes). With the MS bit of the speed control set to 1, the polarity
at TXD is still selected by the logic level at POL, but the polarity at RXD will be the opposite of what the
logic level at POL specifies.
Maxim Integrated ............................................................................................................................................................................................. 2


Similar Part No. - DS2480B_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2480B++ MAXIM-DS2480B+ Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
DS2480B+R MAXIM-DS2480B+R Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
DS2480B+T MAXIM-DS2480B+T Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
logo
Dallas Semiconductor
DS2480BS DALLAS-DS2480BS Datasheet
411Kb / 30P
   Serial 1-Wire Line Driver with Load Sensor
More results

Similar Description - DS2480B_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2480B MAXIM-DS2480B Datasheet
700Kb / 32P
   Serial to 1-Wire Line Driver
5/10
logo
Dallas Semiconductor
DS2480 DALLAS-DS2480 Datasheet
185Kb / 26P
   Serial 1.Wire Line Driver
DS2480B DALLAS-DS2480B Datasheet
411Kb / 30P
   Serial 1-Wire Line Driver with Load Sensor
logo
Texas Instruments
CDC341 TI-CDC341 Datasheet
102Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
SN54CDC341 TI1-SN54CDC341 Datasheet
165Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC341DWR TI-CDC341DWR Datasheet
279Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC340 TI-CDC340 Datasheet
104Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC111_15 TI-CDC111_15_15 Datasheet
124Kb / 9P
[Old version datasheet]   1-LINE TO 9-LINE DIFFERENTIAL LVPECL CLOCK DRIVER
CDC111 TI-CDC111 Datasheet
96Kb / 7P
[Old version datasheet]   1-LINE TO 9-LINE DIFFERENTIAL LVPECL CLOCK DRIVER
CDC329A TI-CDC329A Datasheet
105Kb / 7P
[Old version datasheet]   1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com