Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1968 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1968
Description  Power Drivers for Peltier TEC Modules
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1968 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1968_15 Datasheet HTML 1Page - Maxim Integrated Products MAX1968_15 Datasheet HTML 2Page - Maxim Integrated Products MAX1968_15 Datasheet HTML 3Page - Maxim Integrated Products MAX1968_15 Datasheet HTML 4Page - Maxim Integrated Products MAX1968_15 Datasheet HTML 5Page - Maxim Integrated Products MAX1968_15 Datasheet HTML 6Page - Maxim Integrated Products MAX1968_15 Datasheet HTML 7Page - Maxim Integrated Products MAX1968_15 Datasheet HTML 8Page - Maxim Integrated Products MAX1968_15 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MAX1968/MAX1969
Power Drivers for Peltier TEC Modules
Maxim Integrated | 2
www.maximintegrated.com
Absolute Maximum Ratings
Electrical Characteristics
(VDD = PVDD1 = PVDD2 = SHDN = 5V, PGND1 = PGND2 = FREQ = GND, CTLI = MAXV = MAXIP = MAXIN = REF, CREF = 1µF,
CCOMP = 0.1µF, LLX_ = 3.3µH, CCS = COS2 = 1µF, ITEC < 3ARMS (MAX1968), ITEC < 6ARMS (MAX1969), TA = 0°C to +85°C, unless
otherwise noted. Typical values are at TA = +25
°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
SHDN, MAXV, MAXIP, MAXIN, CTLI,
FREQ to GND .......................................................-0.3V to +6V
COMP, OS1, OS2, CS, REF,
ITEC to GND ...........................................-0.3V to (VDD + 0.3V)
PVDD1, PVDD2 to GND ...............................-0.3V to (VDD + 0.3V)
PVDD1, PVDD2 to VDD ..................................................-0.3V to +0.3V
PGND1, PGND2 to GND .......................................-0.3V to +0.3V
COMP, REF, ITEC Short to GND ...................................Indefinite
Peak LX Current (MAX1968) (Note 1).................................±4.5A
Peak LX Current (MAX1969) (Note 1)....................................+9A
Continuous Power Dissipation (TA = +70°C)
28-Pin TSSOP-EP (derate 23.8mW/°C above +70°C).....1.9W
Operating Temperature Range ...........................-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering 10s) ..................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply Range
VDD
3.0
5.5
V
VDD = 5V, ITEC = 0 to
±3A,
VOUT = VOS1 - VOS2 (MAX1968)
-4.3
+4.3
VDD = 5V, ITEC = 0 to 6A,
VOUT = VOS1 (MAX1969)
4.3
VDD = 3V, ITEC = 0 to
±3A,
VOUT = VOS1 - VOS2 (MAX1968)
-2.3
+2.3
Output Voltage Range
VOUT
VDD = 3V, ITEC = 0 to 6A,
VOUT = VOS1 (MAX1969)
2.3
V
MAX1968
±3
Maximum TEC
Current
ITEC(MAX)
MAX1969
6
A
Reference Voltage
VREF
VDD = 3V to 5.5V, IREF = 150µA
1.485
1.500
1.515
V
Reference Load
Regulation
ΔVREF
VDD = 3V to 5.5V, IREF = +10µA to -1mA
1.2
5
mV
VMAXI_ = VREF
140
150
160
VOS1 < VCS
VMAXI_ = VREF/3
40
50
60
VMAXI_ = VREF
140
150
160
Current-Sense
Threshold Accuracy
VOS1 > VCS
VMAXI_ = VREF/3
40
50
60
mV
Switch-Fault Reset
Voltage
50
150
250
mV
VDD = 5V, I = 0.5A
0.04
0.07
NFET On-Resistance
RDS(ON-N)
VDD = 3V, I = 0.5A
0.06
0.08
Ω
VDD = 5V, I = 0.5A
0.06
0.10
PFET On-Resistance
RDS(ON-P)
VDD = 3V, I = 0.5A
0.09
0.12
Ω
VLX = VDD = 5V, TA = +25°C
0.02
10
NFET Leakage
ILEAK(N)
VLX = VDD = 5V, TA = +85°C
1
µA
Note 1: LX has internal clamp diodes to PGND and PVDD_. Applications that forward bias these diodes should take care not to
exceed the IC’s package power dissipation limits.


Similar Part No. - MAX1968_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1968-MAX1969 MAXIM-MAX1968-MAX1969 Datasheet
368Kb / 16P
   Power Drivers for Peltier TEC Modules
19-2447; Rev 0; 4/02
MAX1968EUI MAXIM-MAX1968EUI Datasheet
368Kb / 16P
   Power Drivers for Peltier TEC Modules
19-2447; Rev 0; 4/02
MAX1968EUI MAXIM-MAX1968EUI Datasheet
455Kb / 16P
   Power Drivers for Peltier TEC Modules
Rev 2; 2/07
MAX1968 MAXIM-MAX1968_07 Datasheet
455Kb / 16P
   Power Drivers for Peltier TEC Modules
Rev 2; 2/07
More results

Similar Description - MAX1968_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1968 MAXIM-MAX1968_07 Datasheet
455Kb / 16P
   Power Drivers for Peltier TEC Modules
Rev 2; 2/07
MAX1968 MAXIM-MAX1968 Datasheet
368Kb / 16P
   Power Drivers for Peltier TEC Modules
19-2447; Rev 0; 4/02
MAX8520 MAXIM-MAX8520_08 Datasheet
337Kb / 18P
   Smallest TEC Power Drivers for Optical Modules
Rev 1; 12/08
MAX8520 MAXIM-MAX8520 Datasheet
605Kb / 19P
   Smallest TEC Power Drivers for Optical Modules
Rev 0; 10/02
MAX8520 MAXIM-MAX8520_11 Datasheet
342Kb / 18P
   Smallest TEC Power Drivers for Optical Modules Low Profile Design
Rev 2; 2/11
MAX1978 MAXIM-MAX1978_10 Datasheet
321Kb / 20P
   Integrated Temperature Controllers for Peltier Modules
Rev 2; 1/10
MAX1978 MAXIM-MAX1978 Datasheet
620Kb / 20P
   Integrated Temperature Controllers for Peltier Modules
19-2490; Rev 0; 7/02
logo
Analog Technologies, In...
TEC14MEV1.0 ANALOGTECHNOLOGIES-TEC14MEV1.0 Datasheet
1Mb / 8P
   Evaluation Board for TEC Controllers
6/9/2022
logo
CUI INC
CP85H CUI-CP85H_17 Datasheet
625Kb / 7P
   PELTIER MODULE
CP40 CUI-CP40 Datasheet
775Kb / 11P
   PELTIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com