Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX207E Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX207E
Description  짹15kV ESD-Protected,5V RS-232 Transceivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX207E Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX207E Datasheet HTML 1Page - Maxim Integrated Products MAX207E Datasheet HTML 2Page - Maxim Integrated Products MAX207E Datasheet HTML 3Page - Maxim Integrated Products MAX207E Datasheet HTML 4Page - Maxim Integrated Products MAX207E Datasheet HTML 5Page - Maxim Integrated Products MAX207E Datasheet HTML 6Page - Maxim Integrated Products MAX207E Datasheet HTML 7Page - Maxim Integrated Products MAX207E Datasheet HTML 8Page - Maxim Integrated Products MAX207E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Maxim Integrated | 4
www.maximintegrated.com
MAX202E–MAX213E,
MAX232E/MAX241E
±15kV ESD-Protected,
5V RS-232 Transceivers
Typical Operating Characteristics
5.0
0
MAX232E
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
5.5
6.0
6.5
7.0
7.5
8.0
1000
2000
3000
4000
5000
VCC = 5.5V
ALL TRANSMITTERS LOADED
DATA RATE = 120kbps
RL = 3k
Ω
VCC = 4.5V
VCC = 5.0V
5.0
0
MAX202E/MAX203E
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
5.5
6.0
6.5
7.0
7.5
8.0
1000
2000
3000
4000
5000
VCC = 5.5V
VCC = 4.5V
VCC = 5.0V
ALL TRANSMITTERS LOADED
DATA RATE = 120kbps
RL = 3k
Ω
5.0
0
MAX241E
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
5.5
6.0
6.5
7.0
7.5
8.0
1000
2000
3000
4000
5000
VCC = 4.5V
VCC = 5.5V
VCC = 5.0V
ALL TRANSMITTERS LOADED
DATA RATE = 120kbps
RL = 3k
Ω
5.0
0
MAX211E/MAX213E
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
5.5
6.0
6.5
7.0
7.5
8.0
1000
2000
3000
4000
5000
VCC = 4.5V
VCC = 5.5V
VCC = 5.0V
ALL TRANSMITTERS LOADED
DATA RATE = 120kbps
RL = 3k
Ω
0
0
MAX211E/MAX213E/MAX241E
TRANSMITTER SLEW RATE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
5
10
15
20
25
30
1000
2000
3000
4000
5000
+SLEW RATE
-SLEW RATE
ALL TRANSMITTERS LOADED
DATA RATE = 120kbps
RL = 3k
Ω


Similar Part No. - MAX207E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX207E MAXIM-MAX207E Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX207E AD-MAX207E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX207EAG MAXIM-MAX207EAG Datasheet
580Kb / 20P
   5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
MAX207EAG MAXIM-MAX207EAG Datasheet
2Mb / 23P
   5V, RS-232 Transceivers with 0.1關F External Capacitors
Rev 7; 12/05
MAX207EAG MAXIM-MAX207EAG Datasheet
1Mb / 23P
   5V, RS-232 Transceivers with 0.1muF External Capacitors
Rev 7; 12/05
More results

Similar Description - MAX207E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Maxim Integrated Produc...
MAX3228E MAXIM-MAX3228E Datasheet
251Kb / 15P
   짹15kV ESD-Protected @.5V to %.5V RS-232 Transceivers in UCSP
19-2139; Rev 0; 8/01
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
ISL81334 INTERSIL-ISL81334_07 Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com