Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG540AP Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part # DG540AP
Description  Wideband/Video T Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG540AP Datasheet(HTML) 5 Page - TEMIC Semiconductors

  DG540AP Datasheet HTML 1Page - TEMIC Semiconductors DG540AP Datasheet HTML 2Page - TEMIC Semiconductors DG540AP Datasheet HTML 3Page - TEMIC Semiconductors DG540AP Datasheet HTML 4Page - TEMIC Semiconductors DG540AP Datasheet HTML 5Page - TEMIC Semiconductors DG540AP Datasheet HTML 6Page - TEMIC Semiconductors DG540AP Datasheet HTML 7Page - TEMIC Semiconductors DG540AP Datasheet HTML 8Page - TEMIC Semiconductors DG540AP Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DG540/541/542
Siliconix
S-53694—Rev. E, 28-May-97
5
Typical Characteristics
Supply Curent vs. Temperature
ID(off), IS(off) vs. Temperature
rDS(on) vs. Drain Voltage
V+ Constant
V– Constant
Temperature (
_C)
Temperature (
_C)
VD – Drain Voltage (V)
V– – Negative Supply (V)
V+ – Positive Supply (V)
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–55
–35 –15
5
25
45
65
85
105 125
IGND
0
–55
125
100 nA
10 nA
1 nA
100 pA
10 pA
1 pA
0.1 pA
–25
25
50
75
100
160
140
120
100
80
60
40
20
0
–3
–1
1
3
5
7
9
11
V+ = 15 V
V– = –3 V
125
_C
–55
_C
42
40
38
36
34
32
30
20
18
10 11 12 13 14 15 16
42
40
38
36
34
32
30
20
18
–5 –4 –3
–2 –1
0
V+ = 12 V
V+ = 15 V
V– = –5 V
V– = –1 V
V+ = 10 V
I–
I+
25
_C
V– = –3 V
On Capacitance
Off Isolation
VD – Drain Voltage (V)
f – Frequency (MHz)
22
20
18
16
14
12
10
8
6
0
2
4
6
8
10
12
14
1
10
100
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
DG541
DG540
DG542


Similar Part No. - DG540AP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG540AP VISHAY-DG540AP Datasheet
146Kb / 11P
   Wideband/Video T Switches
S-00399-Rev. G, 13-Sep-99
DG540AP VISHAY-DG540AP Datasheet
243Kb / 18P
   Wideband/Video "T" Switches
Rev. H, 18-Jul-11
DG540AP-883 VISHAY-DG540AP-883 Datasheet
243Kb / 18P
   Wideband/Video "T" Switches
Rev. H, 18-Jul-11
DG540AP/883 VISHAY-DG540AP/883 Datasheet
146Kb / 11P
   Wideband/Video T Switches
S-00399-Rev. G, 13-Sep-99
More results

Similar Description - DG540AP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG540 VISHAY-DG540 Datasheet
146Kb / 11P
   Wideband/Video T Switches
S-00399-Rev. G, 13-Sep-99
DG540 VISHAY-DG540_11 Datasheet
243Kb / 18P
   Wideband/Video "T" Switches
Rev. H, 18-Jul-11
DG540 VISHAY-DG540_V01 Datasheet
253Kb / 18P
   Wideband/Video ?쏷??Switches
08-Feb-17
DG641 VISHAY-DG641_11 Datasheet
321Kb / 18P
   Low On-Resistance Wideband/Video Switches
Rev. F, 31-Jan-11
DG642DJ-E3 VISHAY-DG642DJ-E3 Datasheet
327Kb / 18P
   Low On-Resistance Wideband/Video Switches
Rev. F, 31-Jan-11
DG641 VISHAY-DG641 Datasheet
103Kb / 10P
   Low On-Resistance Wideband/Video Switches
Rev. E, 06-Sep-99
DG641 VISHAY-DG641_V01 Datasheet
260Kb / 17P
   Low On-Resistance Wideband/Video Switches
08-Feb-17
logo
Calogic, LLC
LH4002A CALOGIC-LH4002A Datasheet
53Kb / 5P
   Wideband Video Buffer
logo
Analog Devices
AD8107 AD-AD8107_15 Datasheet
580Kb / 28P
   Video Crosspoint Switches
REV. 0
AD8106 AD-AD8106_16 Datasheet
416Kb / 22P
   Video Crosspoint Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com