Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3223EAP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3223EAP
Description  3V to 5.5V RS-232 Transceivers with AutoShutdown
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3223EAP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3223EAP Datasheet HTML 1Page - Maxim Integrated Products MAX3223EAP Datasheet HTML 2Page - Maxim Integrated Products MAX3223EAP Datasheet HTML 3Page - Maxim Integrated Products MAX3223EAP Datasheet HTML 4Page - Maxim Integrated Products MAX3223EAP Datasheet HTML 5Page - Maxim Integrated Products MAX3223EAP Datasheet HTML 6Page - Maxim Integrated Products MAX3223EAP Datasheet HTML 7Page - Maxim Integrated Products MAX3223EAP Datasheet HTML 8Page - Maxim Integrated Products MAX3223EAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Maxim Integrated | 2
www.maximintegrated.com
MAX3221/MAX3223/MAX3243
+3V to +5.5V RS-232 Transceivers
with AutoShutdown
Absolute Maximum Ratings
Electrical Characteristics
(VCC = +3.0V to +5.5V, C1–C4 = 0.1µF (Note 2), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC ...........................................................................-0.3V to +6V
V+ (Note 1) ...............................................................-0.3V to +7V
V- (Note 1) ...............................................................+0.3V to -7V
V+ +
|V-| (Note 1).................................................................+13V
Input Voltages
T_IN, FORCEOFF, FORCEON, EN (MAX3223) ......-0.3V to +6V
R_IN ...................................................................................±25V
Output Voltages
T_OUT.............................................................................±13.2V
R_OUT, INVALID ......................................-0.3V to (VCC + 0.3V)
Short-Circuit Duration
T_OUT ......................................................................Continuous
Continuous Power Dissipation (TA = +70°C)
16-Pin SSOP (derate 7.14mW/°C above +70°C) ...........571mW
16-Pin TSSOP (derate 6.70mW/°C above +70°C) .........533mW
20-Pin Plastic DIP (derate 11.11mW/°C above +70°C)....889mW
20-Pin SSOP (derate 8.00mW/°C above +70°C) ...........640mW
20-Pin TSSOP DIP (derate 7.00mW/°C above +70°C).....559mW
28-Pin Wide SO (derate 12.50mW/°C above +70°C) ............1W
28-Pin SSOP (derate 9.52mW/°C above +70°C) ...........762mW
28-Pin TSSOP (derate 8.70mW/°C above +70°C) .........696mW
Operating Temperature Ranges
MAX32_ _C_ _.......................................................0°C to +70°C
MAX32_ _E_ _ ....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 13V.
IOUT = 1.6mA
Receivers disabled
T_IN, EN, FORCEON, FORCEOFF
T_IN, EN, FORCEON, FORCEOFF
T_IN, FORCEON, FORCEOFF, EN (MAX3223)
IOUT = -1.0mA
CONDITIONS
V
VCC - 0.6
VCC - 0.1
Output Voltage High
V
0.4
Output Voltage Low
µA
±0.05
±10
Output Leakage Current
µA
±0.01
±1.0
Input Leakage Current
V
2.4
Input Logic Threshold High
µA
1.0
10
V
0.8
Input Logic Threshold Low
UNITS
MIN
TYP
MAX
PARAMETER
VCC = 3.3V
VCC = 5.0V
2.0
Supply Current, AutoShutdown
Supply Current, Shutdown
µA
1.0
10
Supply Current,
AutoShutdown Disabled
VCC = 3.3V
or 5.0V,
TA = +25°C
mA
0.3
1.0
2.7
Receiver Positive or Negative
Threshold to INVALID High (tINVH)
Figure 5
µs
1
Receiver Threshold to
Transmitters Enabled (tWU)
Figure 5
µs
250
Receiver Positive or Negative
Threshold to INVALID Low (tINVL)
Figure 5
µs
30
Receiver Input Thresholds to
Transmitters Enabled
Figure 5
V
-2.7
INVALID Output Voltage Low
IOUT = 1.6mA
V
0.4
Receiver Input Thresholds to
Transmitters Disabled
1µA supply current, Figure 5
V
-0.3
0.3
Positive threshold
Negative threshold
INVALID Output Voltage High
IOUT = -1.0mA
V
VCC - 0.6
DC CHARACTERISTICS
LOGIC INPUTS AND RECEIVER OUTPUTS
AUTOSHUTDOWN (FORCEON = GND, FORCEOFF = VCC)
All R_IN open, FORCEON = GND,
FORCEOFF = VCC
FORCEOFF = GND
FORCEON = FORCEOFF = VCC,
no load


Similar Part No. - MAX3223EAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3223EAP MAXIM-MAX3223EAP Datasheet
318Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99
MAX3223EAP MAXIM-MAX3223EAP Datasheet
454Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
MAX3223EAP MAXIM-MAX3223EAP Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
More results

Similar Description - MAX3223EAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221_V01 Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
MAX3221 MAXIM-MAX3221_03 Datasheet
454Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
logo
3PEAK INC.
TPT3232E 3PEAK-TPT3232E Datasheet
585Kb / 10P
   3V to 5.5V, 250kbps RS-232 Transceivers
Rev. B.1
logo
AiT Semiconductor Inc.
A3232 AITSEMI-A3232 Datasheet
455Kb / 8P
   A3232INTERFACE 3V TO 5.5V, 250kbps RS-232 TRANSCEIVERS
REV1.0 - JULY 2022
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221 Datasheet
318Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99
MAX3221E MAXIM-MAX3221E Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
MAX3224 MAXIM-MAX3224_11 Datasheet
251Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3221E MAXIM-MAX3221E_14 Datasheet
659Kb / 19P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3224 MAXIM-MAX3224 Datasheet
235Kb / 20P
   1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 1; 3/98
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com