Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M203E2S2A32 Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M203E2S2A32
Description  General Specifications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M203E2S2A32 Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  M203E2S2A32 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M203E2S2A32 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M203E2S2A32 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M203E2S2A32 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M203E2S2A32 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M203E2S2A32 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M203E2S2A32 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M203E2S2A32 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M203E2S2A32 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TYPICAL SWITCH ORDERING EXAMPLE
www.nkk.com
A1
Series M
Angle PC Mount Miniature Toggles
www.nkk.com
A1
A
A
M20
Gold Contacts
with 0.4VA Rating
.200” (5.08mm) Bat Toggle
Contact Materials & Ratings
W
Silver; Rated
6A @ 125V AC & 3A @ 250V AC
G
Gold; Rated
0.4VA max @ 28V AC/DC max
A
Gold over Silver; Rated
6A @ 125V AC & 0.4VA max @
28V AC/DC max
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
M2012S2A2G40
SPDT
ON-NONE-ON Circuit
Terminals
30
.150” (3.81mm)
Right Angle PC (1-3 Pole)
32
Right Angle PCB
(1 Pole & 0.4VA Rating Only)
40
.150” (3.81mm)
Vertical PC (1-4 Pole)
45
.100” (2.54mm)
Vertical PC (1-4 Pole)
.280” (7.1mm)
Smooth Bushing with Keyway
Vertical PC Terminals with
.150” (3.81mm) Terminal Spacing
Small Bushings
A2
.280” (7.1mm) Smooth with Keyway
S2
.350” (8.9mm) Smooth with Keyway
A1
.280” (7.1mm) Threaded with Keyway
S1
.350” (8.9mm) Threaded with Keyway
Bushing For Locking Levers
L2
Smooth with Keyway for Lever Lock
Locking Lever
L
.201” (5.1mm) Dia. Locking Lever
Optional Caps
B
For S Bat Toggle
C
Conical Cap for S Bat Toggle
Cap Colors
A
Black
B
White
C
Red
E
Yellow
F
Green
G
Blue
A2
S2
1
G
40
2
Circuits
2
ON
NONE
ON
3
ON
OFF
ON
5
ON
NONE (ON)
8 (ON)
OFF
(ON)
9
ON
OFF
(ON)
4
ON
ON
ON
6 (ON)
ON
(ON)
7
ON
ON
(ON)
( ) = Momentary
3-ON circuits available
with double and
four pole bases only
*
*
*
*
Small Toggles
S
.413” (10.5mm) Bat
S2
.200” (5.08mm) Bat
S3
.256” (6.5mm) Bat
E
.450” (11.4mm) Flatted
E2
.256” (6.5mm) Flatted
Toggle dimensions are based on use with
a .350” (8.9mm) bushing; add .070”
(1.78mm) to toggle length when combin-
ing with a .280” (7.1mm) bushing.
Standard Toggle, Bushing, & Terminal Combinations:
S2A2G30, S2A2G40, SS2G30, SS2G40,
LL2G30, & LL2G40
Poles
1
SPDT
2
DPDT
SP3T
3
3PDT
4
4PDT
DP3T
4-pole available
on vertical
models only.
*
*
Cap for Locking Lever
No
Code
Nickel Plated Supplied
with Switch
A
Black
C
Red
G
Blue
IMPORTANT:
Switches are supplied without UL,
cULus & CSA marking unless specified.
UL, cULus & CSA recognized only when
ordered with marking on the switch.
Specific models, ratings, & ordering in-
structions are noted on General Specifi-
cations page.


Similar Part No. - M203E2S2A32

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M2030 MTRONPTI-M2030 Datasheet
714Kb / 2P
   3.2 x 5.0 x 1.3 mm, HCMOS Compatible, Surface Mount Oscillators
logo
M/A-COM Technology Solu...
M2031 MA-COM-M2031 Datasheet
50Kb / 2P
   Printed Circuit Board Design for LSM1 VCO?셲
logo
Nihon Kaiheiki Industry...
M2031E2A1 NKK-M2031E2A1 Datasheet
1Mb / 28P
   General Specifications
M2031E2A2 NKK-M2031E2A2 Datasheet
1Mb / 28P
   General Specifications
M2031E2D1 NKK-M2031E2D1 Datasheet
1Mb / 28P
   General Specifications
More results

Similar Description - M203E2S2A32

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com