Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6920 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6920
Description  12-Output, 76V, Serial-Interfaced VFD Tube Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6920 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6920_14 Datasheet HTML 1Page - Maxim Integrated Products MAX6920_14 Datasheet HTML 2Page - Maxim Integrated Products MAX6920_14 Datasheet HTML 3Page - Maxim Integrated Products MAX6920_14 Datasheet HTML 4Page - Maxim Integrated Products MAX6920_14 Datasheet HTML 5Page - Maxim Integrated Products MAX6920_14 Datasheet HTML 6Page - Maxim Integrated Products MAX6920_14 Datasheet HTML 7Page - Maxim Integrated Products MAX6920_14 Datasheet HTML 8Page - Maxim Integrated Products MAX6920_14 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
(VCC = 5.0V, VBB = 76V, and TA = +25°C, unless otherwise noted.)
OUTPUT RISE AND
FALL WAVEFORM
MAX6920 toc11
1µs/div
BLANK
2V/div
OUT_
20V/div
OUTPUT VOLTAGE
vs. TEMPERATURE (OUTPUT LOW)
TEMPERATURE (°C)
100
80
40 60
0
20
-20
2
4
6
8
10
12
14
0
-40
120
VBB = 40V
VBB = 8V
VBB = 76V
IOUT = 4mA
OUTPUT VOLTAGE (VBB - VH)
vs. TEMPERATURE (OUTPUT HIGH)
TEMPERATURE (°C)
100
80
40 60
0
20
-20
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
-40
120
VBB = 76V
VBB = 40V
VBB = 8V
IOUT = -40mA
SUPPLY CURRENT (ICC)
vs. TEMPERATURE (OUTPUTS HIGH)
TEMPERATURE (°C)
60
10
300
350
400
450
500
550
600
250
-40
110
VCC = 5V, CLK = 5MHz
VCC = 3.3V, CLK = 5MHz
VCC = 5V, CLK = IDLE
VCC = 3.3V, CLK = IDLE
LOGIC SUPPLY CURRENT (ICC)
vs. TEMPERATURE (OUTPUTS LOW)
TEMPERATURE (°C)
100
80
40 60
0
20
-20
50
100
150
200
250
300
350
400
0
-40
120
VCC = 5V, CLK = 5MHz
VCC = 3.3V, CLK = 5MHz
VCC = 5V, CLK = IDLE
VCC = 3.3V, CLK = IDLE
TUBE SUPPLY CURRENT (IBB)
vs. TEMPERATURE (OUTPUTS HIGH)
TEMPERATURE (°C)
100
80
40 60
0
20
-20
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
-40
120
VBB = 76V
VBB = 40V
VBB = 8V
TUBE SUPPLY CURRENT (IBB)
vs. TEMPERATURE (OUTPUTS LOW)
TEMPERATURE (°C)
110
60
85
10
35
-15
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
-40
VBB = 76V
VBB = 40V
VBB = 8V
Typical Operating Characteristics
Maxim Integrated │ 4
www.maximintegrated.com
MAX6920
12-Output, 76V, Serial-Interfaced VFD Tube Driver


Similar Part No. - MAX6920_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6920AWP MAXIM-MAX6920AWP Datasheet
182Kb / 10P
   12-Output, 76V, Serial-Interfaced VFD Tube Driver
Rev 0; 10/03
More results

Similar Description - MAX6920_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6920 MAXIM-MAX6920 Datasheet
182Kb / 10P
   12-Output, 76V, Serial-Interfaced VFD Tube Driver
Rev 0; 10/03
MAX6921 MAXIM-MAX6921 Datasheet
282Kb / 14P
   20-Output, 76V, Serial-Interfaced VFD Tube Drivers
Rev 0; 10/03
MAX6921 MAXIM-MAX6921_10 Datasheet
143Kb / 13P
   20-Output, 76V, Serial-Interfaced VFD Tube Drivers
Rev 1; 4/10
MAX6922 MAXIM-MAX6922 Datasheet
1Mb / 14P
   27-, 28-, and 32-Output, 76V, Serial-Interfaced VFD Tube Drivers
Rev 3; 7/14
logo
LDT Co., Ltd
LD1970 LDT-LD1970 Datasheet
709Kb / 26P
   16 SEGMENT X 12 GRID VFD DRIVER
logo
Toshiba Semiconductor
TB2104F TOSHIBA-TB2104F_02 Datasheet
465Kb / 9P
   VFD Driver
TB2104F TOSHIBA-TB2104F Datasheet
326Kb / 8P
   VFD DRIVER
logo
Silan Microelectronics ...
SC16315 SILAN-SC16315 Datasheet
556Kb / 11P
   VFD CONTROLLER/DRIVER
logo
List of Unclassifed Man...
AD16315 ETC-AD16315 Datasheet
216Kb / 15P
   1/4-to 1/12 Duty VFD Controller/Driver
logo
SamHop Microelectronics...
SM6311 SAMHOP-SM6311 Datasheet
116Kb / 11P
   VFD CONTROLLER / DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com