Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6955AAX+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6955AAX+
Description  2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6955AAX+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6955AAX+ Datasheet HTML 1Page - Maxim Integrated Products MAX6955AAX+ Datasheet HTML 2Page - Maxim Integrated Products MAX6955AAX+ Datasheet HTML 3Page - Maxim Integrated Products MAX6955AAX+ Datasheet HTML 4Page - Maxim Integrated Products MAX6955AAX+ Datasheet HTML 5Page - Maxim Integrated Products MAX6955AAX+ Datasheet HTML 6Page - Maxim Integrated Products MAX6955AAX+ Datasheet HTML 7Page - Maxim Integrated Products MAX6955AAX+ Datasheet HTML 8Page - Maxim Integrated Products MAX6955AAX+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
MAX6955
2-Wire Interfaced, 2.7V to 5.5V
LED Display Driver with I/O
Expander and Key Scan
Maxim Integrated | 5
www.maximintegrated.com
INTERNAL OSCILLATOR FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)
110
80
50
20
-10
3.8
4.0
4.2
4.4
3.6
-40
RSET = 56k
CSET = 22pF
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
5.5
INTERNAL OSCILLATOR FREQUENCY
vs. SUPPLY VOLTAGE
3.8
4.0
4.2
4.4
3.6
RSET = 56k
CSET = 22pF
100ns/div
OSC: 500mV/div
OSC_OUT: 2V/div
MAX6954 toc03
OSC
0V
0V
OSC_OUT
INTERNAL OSCILLATOR WAVEFORM
AT OSC AND OSC_OUT PINS
RSET = 56k
CSET = 22pF
DEAD CLOCK OSCILLATOR FREQUENCY
vs. SUPPLY VOLTAGE
85
90
95
100
105
110
80
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
5.5
RSET = 56k
CSET = GND
0.94
0.96
0.98
1.00
1.02
0.92
SEGMENT SOURCE CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
5.5
VLED = 1.8V
1V/div
200
µs/div
MAX6954 toc06
O0
O18
WAVEFORM AT PINS O0 AND O18,
MAXIMUM INTENSITY
0V
0V
GPIO SINK CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
110
80
50
20
-10
5
10
15
20
25
30
35
40
45
0
-40
VCC = 5.5V
VCC = 3.3V
VCC = 2.5V
OUTPUT = LOW
VPORT = 0.6V
PORT INPUT PULLUP CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
110
80
50
20
-10
0.1
0.2
0.3
0.4
0.5
0
-40
VCC = 5.5V
VCC = 3.3V
VCC = 2.5V
OUTPUT = HIGH
VPORT = 1.4V
400
µs/div
KEY_A: 1V/div
IRQ: 2V/div
MAX6954 toc09
KEY_A
0V
0V
IRQ
KEY-SCAN OPERATION
(KEY_A AND IRQ)
Typical Operating Characteristics
(V+ = 3.3V, LED forward voltage = 2.4V, Typical Application Circuit, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX6955AAX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6955AAX MAXIM-MAX6955AAX Datasheet
552Kb / 39P
   2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 0; 7/02
More results

Similar Description - MAX6955AAX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6955 MAXIM-MAX6955 Datasheet
552Kb / 39P
   2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 0; 7/02
MAX6954 MAXIM-MAX6954 Datasheet
395Kb / 38P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 1; 10/02
MAX6954 MAXIM-MAX6954_09 Datasheet
339Kb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 3/09
MAX6954 MAXIM-MAX6954_14 Datasheet
1Mb / 39P
   4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 5; 7/14
MAX6956 MAXIM-MAX6956_V01 Datasheet
1Mb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
2021
MAX6956 MAXIM-MAX6956_09 Datasheet
201Kb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 3; 3/09
MAX6956 MAXIM-MAX6956 Datasheet
381Kb / 27P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 2; 11/03
MAX6957 MAXIM-MAX6957_14 Datasheet
1Mb / 23P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
Rev 5; 7/14
MAX6957 MAXIM-MAX6957 Datasheet
333Kb / 23P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
MAX6953 MAXIM-MAX6953_V01 Datasheet
369Kb / 23P
   2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ??7 Matrix LED Display Driver
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com