Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7300ATI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX7300ATI
Description  2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7300ATI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX7300ATI Datasheet HTML 5Page - Maxim Integrated Products MAX7300ATI Datasheet HTML 6Page - Maxim Integrated Products MAX7300ATI Datasheet HTML 7Page - Maxim Integrated Products MAX7300ATI Datasheet HTML 8Page - Maxim Integrated Products MAX7300ATI Datasheet HTML 9Page - Maxim Integrated Products MAX7300ATI Datasheet HTML 10Page - Maxim Integrated Products MAX7300ATI Datasheet HTML 11Page - Maxim Integrated Products MAX7300ATI Datasheet HTML 12Page - Maxim Integrated Products MAX7300ATI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Any bytes received after the command byte are consid-
ered data bytes. The first data byte goes into the internal
register of the MAX7300 selected by the command byte
(Figure 8). If multiple data bytes are transmitted before
a STOP condition is detected, these bytes are gener-
ally stored in subsequent MAX7300 internal registers
because the command byte address generally autoincre-
ments (Table 4).
Message Format for Reading
The MAX7300 is read using the MAX7300’s internally
stored command byte as address pointer, the same way
the stored command byte is used as address pointer for
a write. The pointer generally autoincrements after each
data byte is read using the same rules as for a write
(Table 4). Thus, a read is initiated by first configuring the
MAX7300’s command byte by performing a write (Figure
7). The master can now read ‘n’ consecutive bytes from
the MAX7300, with the first data byte being read from
the register addressed by the initialized command byte
(Figure 9). When performing read-after-write verification,
remember to reset the command byte’s address because
the stored control byte address generally has been auto-
incremented after the write (Table 4). Table 5 is the regis-
ter address map.
Figure 4. Bit Transfer
Figure 3. Start and Stop Conditions
Figure 2. 2-Wire Serial Interface Timing Details
SDA
SCL
DATA LINE STABLE; DATA VALID CHANGE OF DATAALLOWED
SDA
SCL
S
START
CONDITION
P
STOP
CONDITION
SCL
SDA
START CONDITION
STOP CONDITION
REPEATED START CONDITION
START CONDITION
tSU, DAT
tHD, DAT
tLOW
tHD, STA
tHIGH
tR
tF
tSU, STA
tHD, STA
tSU, STO
tBUF
www.maximintegrated.com
Maxim Integrated │ 9
MAX7300
2-Wire-Interfaced, 2.5V to 5.5V,
20-Port or 28-Port I/O Expander


Similar Part No. - MAX7300ATI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7300ATI MAXIM-MAX7300ATI Datasheet
205Kb / 20P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 7; 9/11
More results

Similar Description - MAX7300ATI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7300 MAXIM-MAX7300 Datasheet
348Kb / 22P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 1; 2/03
MAX7300 MAXIM-MAX7300_11 Datasheet
205Kb / 20P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 7; 9/11
MAX7301 MAXIM-MAX7301_06 Datasheet
281Kb / 17P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Rev 6; 4/06
MAX7301 MAXIM-MAX7301 Datasheet
1Mb / 18P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Rev 3; 10/03
MAX7301 MAXIM-MAX7301_V01 Datasheet
1Mb / 17P
   4-Wire-Interfaced, 2.5V to 5.5V 20-Port and 28-Port I/O Expander
19-2438; Rev 10; 8/20
MAX7301AAXT MAXIM-MAX7301AAXT Datasheet
281Kb / 17P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Rev 6; 4/06
MAX7301 MAXIM-MAX7301_15 Datasheet
1Mb / 17P
   4-Wire-Interfaced, 2.5V to 5.5V,20-Port and 28-Port I/O Expander
Rev 8; 4/15
MAX6956 MAXIM-MAX6956_V01 Datasheet
1Mb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
2021
MAX6956 MAXIM-MAX6956_09 Datasheet
201Kb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 3; 3/09
MAX6956 MAXIM-MAX6956 Datasheet
381Kb / 27P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 2; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com