Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7321 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX7321
Description  I2C Port Expander with 8 Open-Drain I/Os
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7321 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX7321_14 Datasheet HTML 2Page - Maxim Integrated Products MAX7321_14 Datasheet HTML 3Page - Maxim Integrated Products MAX7321_14 Datasheet HTML 4Page - Maxim Integrated Products MAX7321_14 Datasheet HTML 5Page - Maxim Integrated Products MAX7321_14 Datasheet HTML 6Page - Maxim Integrated Products MAX7321_14 Datasheet HTML 7Page - Maxim Integrated Products MAX7321_14 Datasheet HTML 8Page - Maxim Integrated Products MAX7321_14 Datasheet HTML 9Page - Maxim Integrated Products MAX7321_14 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
case of a bus lockup, terminating any serial transaction to
or from the MAX7321.
Any port can be configured as a logic input by setting the
port output logic-high (logic-high for an open-drain output
is high impedance). When the MAX7321 is read through
the serial interface, the actual logic levels at the ports are
read back.
The open-drain ports offer latching transition detection
when used as inputs. All input ports are continuously
monitored for changes. An input change sets 1 of 8 flag
bits that identify changed input(s). All flags are cleared
upon a subsequent read or write transaction to the
MAX7321.
A latching interrupt output (INT) is programmed to flag
logic changes on ports used as inputs. Data changes
on any input port forces INT to a logic-low. Changing
the I/O port level through the serial interface does not
cause an interrupt. The interrupt output INT is deassert-
ed when the MAX7321 is next accessed through the
serial interface.
Internal pullup resistors to V+ are selected by the address
select inputs (AD0 and AD2). Pullups are enabled on the
input ports in groups of four (see Table 3).
Use the slave address selection to ensure that I/O ports
used as inputs are logic-high on power-up. I/O ports with
internal pullups enabled default to a logic-high output
state. Ports with internal pullups disabled default to a
logic-low output state. Output port power-up logic states
are selected by the address select inputs AD0 and AD2.
Ports default to logic-high or logic-low on power-up in
groups of four (see Table 3).
Initial Power-Up
On power-up, the transition detection logic is reset, and
INT is deasserted. The transition flags are cleared to
indicate no data changes. The power-up default states
of the eight I/O ports are set according to the I2C slave
address selection inputs, AD0 and AD2 (Table 3).
For
I/O ports used as inputs, ensure that the default
states are logic-high so that the I/O ports power up
in the high-impedance state. All I/O ports configured
with pullups enabled also have a logic-high power-up
state.
Power-On Reset
The MAX7321 contains an integral power-on reset
(POR) circuit that ensures all registers are reset to a
known state on power-up. When V+ rises above VPOR
(1.6V max), the POR circuit releases the registers and
2-wire interface for normal operation. When V+ drops to
less than VPOR, the MAX7321 resets all register contents
to the POR defaults (Table 3).
Table 1. MAX7319–MAX7329 Family Comparison (continued)
PART
I2C
SLAVE
ADDRESS
INPUTS
INPUT
INTERRUPT
MASK
OPEN-
DRAIN
OUTPUTS
PUSH-
PULL
OUTPUTS
APPLICATION
MAX7323
110xxxx
Up to 4
Up to 4
4
4 I/O, 4 output-only versions:
4 open-drain I/O ports with latching transition
detection interrupt and selectable pullups.
4 push-pull outputs with selectable power-up default
levels.
MAX7328
MAX7329
0100xxx
0111xxx
Up to 8
Up to 8
8 open-drain I/O ports with nonlatching transition
detection interrupt and pullups on all ports.
All ports power up as inputs (or logic-high outputs).
Any port can be used as an input by setting the open-
drain output to logic-high.
16-PORT EXPANDERS
MAX7324
101xxxx
And
110xxxx
8
Yes
8
Software equivalent to a MAX7320 plus a MAX7319.
MAX7325
Up to 8
Up to 8
8
Software equivalent to a MAX7320 plus a MAX7321.
MAX7326
4
Yes
12
Software equivalent to a MAX7320 plus a MAX7322.
MAX7327
Up to 4
Up to 4
12
Software equivalent to a MAX7320 plus a MAX7323.
www.maximintegrated.com
Maxim Integrated │ 6
MAX7321
I2C Port Expander with 8 Open-Drain I/Os


Similar Part No. - MAX7321_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7321AAP MAXIM-MAX7321AAP Datasheet
664Kb / 17P
   I2C Port Expander with 8 Open-Drain I/Os
Rev 0; 7/05
MAX7321AEE MAXIM-MAX7321AEE Datasheet
664Kb / 17P
   I2C Port Expander with 8 Open-Drain I/Os
Rev 0; 7/05
MAX7321ASE MAXIM-MAX7321ASE Datasheet
664Kb / 17P
   I2C Port Expander with 8 Open-Drain I/Os
Rev 0; 7/05
MAX7321ATE MAXIM-MAX7321ATE Datasheet
664Kb / 17P
   I2C Port Expander with 8 Open-Drain I/Os
Rev 0; 7/05
MAX7321AUP MAXIM-MAX7321AUP Datasheet
664Kb / 17P
   I2C Port Expander with 8 Open-Drain I/Os
Rev 0; 7/05
More results

Similar Description - MAX7321_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7321 MAXIM-MAX7321 Datasheet
664Kb / 17P
   I2C Port Expander with 8 Open-Drain I/Os
Rev 0; 7/05
MAX7325 MAXIM-MAX7325 Datasheet
260Kb / 19P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 0; 9/06
MAX7325 MAXIM-MAX7325_V01 Datasheet
1,008Kb / 17P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
19-3807; Rev 2; 12/15
MAX7325 MAXIM-MAX7325_12 Datasheet
217Kb / 17P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 1; 9/12
MAX7325 MAXIM-MAX7325_14 Datasheet
193Kb / 17P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 1; 9/12
MAX7327 MAXIM-MAX7327 Datasheet
1Mb / 21P
   I2C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os
Rev 0; 8/06
MAX7327 MAXIM-MAX7327_V01 Datasheet
971Kb / 17P
   I2C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os
19-3805; Rev 1; 5/14
MAX7323 MAXIM-MAX7323_V01 Datasheet
1,006Kb / 15P
   I2C Port Expander with 4 Push-Pull Outputs and 4 Open-Drain I/Os
19-3806; Rev 2; 5/14
logo
Microchip Technology
MCP23009 MICROCHIP-MCP23009 Datasheet
643Kb / 50P
   8-Bit I/O Expander with Open-Drain Outputs
2009
MCP23009-E MICROCHIP-MCP23009-E Datasheet
643Kb / 50P
   8-Bit I/O Expander with Open-Drain Outputs
03/26/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com