Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7325AEG+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX7325AEG+
Description  I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7325AEG+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX7325AEG+ Datasheet HTML 7Page - Maxim Integrated Products MAX7325AEG+ Datasheet HTML 8Page - Maxim Integrated Products MAX7325AEG+ Datasheet HTML 9Page - Maxim Integrated Products MAX7325AEG+ Datasheet HTML 10Page - Maxim Integrated Products MAX7325AEG+ Datasheet HTML 11Page - Maxim Integrated Products MAX7325AEG+ Datasheet HTML 12Page - Maxim Integrated Products MAX7325AEG+ Datasheet HTML 13Page - Maxim Integrated Products MAX7325AEG+ Datasheet HTML 14Page - Maxim Integrated Products MAX7325AEG+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MAX7325
I2C Port Expander with 8 Push-Pull
and 8 Open-Drain I/Os
11
Maxim Integrated
Acknowledge
The acknowledge bit is a clocked 9th bit the recipient
uses to acknowledge receipt of each byte of data
(Figure 4). Each byte transferred effectively requires 9
bits. The master generates the 9th clock pulse, and the
recipient pulls down SDA during the acknowledge
clock pulse, such that the SDA line is stable low during
the high period of the clock pulse. When the master is
transmitting to the MAX7325, the device generates the
acknowledge bit because the MAX7325 is the recipi-
ent. When the MAX7325 is transmitting to the master,
the master generates the acknowledge bit because the
master is the recipient.
Slave Address
Each MAX7325 has two different 7-bit slave addresses
(Tables 2 and 3). The addresses are different to communi-
cate to either the eight push-pull outputs or the eight I/Os.
The 8th bit of the slave address following the 7-bit slave
address is the R/W bit. It is low for a write command, and
high for a read command (Figure 5). The first (A6), sec-
ond (A5), and third (A4) bits of the MAX7325 slave
address are always 1, 1, and 0 (P0–P7) or 1, 0, and 1
(O8 to O15). Connect AD0 and AD2 to GND, V+, SDA,
or SCL to select the slave address bits A3, A2, A1, and
A0. The MAX7325 has 16 possible pairs of slave
addresses (Tables 2 and 3), allowing up to 16
MAX7325 devices on an I2C bus.
Accessing the MAX7325
The MAX7325 is accessed though an I2C interface. The
MAX7325 has two different 7-bit slave addresses for
either the eight open-drain I/O ports (P0–P7) or the
eight push-pull ports (O8–O15). See Tables 2 and 3.
A single-byte read from the I/O ports (P0–P7) of the
MAX7325 returns the status of the eight I/O ports and
clears both the internal transition flags and the INT out-
put when the master acknowledges the slave address
byte. A single-byte read from the eight push-pull ports
(O8–O15) returns the status of the eight output ports,
read back as inputs.
A 2-byte read from the I/O ports (P0–P7) of the
MAX7325 returns the status of the eight I/O ports (as for
a single-byte read), followed by the transition flags.
Again, the internal transition flags and the INT output
are cleared when the master acknowledges the slave
address byte, yet the previous transition flag data is
sent as the second byte. A 2-byte read from the push-
pull ports of the MAX7325 repeatedly returns the status
of the eight output ports, read back as inputs.
A multibyte read (more than 2 bytes before the I2C
STOP bit) from the I/O ports (P0–P7) of the MAX7325
repeatedly returns the port data, followed by the transi-
tion flags. As the port data is resampled for each trans-
mission, and the transition flags are reset each time, a
multibyte read continuously returns the current data
and identifies any changing input ports.
SCL
SDA BY
TRANSMITTER
CLOCK PULSE
FOR ACKNOWLEDGEMENT
START
CONDITION
SDA BY
RECEIVER
12
89
S
Figure 4. Acknowledge
SDA
SCL
A5
MSB
LSB
ACK
A4
A1
A3
A0
A2
R/W
Figure 5. Slave Address


Similar Part No. - MAX7325AEG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7325AEG++ MAXIM-MAX7325AEG+ Datasheet
260Kb / 19P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 0; 9/06
MAX7325AEG++ MAXIM-MAX7325AEG+ Datasheet
1,008Kb / 17P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
19-3807; Rev 2; 12/15
More results

Similar Description - MAX7325AEG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7325 MAXIM-MAX7325 Datasheet
260Kb / 19P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 0; 9/06
MAX7325 MAXIM-MAX7325_V01 Datasheet
1,008Kb / 17P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
19-3807; Rev 2; 12/15
MAX7325 MAXIM-MAX7325_12 Datasheet
217Kb / 17P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 1; 9/12
MAX7321 MAXIM-MAX7321 Datasheet
664Kb / 17P
   I2C Port Expander with 8 Open-Drain I/Os
Rev 0; 7/05
MAX7321 MAXIM-MAX7321_14 Datasheet
974Kb / 15P
   I2C Port Expander with 8 Open-Drain I/Os
Rev 4; 7/14
MAX7327 MAXIM-MAX7327 Datasheet
1Mb / 21P
   I2C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os
Rev 0; 8/06
MAX7327 MAXIM-MAX7327_V01 Datasheet
971Kb / 17P
   I2C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os
19-3805; Rev 1; 5/14
MAX7323 MAXIM-MAX7323_V01 Datasheet
1,006Kb / 15P
   I2C Port Expander with 4 Push-Pull Outputs and 4 Open-Drain I/Os
19-3806; Rev 2; 5/14
MAX7323 MAXIM-MAX7323 Datasheet
213Kb / 17P
   I2C Port Expander with 4 Push-Pull Outputs
Rev 1; 7/07
logo
Microchip Technology
MCP23009 MICROCHIP-MCP23009 Datasheet
643Kb / 50P
   8-Bit I/O Expander with Open-Drain Outputs
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com