Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM9745NBA Datasheet(PDF) 8 Page - ELM Electronics

Part # ELM9745NBA
Description  CMOS voltage detector IC for battery-operated portable devices
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM9745NBA Datasheet(HTML) 8 Page - ELM Electronics

Back Button ELM9745NBA Datasheet HTML 2Page - ELM Electronics ELM9745NBA Datasheet HTML 3Page - ELM Electronics ELM9745NBA Datasheet HTML 4Page - ELM Electronics ELM9745NBA Datasheet HTML 5Page - ELM Electronics ELM9745NBA Datasheet HTML 6Page - ELM Electronics ELM9745NBA Datasheet HTML 7Page - ELM Electronics ELM9745NBA Datasheet HTML 8Page - ELM Electronics ELM9745NBA Datasheet HTML 9Page - ELM Electronics ELM9745NBA Datasheet HTML 10Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
154
VOLTAGE DETECTOR ELM97xxxxA
ELM9734CAA
ELM9734CAA
ELM9734CAA
ELM9734CAA
(Top=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units Remark s
Detection Voltage
VDETN
3.315
3.400
3.485
V
2
VDETN
VDETN
×0.02
×0.08
Current Consumption
ISS
VDD=4.5V
-
1.5
4.5
μA1
Operating Voltage
VDD
0.8
-
6.0
V
2
IOUTN
VDD=1.5V, VDS=0.5V
1.0
2.0
-
mA
3
IOUTP
VDD=4.5V, VDS=2.1V
0.5
1.5
-
mA
4
Delay Time
tPHL
0.1
mS
5
Temperature
Characteristic
of VDETN
Remarks ) Test circuit No.
-
△VDETN
△Top
Output Current
-
2
Hysteresis width
-
Top=-30~+80℃
-
VHYS
V
-0.34
mV/℃
ELM9745CAA
ELM9745CAA
ELM9745CAA
ELM9745CAA
(Top=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units Remark s
Detection Voltage
VDETN
4.388
4.500
4.612
V
2
VDETN
VDETN
×0.02
×0.08
Current Consumption
ISS
VDD=6.0V
-
1.5
4.5
μA1
Operating Voltage
VDD
0.8
-
6.0
V
2
IOUTN
VDD=1.5V, VDS=0.5V
1.0
2.0
-
mA
3
IOUTP
VDD=6.0V, VDS=2.1V
0.5
2.0
-
mA
4
Delay Time
tPHL
0.1
mS
5
Temperature
Characteristic
of VDETN
Remarks ) Test circuit No.
△VDETN
△Top
Output Current
Hysteresis width
VHYS
-
V2
Top=-30~+80℃
--0.45
-
-
mV/℃
ELM9748CAA
ELM9748CAA
ELM9748CAA
ELM9748CAA
(Top=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units Remark s
Detection Voltage
VDETN
4.680
4.800
4.920
V
2
VDETN
VDETN
×0.02
×0.08
Current Consumption
ISS
VDD=6.0V
-
1.5
4.5
μA1
Operating Voltage
VDD
0.8
-
6.0
V
2
IOUTN
VDD=1.5V, VDS=0.5V
1.0
2.0
-
mA
3
IOUTP
VDD=6.0V, VDS=2.1V
0.5
2.0
-
mA
4
Delay Time
tPHL
0.1
mS
5
Temperature
Characteristic
of VDETN
Remarks ) Test circuit No.
2
-
Top=-30~+80℃
--
Hysteresis width
VHYS
V
-0.48
-
mV/℃
Output Current
△VDETN
△Top


Similar Part No. - ELM9745NBA

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM9745NBB-N ELM-TECH-ELM9745NBB-N Datasheet
105Kb / 9P
   CMOS Voltage detector
ELM9745NBB-S ELM-TECH-ELM9745NBB-S Datasheet
105Kb / 9P
   CMOS Voltage detector
More results

Similar Description - ELM9745NBA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9168 VISHAY-SI9168 Datasheet
122Kb / 10P
   Synchronous Buck or Boost Controller for 2-Cell Li Battery Operated Portable Communication Devices
Rev. A, 10-Jan--00
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com