Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16814BEUP+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16814BEUP+
Description  Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16814BEUP+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX16814BEUP+ Datasheet HTML 4Page - Maxim Integrated Products MAX16814BEUP+ Datasheet HTML 5Page - Maxim Integrated Products MAX16814BEUP+ Datasheet HTML 6Page - Maxim Integrated Products MAX16814BEUP+ Datasheet HTML 7Page - Maxim Integrated Products MAX16814BEUP+ Datasheet HTML 8Page - Maxim Integrated Products MAX16814BEUP+ Datasheet HTML 9Page - Maxim Integrated Products MAX16814BEUP+ Datasheet HTML 10Page - Maxim Integrated Products MAX16814BEUP+ Datasheet HTML 11Page - Maxim Integrated Products MAX16814BEUP+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Pin Description
PIN
NAME
FUNCTION
TQFN/
QFND
TSSOP
1
4
IN
Bias Supply Input. Connect a 4.75V to 40V supply to IN. Bypass IN to SGND with a ceramic
capacitor.
2
5
EN
Enable Input. Connect EN to logic-low to shut down the device. Connect EN to logic-high or IN
for normal operation. The EN logic threshold is internally set to 1.23V.
3
6
COMP
Switching Converter Compensation Input. Connect the compensation network from COMP to
SGND for current-mode control (see the Feedback Compensation section).
4
7
RT
Oscillator Timing Resistor Connection. Connect a timing resistor (RT) from RT to SGND to program
the switching frequency according to the formula RT = 7.350 x 109/fsw (for the MAX16814A_ _
and the MAX16814U_ _) or to the formula RT = 7.72 x 109/fsw (for the MAX16814B_ _ _). Apply an
AC-coupled external clock at RT to synchronize the switching frequency with an external clock.
5
8
FLT
Open-Drain Fault Output. FLT asserts low when an open LED, short LED, or thermal shutdown
is detected. Connect a 10kω pullup resistor from FLT to VCC.
6
9
OVP
Overvoltage-Threshold-Adjust Input. Connect a resistor-divider from the switching converter
output to OVP and SGND. The OVP comparator reference is internally set to 1.23V.
7
10
SETI
LED Current-Adjust Input. Connect a resistor (RSETI) from SETI to SGND to set the current
through each LED string (ILED) according to the formula ILED = 1500/RSETI.
8
11
RSDT
LED Short Detection Threshold Adjust Input. Connect a resistive divider from VCC to RSDT and
SGND to program the LED short detection threshold. Connect RSDT directly to VCC to disable
LED short detection. The LED short detection comparator is internally referenced to 2V.
9
12
SGND
Signal Ground. SGND is the current return path connection for the low-noise analog signals.
Connect SGND, LEDGND, and PGND at a single point.
10
13
DIM
Digital PWM Dimming Input. Apply a PWM signal to DIM for LED dimming control. Connect
DIM to VCC if dimming control is not used.
11
14
OUT1
LED String Cathode Connection 1. OUT1 is the open-drain output of the linear current sink that
controls the current through the LED string connected to OUT1. OUT1 sinks up to 150mA. If
unused, connect OUT1 to LEDGND.
www.maximintegrated.com
Maxim Integrated │ 8
MAX16814
Integrated, 4-Channel, High-Brightness LED
Driver with High-Voltage DC-DC Controller


Similar Part No. - MAX16814BEUP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16814BEUP++ MAXIM-MAX16814BEUP+ Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
More results

Similar Description - MAX16814BEUP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16814 MAXIM-MAX16814 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 2; 11/09
MAX16814 MAXIM-MAX16814_11 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 5; 3/11
MAX16814 MAXIM-MAX16814_10 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 3; 2/10
MAX16814 MAXIM-MAX16814_13 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
MAX16813B MAXIM-MAX16813B Datasheet
1Mb / 27P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
Rev 1; 1/18
MAX16813 MAXIM-MAX16813 Datasheet
1Mb / 27P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
Rev 4; 3/16
logo
Global Mixed-mode Techn...
G5994 GMT-G5994 Datasheet
42Kb / 1P
   4-Channels HB-LED Driver with High Voltage DC-DC Controller
logo
Shenzhen Huazhimei Semi...
HM9806 HMSEMI-HM9806 Datasheet
472Kb / 6P
   Low-voltage high-brightness LED driver chip (DC-DC)
HM9808 HMSEMI-HM9808 Datasheet
660Kb / 6P
   Low-voltage high-brightness LED driver chip (DC-DC)
logo
Maxim Integrated Produc...
MAX16838B MAXIM-MAX16838B Datasheet
907Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 3/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com