Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16840ATB+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX16840ATB+
Description  LED Driver with Integrated MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16840ATB+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX16840ATB+ Datasheet HTML 4Page - Maxim Integrated Products MAX16840ATB+ Datasheet HTML 5Page - Maxim Integrated Products MAX16840ATB+ Datasheet HTML 6Page - Maxim Integrated Products MAX16840ATB+ Datasheet HTML 7Page - Maxim Integrated Products MAX16840ATB+ Datasheet HTML 8Page - Maxim Integrated Products MAX16840ATB+ Datasheet HTML 9Page - Maxim Integrated Products MAX16840ATB+ Datasheet HTML 10Page - Maxim Integrated Products MAX16840ATB+ Datasheet HTML 11Page - Maxim Integrated Products MAX16840ATB+ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
The output voltage of the LED string is given by VLED. As
a first-order approximation, the LED voltage is assumed
constant. The duty cycle at the peak of the input voltage
is, therefore:
×
= −
= −
+
+
×
MIN
LED
LED
13.2V
2
18.66V
D1
1
V
18.66V
V
13.2V
2
The percentage P-P ripple is typically selected in the 30%
to 60% range of the maximum input current. Assuming a
60% P-P inductor-current ripple, the maximum inductor
current is given by:
IP-P = 1.3IIN
The minimum inductor value is given by:
2
MIN
MIN
IN
18.66V D
L
0.6I
300kHz
×
=
×
where the switching frequency is 300kHz. The saturation
current of the inductor should be higher than IP-P and the
minimum value of the inductor at IP-P should exceed LMIN.
Output Diode (D1)
A Schottky diode must be used as rectifier diode D1 to
reduce power dissipation. The voltage rating of diode D1
must be greater than the maximum peak input voltage
plus the maximum output voltage. Choose a diode that
minimizes dissipation at temperatures in the +90NC to
+100NC range. The diode should be selected to minimize
reverse leakage at the maximum output voltage while
minimizing forward losses when the diode is conducting.
Package Information
For the latest package outline information and land patterns (foot-
prints), go to www.maximintegrated.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but the
drawing pertains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
10 TDFN-EP
T1033+1
21-0137
90-0003
MAX16840
LED Driver with Integrated MOSFET
for MR16 and Other 12V AC Input Lamps
www.maximintegrated.com
MaximIntegrated│ 11


Similar Part No. - MAX16840ATB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16840ATB++ MAXIM-MAX16840ATB+ Datasheet
927Kb / 1P
   LED Driver with Integrated MOSFET for MR16 and Other 12V AC Input Lamps
Rev 3; 8/11
More results

Similar Description - MAX16840ATB+

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4032-2 MPS-MP4032-2 Datasheet
597Kb / 20P
   Offline LED Driver with Fully-Integrated Internal MOSFET
logo
SamHop Microelectronics...
SM8205 SAMHOP-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
M.S. Kennedy Corporatio...
SM8205 MSK-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
Linear Technology
LT3591 LINER-LT3591_15 Datasheet
298Kb / 16P
   White LED Driver with Integrated Schottky
LT3519 LINER-LT3519_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
logo
Princeton Technology Co...
PT6910 PTC-PT6910 Datasheet
166Kb / 4P
   1.2A LED Driver with Integrated Switch
logo
Linear Technology
LT3519-2 LINER-LT3519-2_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519-1 LINER-LT3519-1_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519 LINER-LT3519 Datasheet
245Kb / 16P
   LED Driver with Integrated Schottky Diode
logo
Fairchild Semiconductor
FLS0116 FAIRCHILD-FLS0116 Datasheet
1Mb / 13P
   MOSFET Integrated Smart LED Lamp Driver IC with PFC Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com