Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX31790 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX31790
Description  6-Channel PWM-Output Fan RPM Controller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31790 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX31790_15 Datasheet HTML 1Page - Maxim Integrated Products MAX31790_15 Datasheet HTML 2Page - Maxim Integrated Products MAX31790_15 Datasheet HTML 3Page - Maxim Integrated Products MAX31790_15 Datasheet HTML 4Page - Maxim Integrated Products MAX31790_15 Datasheet HTML 5Page - Maxim Integrated Products MAX31790_15 Datasheet HTML 6Page - Maxim Integrated Products MAX31790_15 Datasheet HTML 7Page - Maxim Integrated Products MAX31790_15 Datasheet HTML 8Page - Maxim Integrated Products MAX31790_15 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
I2C AC Electrical Characteristics (continued)
(VCC = +3.0V to +5.5V, TA = -40°C to +125°C, timing referenced to VIL(MAX) and VIH(MIN), unless otherwise noted.) (Notes 3, 8)
(Figure 1)
Note 2: All voltages referenced to ground. Currents entering the IC are specified as positive.
Note 3: Limits are 100% production tested at TA = +25°C and/or TA = +85°C. Limits over the operating temperature range and
relevant supply voltage range are guaranteed by design and characterization. Typical values are not guaranteed.
Note 4: SDA = SCL = VCC, PWM active with PWM_FREQUENCY = 25kHz.
Note 5: The watchdog timer is derived from fTOSC and the watchdog timer accuracy specifications do not include the oscillator’s
associated error fERR:TOSC.
Note 6: Applies to pins SDA, SCL, PWM_STARTn, WD_START, FREQ_START, SPIN_START, ADDn, TACHn, PWMOUTn, FULL_SPEED.
Note 7: fTOSC is used to measure fan speed by counting the number of 8192Hz (fTOSC/4) clock cycles that take place during a
selectable number of tachometer periods. For internal oscillator only, typical frequency shift due to aging is within
±0.5%.
Aging stressing includes level 1 moisture reflow preconditioning (24hr +125°C bake, 168hr +85°C/85%RH moisture soak,
and three solder reflow passes +260°C +0°C/-5°C peak) followed by 192hr (max) VCC biased.
Note 8: All timing specifications are guaranteed by design.
Note 9: A master device must provide a hold time of at least 300ns for the SDA signal to bridge the undefined region of SCL’s fall-
ing edge.
Note 10: CB—total capacitance of one bus line in pF.
Note 11: Holding the SDA line low for a time greater than tTIMEOUT causes the device to reset SDA to the idle state of the serial
bus communication (SDA set high).
External Crystal Parameters
(Note 3)
www.maximintegrated.com
Maxim Integrated │ 4
MAX31790
6-Channel PWM-Output Fan RPM Controller
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Receive SCL/SDA Fall
Time
tF
(Note 10)
300
ns
Minimum Receive SCL/SDA Fall
Time
tF
(Note 10)
20 + 0.1 x CB
ns
Transmit SDA Fall Time
tF
10pF P CB P 400pF (Note 10)
20 +
0.1 x
CB
250
ns
Pulse Width of Suppressed Spike
tSP
35
ns
SDA Time Low for Reset of Serial
Interface
tTIMEOUT (Note 11)
25
45
ms
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Crystal Oscillator Startup Time
1
s
Nominal Frequency
fO
32.768
kHz
Series Resistance
ESR
50
kI
Load Capacitance
CL
12
pF


Similar Part No. - MAX31790_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31790ATI++ MAXIM-MAX31790ATI+ Datasheet
2Mb / 43P
   6-Channel PWM-Output Fan RPM Controller
Rev 0; 12/12
MAX31790ATI+T MAXIM-MAX31790ATI+T Datasheet
2Mb / 43P
   6-Channel PWM-Output Fan RPM Controller
Rev 0; 12/12
MAX31790EVKIT MAXIM-MAX31790EVKIT Datasheet
1Mb / 19P
   Fully Assembled and Tested
19-6552; Rev 0; 12/12
MAX31790EVKIT# MAXIM-MAX31790EVKIT# Datasheet
1Mb / 19P
   Fully Assembled and Tested
19-6552; Rev 0; 12/12
MAX31790 MAXIM-MAX31790_V01 Datasheet
1Mb / 46P
   6-Channel PWM-Output Fan RPM Controller
2020
More results

Similar Description - MAX31790_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31790 MAXIM-MAX31790 Datasheet
2Mb / 43P
   6-Channel PWM-Output Fan RPM Controller
Rev 0; 12/12
MAX31790 MAXIM-MAX31790_V01 Datasheet
1Mb / 46P
   6-Channel PWM-Output Fan RPM Controller
2020
logo
SMSC Corporation
EMC2301 SMSC-EMC2301 Datasheet
653Kb / 42P
   RPM-Based PWM Fan Controller
EMC2301 SMSC-EMC2301_11 Datasheet
662Kb / 43P
   RPM-Based PWM Fan Controller
EMC2303 SMSC-EMC2303 Datasheet
796Kb / 51P
   Multiple RPM-Based PWM Fan Controller
EMC2302 SMSC-EMC2302 Datasheet
678Kb / 44P
   Dual RPM-Based PWM Fan Controller
EMC2302 SMSC-EMC2302_11 Datasheet
688Kb / 45P
   Dual RPM-Based PWM Fan Controller
logo
Microchip Technology
EMC2301 MICROCHIP-EMC2301 Datasheet
969Kb / 70P
   Single/Multiple RPM-Based PWM Fan Controller
02/28/20
logo
SMSC Corporation
EMC2305 SMSC-EMC2305 Datasheet
861Kb / 55P
   Multiple RPM-Based PWM Fan Controller for Five Fans
EMC2303 SMSC-EMC2303_11 Datasheet
805Kb / 52P
   Multiple RPM-Based PWM Fan Controller for Three Fans
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com