Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16814UUP+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16814UUP+
Description  Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16814UUP+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16814UUP+ Datasheet HTML 1Page - Maxim Integrated Products MAX16814UUP+ Datasheet HTML 2Page - Maxim Integrated Products MAX16814UUP+ Datasheet HTML 3Page - Maxim Integrated Products MAX16814UUP+ Datasheet HTML 4Page - Maxim Integrated Products MAX16814UUP+ Datasheet HTML 5Page - Maxim Integrated Products MAX16814UUP+ Datasheet HTML 6Page - Maxim Integrated Products MAX16814UUP+ Datasheet HTML 7Page - Maxim Integrated Products MAX16814UUP+ Datasheet HTML 8Page - Maxim Integrated Products MAX16814UUP+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
General Description
The MAX16814 high-efficiency, high-brightness LED (HB
LED) driver provides up to four integrated LED current-
sink channels. An integrated current-mode switching
DC-DC controller drives a DC-DC converter that provides
the necessary voltage to multiple strings of HB LEDs.
The MAX16814 accepts a wide 4.75V to 40V input volt-
age range and withstands direct automotive load-dump
events. The wide input range allows powering HB LEDs
for small to medium-sized LCD displays in automotive
and general lighting applications.
An internal current-mode switching DC-DC control-
ler supports the boost, coupled-inductor boost-buck,
or SEPIC topologies and operates in an adjustable
frequency range between 200kHz and 2MHz. It can
also be used for single-inductor boost-buck topology in
conjunction with the MAX15054 and an additional
MOSFET. The current-mode control with programma-
ble slope compensation provides fast response and
simplifies loop compensation. The MAX16814 also fea-
tures an adaptive output-voltage-control scheme that
minimizes the power dissipation in the LED current-sink
paths.
The MAX16814 consists of four identical linear current
source channels to drive four strings of HB LEDs. The
channel current is adjustable from 20mA to 150mA with
an accuracy of ±3% using an external resistor. The
external resistor sets all 4-channel currents to the same
value. The device allows connecting multiple channels
in parallel to achieve higher current per LED string. The
MAX16814 also features pulsed dimming control on all
four channels through a logic input (DIM). In addition,
the MAX16814A_ _ and MAX16814U_ _ include a unique
feature that allows a very short minimum pulse width as
low as 1µs.
The MAX16814 includes output overvoltage, open-
LED detection and protection, programmable shorted-
LED detection and protection, and overtemperature
protection. The device operates over the -40NC to
+125NC automotive temperature range. The MAX16814 is
available in 6.5mm x 4.4mm, 20-pin TSSOP, 4mm x 4mm,
20-pin TQFN and QFND packages.
Applications
● Automotive Displays LED Backlights
● Automotive RCL, DRL, Front Position, and Fog Lights
● LCD TV and Desktop Display LED Backlights
● Architectural, Industrial, and Ambient Lighting
Benefits and Features
● Cost-Effective 4-Channel Linear LED Current Sinks
for Wide Range of LED Lighting Applications
• Drives One to Four LED Strings
• 4.75V to 40V Input Voltage Range
• Full-Scale LED Current Adjustable from 20mA
to 150mA
• 5000:1 PWM Dimming at 200Hz
• Less than 40µA Shutdown Current
● Minimal Component Count Saves Cost and Space
• Internal MOSFET for Each Channel
• Internal Current-Mode Switching DC-DC Controller
Supporting Boost, Coupled-Inductor Boost-Buck, or
SEPIC Topologies
• 200kHz to 2MHz Programmable Switching
Frequency for Optimizing Size vs. Efficiency
• External Switching-Frequency Synchronization
● Protection Features and Wide Operating
Temperature Range improves Reliability
• Open-Drain Fault-Indicator Output
• Open-LED and LED-Short Detection and Protection
• Overtemperature Protection
• Available in Thermally Enhanced 20-Pin TQFN,
QFND, and TSSOP Packages
• Operation Over -40°C to +125°C Temperature Range
Typical Operating Circuit and Pin Configurations appear at
end of data sheet.
19-4722; Rev 10; 2/15
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
/V denotes an automotive qualified part; (SW) = side wettable.
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX16814ATP+
-40
°C to +125°C
20 TQFN-EP*
MAX16814ATP/V+ -40
°C to +125°C
20 TQFN-EP*
MAX16814AGP/VY+ -40
°C to +125°C
20 QFND-EP* (SW)
MAX16814AUP+
-40
°C to +125°C
20 TSSOP-EP*
MAX16814AUP/V+ -40
°C to +125°C
20 TSSOP-EP*
MAX16814BETP+
-40
°C to +85°C
20 TQFN-EP*
MAX16814BEUP+
-40
°C to +85°C
20 TSSOP-EP*
MAX16814BUTP+
0
°C to +85°C
20 TQFN-EP*
MAX16814BUUP+
0
°C to +85°C
20 TSSOP-EP*
MAX16814UTP+
0
°C to +85°C
20 TQFN-EP*
MAX16814UUP+
0
°C to +85°C
20 TSSOP-EP*
MAX16814
Integrated, 4-Channel, High-Brightness LED
Driver with High-Voltage DC-DC Controller
EVALUATION KIT AVAILABLE


Similar Part No. - MAX16814UUP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16814UUP++ MAXIM-MAX16814UUP+ Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 2; 11/09
MAX16814UUP++ MAXIM-MAX16814UUP+ Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 3; 2/10
MAX16814UUP++ MAXIM-MAX16814UUP+ Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
More results

Similar Description - MAX16814UUP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16814 MAXIM-MAX16814 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 2; 11/09
MAX16814 MAXIM-MAX16814_11 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 5; 3/11
MAX16814 MAXIM-MAX16814_10 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 3; 2/10
MAX16814 MAXIM-MAX16814_13 Datasheet
2Mb / 25P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
MAX16813B MAXIM-MAX16813B Datasheet
1Mb / 27P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
Rev 1; 1/18
MAX16813 MAXIM-MAX16813 Datasheet
1Mb / 27P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
Rev 4; 3/16
logo
Global Mixed-mode Techn...
G5994 GMT-G5994 Datasheet
42Kb / 1P
   4-Channels HB-LED Driver with High Voltage DC-DC Controller
logo
Shenzhen Huazhimei Semi...
HM9806 HMSEMI-HM9806 Datasheet
472Kb / 6P
   Low-voltage high-brightness LED driver chip (DC-DC)
HM9808 HMSEMI-HM9808 Datasheet
660Kb / 6P
   Low-voltage high-brightness LED driver chip (DC-DC)
logo
Maxim Integrated Produc...
MAX16838B MAXIM-MAX16838B Datasheet
907Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 3/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com