Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM9710NBA-S Datasheet(PDF) 9 Page - ELM Electronics

Part # ELM9710NBA-S
Description  CMOS voltage detector IC for battery-operated portable devices
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM9710NBA-S Datasheet(HTML) 9 Page - ELM Electronics

Back Button ELM9710NBA-S Datasheet HTML 2Page - ELM Electronics ELM9710NBA-S Datasheet HTML 3Page - ELM Electronics ELM9710NBA-S Datasheet HTML 4Page - ELM Electronics ELM9710NBA-S Datasheet HTML 5Page - ELM Electronics ELM9710NBA-S Datasheet HTML 6Page - ELM Electronics ELM9710NBA-S Datasheet HTML 7Page - ELM Electronics ELM9710NBA-S Datasheet HTML 8Page - ELM Electronics ELM9710NBA-S Datasheet HTML 9Page - ELM Electronics ELM9710NBA-S Datasheet HTML 10Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
155
TYPICAL CHARACTERISTICS
●  ELM9711NxA
VOLTAGE DETECTOR ELM97xxxxA
0.2
0.4
0.6
0.8
0.2
0.4
0.6
0.8
1
0
VDS (V)
IOUT - VDS
VDD=1.0V
VDD=0.8V
1
2
3
1
2
3
4
0
VDD (V)
ISS - VDD
80℃
25℃
-30℃
0.6
0.8
1
1.2
1.4
0
0.5
1
1.5
2
VDD (V)
IOUT - VDD
-30℃
25℃
80℃
1
2
3
1
2
3
4
0
VDD (V)
VOUT - VDD
-30℃
25℃
80℃
(3V Pullup 1M Ω)
-20
0
20
40
60
80
1.1
1.2
Top ( )
VDET - Top
VDETN
VDETP
0.001
0.01
0.1
1
0.1
1
10
100
CL (μF)
tPHL,tPLH - VDD
tPHL
tPLH


Similar Part No. - ELM9710NBA-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM9710NBB-N ELM-TECH-ELM9710NBB-N Datasheet
105Kb / 9P
   CMOS Voltage detector
ELM9710NBB-S ELM-TECH-ELM9710NBB-S Datasheet
105Kb / 9P
   CMOS Voltage detector
More results

Similar Description - ELM9710NBA-S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9168 VISHAY-SI9168 Datasheet
122Kb / 10P
   Synchronous Buck or Boost Controller for 2-Cell Li Battery Operated Portable Communication Devices
Rev. A, 10-Jan--00
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com