Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-P600-I09-PM Datasheet(PDF) 9 Page - Vincotech

Part # V23990-P600-I09-PM
Description  1 or 3 phase rectifier (optional half controlled)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P600-I09-PM Datasheet(HTML) 9 Page - Vincotech

Back Button V23990-P600-I09-PM Datasheet HTML 5Page - Vincotech V23990-P600-I09-PM Datasheet HTML 6Page - Vincotech V23990-P600-I09-PM Datasheet HTML 7Page - Vincotech V23990-P600-I09-PM Datasheet HTML 8Page - Vincotech V23990-P600-I09-PM Datasheet HTML 9Page - Vincotech V23990-P600-I09-PM Datasheet HTML 10Page - Vincotech V23990-P600-I09-PM Datasheet HTML 11Page - Vincotech V23990-P600-I09-PM Datasheet HTML 12Page - Vincotech V23990-P600-I09-PM Datasheet HTML 13Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
V23990-P590-J09-PM / V23990-P590-J19-PM /
V23990-P600-I09-PM / V23990-P600-I19-PM
datasheet
Copyright Vincotech
9
14 Aug. 2015 / Revision 2
Brake Inverse Diode Characteristics
Typical forward characteristics
FWD
Transient thermal impedance as a function of pulse width
FWD
I F = f(V F)
Z th(j-s) = f(t p)
t p =
250
µs
25 °C
D =
t p / T
T j:
125 °C
R th(j-s) =
2,20
K/W
150 °C
FWD thermal model values
R (K/W)
τ (s)
4,63E-02
5,76E+00
1,60E-01
5,24E-01
7,96E-01
7,03E-02
5,50E-01
1,58E-02
3,61E-01
3,60E-03
2,88E-01
5,25E-04
0
5
10
15
20
25
0
0,5
1
1,5
2
2,5
3
VF (V)
ttttpppp (s)
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
10-4
10-3
10-2
10-1
100
101
102
103
10-2
10-1
100


Similar Part No. - V23990-P600-I09-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P622-F74-D1-14 VINCOTECH-V23990-P622-F74-D1-14 Datasheet
600Kb / 11P
   Drain to source voltage
V23990-P623-F24-D2-19 VINCOTECH-V23990-P623-F24-D2-19 Datasheet
414Kb / 3P
   General conditions: H bridge SPWM
V23990-P623-F24-P2-14 VINCOTECH-V23990-P623-F24-P2-14 Datasheet
1Mb / 14P
   fast PACK 0 H 2nd gen
V23990-P623-L82-D2-14 VINCOTECH-V23990-P623-L82-D2-14 Datasheet
2Mb / 19P
   High efficiency dual boost
V23990-P623-L82-D2-19 VINCOTECH-V23990-P623-L82-D2-19 Datasheet
316Kb / 3P
   Typical average static loss as a function of input current
More results

Similar Description - V23990-P600-I09-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
80-M0166BA060RW02-K369G VINCOTECH-80-M0166BA060RW02-K369G Datasheet
1Mb / 9P
   3-phase half controlled rectifier
logo
Semikron International
SKDH115 SEMIKRON-SKDH115_07 Datasheet
544Kb / 3P
   Half Controlled 3-phase Bridge Rectifier
SKDH145 SEMIKRON-SKDH145_06 Datasheet
514Kb / 3P
   Half Controlled 3-phase Bridge Rectifier
SKDH115 SEMIKRON-SKDH115_08 Datasheet
542Kb / 3P
   Half Controlled 3-phase Bridge Rectifier
SKDH115 SEMIKRON-SKDH115 Datasheet
531Kb / 3P
   Half Controlled 3-phase Bridge Rectifier
SKDH145 SEMIKRON-SKDH145 Datasheet
500Kb / 3P
   Half Controlled 3-phase Bridge Rectifier
logo
IXYS Corporation
VVZ40 IXYS-VVZ40 Datasheet
51Kb / 2P
   Three Phase Half Controlled Rectifier Bridge
VHFD29 IXYS-VHFD29 Datasheet
85Kb / 3P
   Half Controlled Single Phase Rectifier Bridge
VVZ12-16IO1 IXYS-VVZ12-16IO1 Datasheet
43Kb / 2P
   Three Phase Half Controlled Rectifier Bridge
logo
Powersem GmbH
PSBZ36 POWERSEM-PSBZ36 Datasheet
182Kb / 2P
   Single Phase Half Controlled Rectifier Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com