Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2012S132 Datasheet(PDF) 10 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2012S132
Description  General Specifications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2012S132 Datasheet(HTML) 10 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M2012S132 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2012S132 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2012S132 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2012S132 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2012S132 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2012S132 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2012S132 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2012S132 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. M2012S132 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Series M
Angle PC Mount Miniature Toggles
www.nkk.com
A74
A
TYPICAL SWITCH DIMENSIONS
.100” (2.54mm) Vertical PC
Single Pole
.100” (2.54mm) Vertical PC
Double Pole
.100” (2.54mm) Vertical PC
Three Pole
.100” (2.54mm) Vertical PC
Four Pole
M2012S2A2G45
M2022S2A2G45
M2032S2A2G45
M2042S2A2G45
(1.4) Typ
.055
(5.08)
.200
Keyway
(7.32)
.288
25°
(2.7) Dia
.106
(6.2) Dia
.244
(0.8) Typ
.031
(2.54) Typ
.100
(0.4)
.016
(1.1)
.043
(6.86)
.270
(12.7)
.500
Keyway
(1.4) Typ
.055
(5.08)
.200
(7.32)
.288
25°
(2.7) Dia
.106
(6.2) Dia
.244
(0.8) Typ
.031
(2.54) Typ
.100
(0.4)
.016
(1.1)
.043
(6.86)
.270
(12.7)
.500
6
5
4
1
2
3
(13.0)
.512
(1.27) Typ
.050
(4.8)
.189
(12.7)
.500
(2.7)
.106
Keyway
(1.4) Typ
.055
(5.08)
.200
25°
(2.7) Dia
.106
(6.2) Dia
.244
(0.9)
.035
(0.8) Typ
.031
(2.54) Typ
.100
(0.4)
.016
(1.8)
.071
(8.0)
.315
(6.86)
.270
(14.35)
.565
6
5
4
1
2
3
(13.0)
.512
(1.27) Typ
.050
(4.8) Typ
.189
(17.5)
.689
(2.7)
.106
9
8
7
Keyway
(1.4) Typ
.055
(5.08)
.200
25°
(2.7) Dia
.106
(6.2) Dia
.244
(0.9)
.035
(0.8) Typ
.031
(2.54) Typ
.100
(0.4)
.016
(1.8)
.071
(8.0)
.315
(6.86)
.270
(14.35)
.565
(13.0)
.512
(1.27) Typ
.050
(22.3)
.878
(2.7)
.106
6
5
4
1
2
3
9
8
7
10
11
12
(4.8) Typ
.189
3
2
1
(13.0)
.512
(2.7)
.106
(1.27)
.050
(7.9)
.311


Similar Part No. - M2012S132

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2012S2A1 NKK-M2012S2A1 Datasheet
1Mb / 28P
   General Specifications
M2012S2A2 NKK-M2012S2A2 Datasheet
1Mb / 28P
   General Specifications
logo
List of Unclassifed Man...
M2012S2A2G40 ETC2-M2012S2A2G40 Datasheet
343Kb / 10P
   Miniature Toggles
M2012S2A2W40-BA ETC2-M2012S2A2W40-BA Datasheet
343Kb / 10P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2012S2D1 NKK-M2012S2D1 Datasheet
1Mb / 28P
   General Specifications
More results

Similar Description - M2012S132

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com