Electronic Components Datasheet Search |
|
MQF50-725-2500-01 Datasheet(PDF) 1 Page - Vectron International, Inc |
|
MQF50-725-2500-01 Datasheet(HTML) 1 Page - Vectron International, Inc |
1 / 2 page 25 March 2011 Specification for monolithic crystal filter: M Q F 5 0 . 7 2 5 - 2 5 0 0 / 0 1 1. General 1.1. Package: 1.2. Type name: MQF 50.725-2500/01 1.3. Number of poles: 2 1.4. Operating temperature range: -40°C to +85°C 1.5. Storage temperature range: -54°C to +100°C 2. Electric values 2.1. Nominal centre frequency fo: 50.725 MHz 2.2. Pass band 2.2.1. Bandwidth between 3 dB - frequencies: > fo 12.0 kHz 2.2.2. Ripple: < 1.0 dB at fo 8.0 kHz 2.2.3. Insertion loss: < 4.0 dB ( measured on smallest attenuation in pass band ) 2.3. Stop band 2.3.1. fo 49 kHz > 14 dB 2.3.2. fo 95 kHz > 25 dB 2.3.3. Alternate attenuation fo 800 kHz > 60 dB (except spurious) 2.4. Terminating impedance R//C ( input and output ): 850 // 1.0 pF 2.5. Maximum input power level: +10 dBm 2.6. 3rd order out band intermodulation test tones frequency: fo 50 kHz / fo 100 kHz Input power level: -10 dBm Intermodulation products at fo ( IP3 > +35 dBm ) < -100 dBm ( 90 dB down from both -10dBm input test tones ) 3. Marking: █ M50.7A yyww 4. Environment conditions: Corresponding to Vectron standard CF001 5. Filters are Pb-free and 2002 /95 / EC RoHS compliant 6. Reflow soldering for Pb-free assembly: > 100°C for maximum 600 seconds > 200°C for maximum 180 seconds > 260°C for maximum 30 seconds ( peak temperature ) cool - down time: 2 hours |
Similar Part No. - MQF50-725-2500-01 |
|
Similar Description - MQF50-725-2500-01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |