Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQF60-130-0-1500-C Datasheet(PDF) 1 Page - Vectron International, Inc

Part # MQF60-130-0-1500-C
Description  Environment conditions: Corresponding to Vectron standard CF001
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MQF60-130-0-1500-C Datasheet(HTML) 1 Page - Vectron International, Inc

  MQF60-130-0-1500-C Datasheet HTML 1Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
11 November 2003
Specification for monolithic crystal filter series
MQF 60.0……130.0-1500/C
1.
General
1.1.
Package:
1.2.
Type name:
MQF 60………130-1500/C
1.3.
Number of poles:
4
1.4.
Operating temperature range:
-20°C to +70°C
1.5.
Storage temperature range:
-35°C to +80°C
2.
Electric values
2.1.
Nominal center frequency fo:
60…….130 MHz
T.B.D. by customer for each order
2.2.
Pass band
2.2.1. Bandwidth between 3 dB - frequencies:
fo
7.5 kHz
2.2.2. Ripple:
1.0 dB at fo
5.0 kHz
2.2.3. Insertion loss:
4.0 dB
( measured on smallest attenuation in pass band )
2.3.
Stop band
2.3.1. fo
30 kHz
20 dB
2.3.2. fo
60 kHz
60 dB ( except spurious )
2.3.3. fo
910 kHz
80 dB ( except spurious )
2.4.
Terminating impedance ( input and output ):
50
// 0 pF
2.5.
Maximum input power level:
0 dBm / +10 dBm ( working / non-damaged )
3.
Marking:
manufacturer, date code
MQF xx.xxx-1500/C
e. g. for center frequency 69.325 MHz filter part description is: MQF 69.325-1500/C
4.
Environment conditions:
Corresponding to Vectron standard CF001
_________________________________________________________________________________________
Edited by:
date: ________________________________ name: ________________________________


Similar Part No. - MQF60-130-0-1500-C

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF60-0-0400-02 VECTRON-MQF60-0-0400-02 Datasheet
33Kb / 1P
   Nominal centre frequency fo: 60.0 MHz
More results

Similar Description - MQF60-130-0-1500-C

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF130-180-0-1400-02 VECTRON-MQF130-180-0-1400-02 Datasheet
104Kb / 1P
   Environment conditions: Corresponding to Vectron standard CF001
MQF158-25-2500-03 VECTRON-MQF158-25-2500-03 Datasheet
57Kb / 1P
   Environment conditions: Corresponding to Vectron standard CF001
MQF200-0-0800-06 VECTRON-MQF200-0-0800-06 Datasheet
33Kb / 1P
   Environment conditions: Corresponding to Vectron standard CF001
MQF200-0-1500 VECTRON-MQF200-0-1500 Datasheet
29Kb / 1P
   Environment conditions: Corresponding to Vectron standard CF001
QF45-0-6000-02 VECTRON-QF45-0-6000-02 Datasheet
36Kb / 1P
   Environment conditions: Corresponding to Vectron standard CF001
QF70-0-4000-07 VECTRON-QF70-0-4000-07 Datasheet
47Kb / 1P
   Environment conditions: Corresponding to Vectron standard CF001
QF70-0-4000-09 VECTRON-QF70-0-4000-09 Datasheet
135Kb / 1P
   Environment conditions: Corresponding to Vectron standard CF001
QF70-0-8000-02 VECTRON-QF70-0-8000-02 Datasheet
35Kb / 1P
   Environment conditions: Corresponding to Vectron standard CF001
QF70-0-9000-06 VECTRON-QF70-0-9000-06 Datasheet
27Kb / 1P
   Environment conditions: Corresponding to Vectron standard CF001
QF70-0-10000-12 VECTRON-QF70-0-10000-12 Datasheet
28Kb / 1P
   Environment conditions: Corresponding to Vectron standard CF001
QF2-7648-1600-07 VECTRON-QF2-7648-1600-07 Datasheet
105Kb / 2P
   Environment conditions: Corresponding to VECTRON standard CF001
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com