Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-P700-F Datasheet(PDF) 3 Page - Vincotech

Part # V23990-P700-F
Description  power flow through for simple PCB routing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P700-F Datasheet(HTML) 3 Page - Vincotech

  V23990-P700-F Datasheet HTML 1Page - Vincotech V23990-P700-F Datasheet HTML 2Page - Vincotech V23990-P700-F Datasheet HTML 3Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
V23990-P70X-A
flow90PACK1
V23990-P70X-F-U-01-14
Handling Instruction
Handling Instructions...
… to the PCB
x The module must be fixed to the PCB by clipping into the adequate holes before pin soldering. See
below
x After fixing all pins must be soldered into the PCB.
x During assembly, at a max. module temperature of 25°C, the pins should not be drawn or pushed
more than ±0.2 mm or loaded with a higher force than 35N.
x At a maximum substrate-temperature of 100°C the load of the pin should not exceed ±5N.
x Vibration stress on pins is not allowed
...to the heat sink
x
the heat sink surface must be clean and particle less.
x
the flatness must be < 0.05 mm for 100 mm continuous.
x
the surface roughness should be less than
RZ = 0.01 mm.
...to the thermal paste
x
homogenous applying of the thermal conducting paste over the whole module plate with a
thickness of max. 0.05 mm.
x
Thicker thermal paste can raise the value of the Rth.
...to the fastening screws to the heat sink if plain washer is used and optional with a spring lock
washer
Important parameter
screw
M4 DIN 7985
flat washer
DIN 125 or DIN 433
spring washer
DIN 127 or DIN 128
mounting torque
Ma =2.0-2.2Nm
Copyright by Vincotech
3
Revision: 1


Similar Part No. - V23990-P700-F

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P700-F40-PM VINCOTECH-V23990-P700-F40-PM Datasheet
419Kb / 17P
   Clip-in PCB mounting
V23990-P700-F44 VINCOTECH-V23990-P700-F44 Datasheet
413Kb / 17P
   Trench Fieldstop IGBT4 Technology
More results

Similar Description - V23990-P700-F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AC11004 TI1-SN74AC11004 Datasheet
816Kb / 13P
[Old version datasheet]   Flow-Through Architecture Optimizes PCB Layout
logo
Infineon Technologies A...
ESD102-U4-05L INFINEON-ESD102-U4-05L Datasheet
1Mb / 19P
   Ultra-Low Capacitance ESD Protection Array for Flow-Through PCB Layout
Revision 1.0, 2013-02-25
logo
ATMEL Corporation
RC044M-24 ATMEL-RC044M-24 Datasheet
54Kb / 1P
   Routing card
RCPWM-22 ATMEL-RCPWM-22 Datasheet
45Kb / 1P
   Routing card
logo
Unisonic Technologies
UESD4CUSB30G-AF5-R UTC-UESD4CUSB30G-AF5-R Datasheet
133Kb / 4P
   Flow-Through Pin Mapping
logo
ATMEL Corporation
STK600-RC020T-23 ATMEL-STK600-RC020T-23 Datasheet
45Kb / 1P
   Routing card
STK600-RC020T-44 ATMEL-STK600-RC020T-44 Datasheet
527Kb / 1P
   Routing card
RC064M-9 ATMEL-RC064M-9 Datasheet
43Kb / 1P
   Routing Card
logo
Xilinx, Inc
DS105 XILINX-DS105 Datasheet
106Kb / 4P
   Low-power segmented routing architecture
logo
Samsung semiconductor
DS_K7M323625M SAMSUNG-DS_K7M323625M Datasheet
211Kb / 18P
   1Mx36 & 2Mx18 Flow-Through NtRAM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com