Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M203S3S2W45 Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M203S3S2W45
Description  General Specifications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M203S3S2W45 Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  M203S3S2W45 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M203S3S2W45 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M203S3S2W45 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M203S3S2W45 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M203S3S2W45 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M203S3S2W45 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M203S3S2W45 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M203S3S2W45 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M203S3S2W45 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Series M
Angle PC Mount Miniature Toggles
www.nkk.com
A69
A
SMALL TOGGLES
.413” (10.5mm)
Bat
S
.256” (6.5mm)
Bat
S3
Important:
Toggle length changes based on
bushing selected. All illustrations are
shown with .350” (8.9mm) long
bushing. When using a .280” (7.1mm)
long bushing, toggle length increases
.070” (1.78mm).
25°
(2.8) Dia
.110
(10.5)
.413
25°
(2.5)
.098
(6.5)
.256
(4.2)
.165
(5.08)
.200
25°
(2.54)
.100
(11.4)
.450
.450” (11.4mm)
Flatted
E
.256” (6.5mm)
Flatted
E2
SMALL BUSHINGS
(6.5) Dia
.256
(5.6)
.220
(0.6)
.024
(6.5) Dia
.256
(6.5)
.256
(2.2) Dia
.087
Panel Cutouts
.350” (8.9mm)
Smooth with Keyway
S2
(0.9)
.035
(8.9)
.350
(6.2) Dia
.244
(8.0) Dia
.315
(2.5)
.098
(0.8)
.031
For A2, S2, A1 or
S1 Bushing
with Keyway
For A1 or
S1 Bushing
with Locking Ring
.350” (8.9mm)
Threaded with Keyway
S1
(8.0) Dia
.315
(2.5)
.098
(0.8)
.031
(0.9)
.035
(8.9)
.350
1/4-40 Thd
Maximum Panel Thickness with
Standard Hardware: .102” (2.6mm)
.280” (7.1mm)
Smooth with Keyway
A2
(8.0) Dia
.315
(2.5)
.098
(0.8)
.031
(0.9)
.035
(7.1)
.280
(6.2) Dia
.244
When using this bushing, toggle length
is increased by .070” (1.78mm).
A1 .280” (7.1mm)
Threaded with Keyway
(0.9)
.035
(7.1)
.280
1/4-40 Thd
(8.0) Dia
.315
(2.5)
.098
(0.8)
.031
When using this bushing, toggle length is increased
by .070” (1.78mm). Maximum Panel Thickness
with Standard Hardware: .031” (0.8mm)
Standard Hardware:
2 Hex Nuts (AT513H)
1 Lockwasher (AT509)
1 Locking Ring (AT507H)
For dimensions, see Accessories
& Hardware section.
Standard Material & Finish: Brass with Bright Chrome
Contact factory for optional finishes.
.200” (5.08mm)
Bat
S2
(2.7) Dia
.106
25°
(5.08)
.200
(6.5)
.256
(2.7) Dia
.106
25°


Similar Part No. - M203S3S2W45

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M2030 MTRONPTI-M2030 Datasheet
714Kb / 2P
   3.2 x 5.0 x 1.3 mm, HCMOS Compatible, Surface Mount Oscillators
logo
M/A-COM Technology Solu...
M2031 MA-COM-M2031 Datasheet
50Kb / 2P
   Printed Circuit Board Design for LSM1 VCO?셲
logo
Nihon Kaiheiki Industry...
M2031E2A1 NKK-M2031E2A1 Datasheet
1Mb / 28P
   General Specifications
M2031E2A2 NKK-M2031E2A2 Datasheet
1Mb / 28P
   General Specifications
M2031E2D1 NKK-M2031E2D1 Datasheet
1Mb / 28P
   General Specifications
More results

Similar Description - M203S3S2W45

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com