Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90LV051 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI90LV051
Description  3.3V LVDS High-Speed Differential Line Drivers and Receivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV051 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI90LV051 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV051 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV051 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV051 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV051 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV051 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV051 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV051 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LV051 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
PS8539
05/01/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV179, PI90LV180,
PI90LV050, PI90LV051
Product Features
• Signaling Rates >660 Mbps (330 MHz)
• Single 3.3V Power Supply Design
• Driver:
— ±350mV Differential Swing into a 100-Ohm load
— Propogation Delay of 1.5ns Typ.
— Low Voltage TTL (LVTTL) Inputs are 5V Tolerant
— Driver is High Impedance when Disabled or VCC <1.5V
• Receiver:
— Accepts ±50mV (min.) Differential Swing with up to 2.0V
ground potential difference
— Propagation Delay of 3.3ns Typ.
— Low Voltage TTL (LVTTL) Outputs
— Open, Short, and Terminated Fail Safe
• Industrial Temperature Operating Range: –40°C to 85°C
• Package Options: SOIC, TSSOP, MSOP
• Meets or Exceeds IEEE 1596.3 SCI Standard
• Meets or Exceeds ANSI/TIA/EIA-644 LVDS Standard
• Bus-Terminal ESD exceeds 12kV
3.3V LVDS High-Speed Differential Line Drivers and Receivers
PI90LV051
PI90LV050
PI90LV180
PI90LV179
VCC
DIN1
DOUT1+
DOUT1
DEN
DOUT2
DOUT2+
DIN2
RIN1
RIN1+
ROUT1
REN*
ROUT2
RIN2+
RIN2
GND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
ROUT
RIN+
RIN
DOUT
DOUT+
DIN
GND
1
2
3
4
8
7
6
5
VCC
DIN1
DOUT1+
DOUT1
DEN2
DOUT2
DOUT2+
DIN2
RIN1
RIN1+
ROUT1
DEN1
ROUT2
RIN2+
RIN2
GND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
VCC
RIN+
RIN
DOUT
DOUT+
NC
NC
ROUT
REN*
DEN
DIN
GND
GND
1
2
3
4
5
6
7
14
13
12
11
10
9
8
DIN1
DEN1
DIN2
DEN2
ROUT1
ROUT2
DOUT1+
DOUT1-
DOUT2+
DOUT2-
RIN1+
RIN1-
RIN2+
RIN2-
DIN1
DIN2
DEN
ROUT2
ROUT1
REN*
DOUT1+
DOUT1-
DOUT2+
DOUT2-
RIN1+
RIN1-
RIN2+
RIN2-
DIN
DEN
ROUT
REN*
DOUT+
DOUT-
RIN+
RIN-
DIN
ROUT
DOUT+
DOUT-
RIN+
RIN-
8-Pin
U, W
16-Pin
L, W
14-Pin
L, W
16-Pin
L, W
Product Description
ThePI90LV179,PI90LV180,PI90LV050,andPI90LV051aredifferen-
tial line drivers and receivers (transceivers) that are compliant with
theIEEE1596.3SCIandANSI/TIA/EIA-644LVDSstandards.These
devices use low-voltage differential signaling (LVDS) to achieve
data rates in excess of 660 Mbps while being less susceptible to noise
than single-ended transmission.
The drivers translate a low-voltage TTL/CMOS input into a low-
voltage (350mV typical) differential output signal. The receivers
translate a differential 350mV input signal to a 3V CMOS output level.
The driver section can be independently set to a power-down and
high-impedance output mode with the DEN pin (active HIGH). The
receiver section is controlled by the REN* pin (active LOW).
Applications
Applications include point-to-point and multidrop baseband data
transmission over a controlled impedance media of approximately
100 ohms. These include intra-system connections via printed
circuit board traces or cables, hubs and routers for data communi-
cations; PBXs, switches, repeaters and base stations for telecommu-
nications and other applications such as digital cameras, printers
and copiers.


Similar Part No. - PI90LV051

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV01 PERICOM-PI90LV01 Datasheet
198Kb / 8P
   SOTiny LVDS High-Speed Differential Line Driver
PI90LV017A PERICOM-PI90LV017A Datasheet
326Kb / 10P
   3V LVDS High-Speed Differential Line Drivers
PI90LV017AUE PERICOM-PI90LV017AUE Datasheet
566Kb / 11P
   3V LVDS High-Speed Differential Line Drivers
PI90LV017AWE PERICOM-PI90LV017AWE Datasheet
566Kb / 11P
   3V LVDS High-Speed Differential Line Drivers
PI90LV018A PERICOM-PI90LV018A Datasheet
326Kb / 10P
   3V LVDS High-Speed Differential Line Drivers
More results

Similar Description - PI90LV051

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LVB179 PERICOM-PI90LVB179 Datasheet
230Kb / 14P
   3.3V Boost LVDS High-Speed Differential Line Drivers and Receivers
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com