Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC50-10 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # GBPC50-10
Description  High Current 40, 50 AMPS. Single Phase Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GBPC50-10 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  GBPC50-10 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GBPC50-10 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 530 -
GBPC 40, 50 SERIES
High Current 40, 50 AMPS. Single Phase Glass Passivated Bridge Rectifiers
Voltage Range
50 to 1000 Volts
Current
40, 50.0 Amperes
Features
a
UL Recognized File # E-96005
a
The plastic material used carries
Underwriters Laboratory Flammability
Recognition 94V-0
a
Integrally molded heatsink provide very low
thermal resistance for maximum heat
dissipation
a
Universal 4-way terminals; snap-on, wrap-
around, solder or P.C. board mounting
a
Surge overload ratings 400 amperes
a
Terminals solderable per MIL-STD-202,
Method 208
a
Typical IR less than 0.2 uA
a
High temperature soldering guaranteed:
260°C/ 10 seconds / .375”, (9.5mm) lead
lengths
a Isolated voltage from case to lead over 2500
volts
GBPC40
GBPC40-M
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
-005
-01
-02
-04
-06
-08
-10
Units
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TC= 55°C
GBPC40
GBPC50
40.0
50.0
A
Peak Forward Surge Current,
Single Sine-wave Superimposed
on Rated Load (JEDEC method )
GBPC40
GBPC50
400
400
A
Maximum Instantaneous
Forward Voltage Drop Per
Element at Specified Current
GBPC40 @20A
GBPC50 @25A
1.1
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage Per Element
10
uA
Typical Thermal Resistance (Note 1) R
ÛJC
1.5
°C/W
Operating and Storage Temperature Range TJ ,TSTG
-50 to +150
°C
Notes: 1. Thermal Resistance from Junction to Case.
Notes: 2. Suffix”M” - Terminal Location Face to Face.


Similar Part No. - GBPC50-10

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
GBPC50-10 TAITRON-GBPC50-10 Datasheet
147Kb / 4P
   50A Glass Passivated Bridge Rectifier
logo
Taiwan Semiconductor Co...
GBPC50-10 TSC-GBPC50-10 Datasheet
566Kb / 2P
   High Current 40, 50 AMPS. Single Phase Glass Passivated Bridge Rectifiers
More results

Similar Description - GBPC50-10

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBPC40005 TSC-GBPC40005 Datasheet
103Kb / 2P
   High Current 40, 50 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
GBPC40005 LUGUANG-GBPC40005 Datasheet
142Kb / 2P
   High Current 40, 50 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
GBPC40 TSC-GBPC40_10 Datasheet
566Kb / 2P
   High Current 40, 50 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
KBPC25005-KBPC2510 KINGTRONICS-KBPC25005-KBPC2510 Datasheet
423Kb / 2P
   High Current 25 AMPS. Single Phase Glass Passivated Bridge Rectifiers
KBPC35005W KINGTRONICS-KBPC35005W_15 Datasheet
391Kb / 2P
   High Current 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
KBPC35005 KINGTRONICS-KBPC35005_15 Datasheet
404Kb / 2P
   High Current 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBPC1500G JGD-KBPC1500G Datasheet
157Kb / 2P
   HIGH CURRENT 15,25,35 AMPS SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Kingtronics Internation...
KBPC25005 KINGTRONICS-KBPC25005_15 Datasheet
412Kb / 2P
   High Current 25 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
MP1500G JGD-MP1500G Datasheet
160Kb / 2P
   HIGH CURRENT 15 AMPS SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Surge Components
GBPC15 SURGE-GBPC15 Datasheet
130Kb / 2P
   HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com