Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8117FRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL8117FRZ
Description  Synchronous Step-down PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8117FRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL8117FRZ Datasheet HTML 3Page - Intersil Corporation ISL8117FRZ Datasheet HTML 4Page - Intersil Corporation ISL8117FRZ Datasheet HTML 5Page - Intersil Corporation ISL8117FRZ Datasheet HTML 6Page - Intersil Corporation ISL8117FRZ Datasheet HTML 7Page - Intersil Corporation ISL8117FRZ Datasheet HTML 8Page - Intersil Corporation ISL8117FRZ Datasheet HTML 9Page - Intersil Corporation ISL8117FRZ Datasheet HTML 10Page - Intersil Corporation ISL8117FRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ISL8117
7
FN8666.3
June 4, 2015
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
VCC5V to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +5.9V
EXTBIAS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +5.9V
VIN to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +62.5V
BOOT/UGATE to PHASE . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC5V+0.3V
PHASE and ISEN to GND . . . . . . . . . . . . . -5V (<20ns)/-0.3V (DC) to +62.5V
EN, PGOOD, SS/TRK, FB to GND. . . . . . . . . . . . . . . . . -0.3V to VCC5V+0.3V
LGATE/OCS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC5V+0.3V
RT, MOD/SYNC, CLKOUT to GND. . . . . . . . . . . . . . . . . -0.3V to VCC5V+0.3V
VCC5V Short-circuit to GND Duration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1s
ESD Rating
Human Body Model (Tested per JS-001-2010) . . . . . . . . . . . . . . . . . . 4kV
Machine Model (Tested per JESD22-A115C) . . . . . . . . . . . . . . . . . . 400V
Charge Device Model (Tested per JESD22-C101E). . . . . . . . . . . . . . . 2kV
Latch-up (Tested per JESD78D; Class II, Level A, +125°C) . . . . . . . 100mA
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
16 Ld QFN Package (Notes 4, 5) . . . . . . . .
40
2.5
16 Ld HTSSOP Package (Notes 4, 5) . . . . .
35
4.5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . .-55°C to +150°C
Maximum Operating Temperature . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Maximum Storage Temperature. . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
VIN to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 60V
VCC5V to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.1V to 5.5V
EXTBIAS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.1V to +5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to “Block Diagram” on page 5 and “Typical
Application Schematics” on page 6. VIN = 4.5V to 60V, or VCC5V = 5V ±10%, C_VCC5V = 4.7µF, TA = -40°C to +125°C, Typical values are at TA = +25°C,
unless otherwise specified. Boldface limits apply across the operating temperature range, -40°C to +125°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 9)TYP
MAX
(Note 9)UNIT
VIN SUPPLY
VIN
Input Voltage Range
4.5
60.0
V
VIN SUPPLY CURRENT
IVINQ
Shutdown Current (Note 6)EN = 0
PGOOD is floating
5
10
µA
IVINOP
Operating Current (Note 8)
PGOOD is floating
2.5
4
mA
VCC5V SUPPLY (Note 6)
VCC
Operation Voltage
VIN = 12V, IL = 0mA
4.85
5.1
5.4
V
Internal LDO Output Voltage
VIN = 4.5V, IL = 30mA
4.1
4.4
V
Internal LDO Output Voltage
VIN > 5.6V, IL = 75mA
4.75
5.05
V
IVCC_MAX
Maximum Supply Current of Internal LDO
VVCC5V = 0V, VIN = 12V
120
mA
EXTBIAS SUPPLY (Note 6)
VEXT_THR
Switch Over Threshold Voltage, Rising
EXTBIAS voltage
4.5
4.7
4.9
V
VEXT_THF
Switch Over Threshold Voltage, Falling
EXTBIAS voltage
4.2
4.5
4.65
V
REXT
Internal Switch ON-resistance
VIN = 12V
1.5
Ω
UNDERVOLTAGE LOCKOUT
VUVLOTHR
Undervoltage Lockout, Rising
VIN voltage, 0mA on VCC5V
3.7
3.90
4.2
V
VUVLOTHF
Undervoltage Lockout, Falling
VIN voltage, 0mA on VCC5V
3.35
3.50
3.85
V
EN THRESHOLD
VENSS_THR
EN Rise Threshold
VIN > 5.6V
1.25
1.60
1.95
V
VENSS_THF
EN Fall Threshold
VIN > 5.6V
1.05
1.25
1.55
V
VENSS_HYST EN Hysteresis
VIN > 5.6V
180
350
500
mV
SOFT-START CURRENT
ISS
SS/TRK Soft-start Charge Current
SS/TRK = 0V
2.00
µA


Similar Part No. - ISL8117FRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8117FRZ RENESAS-ISL8117FRZ Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
ISL8117FRZ-T RENESAS-ISL8117FRZ-T Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
ISL8117FRZ-T7A RENESAS-ISL8117FRZ-T7A Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
More results

Similar Description - ISL8117FRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Sipex Corporation
SP6121CN-L SIPEX-SP6121CN-L Datasheet
1Mb / 42P
   Low Voltage, Synchronous Step Down PWM Controller
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
Exar Corporation
SP6134H EXAR-SP6134H Datasheet
745Kb / 15P
   High Voltage, 600kHz Synchronous PWM Step Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com