Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962F9956002QXC Datasheet(PDF) 1 Page - Intersil Corporation

Part # 5962F9956002QXC
Description  Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962F9956002QXC Datasheet(HTML) 1 Page - Intersil Corporation

  5962F9956002QXC Datasheet HTML 1Page - Intersil Corporation 5962F9956002QXC Datasheet HTML 2Page - Intersil Corporation 5962F9956002QXC Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Radiation Hardened Dual, Non-Inverting Power MOSFET
Drivers
HS-4424RH, HS-4424EH,
HS-4424BRH, HS-4424BEH
The Radiation Hardened HS-4424RH, HS-4424EH,
HS-4424BRH and HS-4424BEH are non-inverting, dual,
monolithic high-speed MOSFET drivers designed to convert TTL
level signals into high current outputs at voltages up to 18V.
The inputs of these devices are TTL compatible and can be
directly driven by our HS-1825ARH PWM device or by our
ACS/ACTS and HCS/HCTS type logic devices. The fast rise
times and high current outputs allow very quick control of high
gate capacitance power MOSFETs in high frequency
applications.
The high current outputs minimize power losses in MOSFETs by
rapidly charging and discharging the gate capacitance. The
output stage incorporates a low voltage lock-out circuit that
puts the outputs into a three-state mode when the supply
voltage drops below 10V for the HS-4424RH, HS-4424EH and
7.5V for the HS-4424BRH, HS-4424BEH.
Constructed with the Intersil dielectrically isolated Rad Hard
Silicon Gate (RSG) BiCMOS process, these devices are immune
to Single Event Latch-up and have been specifically designed
to provide highly reliable performance in harsh radiation
environments.
Specifications for Rad Hard QML devices are controlled by the
Defense Logistics Agency Land and Maritime (DLA). The SMD
numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-99560.
Features
• Electrically screened to DESC SMD # 5962-99560
• QML qualified per MIL-PRF-38535 requirements
• EH version acceptance tested to 50krad(Si) (LDR)
•Radiation environment
- High dose rate (50-300rad(Si)/s). . . . . . . . . . . 300krad(Si)
- Latch-up immune
- Low dose rate immune
•IPEAK . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >2A (min)
• Matched rise and fall times (CL = 4300pF) . . . . . . 75ns (max)
• Low voltage lock-out feature
- HS-4424RH, HS-4424EH. . . . . . . . . . . . . . . . . . . . . . < 10.0V
- HS-4424BRH, HS-4424BEH . . . . . . . . . . . . . . . . . . . . < 7.5V
• Wide supply voltage range . . . . . . . . . . . . . . . . . . . 12V to 18V
• Prop delay . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .250ns (max)
• Consistent delay times with VCC changes
•Low power consumption
- 40mW with inputs high
- 20mW with inputs low
• Low equivalent input capacitance . . . . . . . . . . . . . 3.2pF (typ)
• ESD protected. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >4000V
Applications
• Switching power supplies
•DC/DC converters
•Motor controllers
Pin Configuration
HS-4424RH, HS-4424EH, HS-4424BRH, HS-4424BEH
(FLATPACK CDFP4-F16)
TOP VIEW
NC
IN A
NC
GND A
GND B
NC
IN B
NC
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
NC
OUT A
OUT A
VCC
VCC
OUT B
OUT B
NC
NOTE: Pins 4 and 5, 10 and 11, 12 and 13, 14 and 15 are double-bonded to their
same electrical points on the die.
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 1999, 2013. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
September 24, 2013
FN4739.2


Similar Part No. - 5962F9956002QXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962F9956004V9A INTERSIL-5962F9956004V9A Datasheet
227Kb / 3P
   Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
5962F9956005V9A INTERSIL-5962F9956005V9A Datasheet
528Kb / 15P
   Dual, Noninverting Power MOSFET Radiation Hardened Drivers
October 15, 2015
5962F9956005VXC INTERSIL-5962F9956005VXC Datasheet
528Kb / 15P
   Dual, Noninverting Power MOSFET Radiation Hardened Drivers
October 15, 2015
5962F9956006V9A INTERSIL-5962F9956006V9A Datasheet
528Kb / 15P
   Dual, Noninverting Power MOSFET Radiation Hardened Drivers
October 15, 2015
5962F9956006VXC INTERSIL-5962F9956006VXC Datasheet
528Kb / 15P
   Dual, Noninverting Power MOSFET Radiation Hardened Drivers
October 15, 2015
More results

Similar Description - 5962F9956002QXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-4424RH INTERSIL-HS-4424RH Datasheet
56Kb / 2P
   Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
5962F9956004V9A INTERSIL-5962F9956004V9A Datasheet
227Kb / 3P
   Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
HS-4423RH INTERSIL-HS-4423RH_14 Datasheet
201Kb / 3P
   Radiation Hardened Dual, Inverting Power MOSFET Drivers
February 11, 2014
HS-4423RH INTERSIL-HS-4423RH Datasheet
56Kb / 2P
   Radiation Hardened Dual, Inverting Power MOSFET Drivers
logo
Renesas Technology Corp
ISL74422ARH RENESAS-ISL74422ARH Datasheet
142Kb / 3P
   Radiation Hardened 9A, Non-Inverting Power MOSFET Drivers
April 1, 2010
logo
Intersil Corporation
ISL74422ARH INTERSIL-ISL74422ARH Datasheet
132Kb / 3P
   Radiation Hardened 9A, Non-Inverting Power Radiation Hardened 9A, Non-Inverting Power
logo
Renesas Technology Corp
ISL74422BRH RENESAS-ISL74422BRH Datasheet
210Kb / 3P
   Radiation Hardened, 9A, Non-Inverting Power MOSFET Driver
October 2003
logo
Intersil Corporation
ISL74422BRH INTERSIL-ISL74422BRH Datasheet
74Kb / 2P
   Radiation Hardened, 9A, Non-Inverting Power MOSFET Driver
HS-4424DRH INTERSIL-HS-4424DRH Datasheet
528Kb / 15P
   Dual, Noninverting Power MOSFET Radiation Hardened Drivers
October 15, 2015
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com