Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8117DEMO1Z Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL8117DEMO1Z
Description  Synchronous Step-down PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8117DEMO1Z Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL8117DEMO1Z Datasheet HTML 6Page - Intersil Corporation ISL8117DEMO1Z Datasheet HTML 7Page - Intersil Corporation ISL8117DEMO1Z Datasheet HTML 8Page - Intersil Corporation ISL8117DEMO1Z Datasheet HTML 9Page - Intersil Corporation ISL8117DEMO1Z Datasheet HTML 10Page - Intersil Corporation ISL8117DEMO1Z Datasheet HTML 11Page - Intersil Corporation ISL8117DEMO1Z Datasheet HTML 12Page - Intersil Corporation ISL8117DEMO1Z Datasheet HTML 13Page - Intersil Corporation ISL8117DEMO1Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ISL8117
10
FN8666.3
June 4, 2015
Submit Document Feedback
Typical Performance Curves OscilloscopeplotsaretakenusingtheISL8117EVAL2Zevaluationboard,V
IN = 18 to 60V,
VOUT = 12V, IOUT = 20A unless otherwise noted.
FIGURE 6. SHUTDOWN CURRENT vs TEMPERATURE
FIGURE 7. QUIESCENT CURRENT vs TEMPERATURE
FIGURE 8. VCC5V LOAD REGULATION
FIGURE 9. VCC5V LINE REGULATION
FIGURE 10. SWITCHING FREQUENCY vs TEMPERATURE (RT = 36kΩ)
FIGURE 11. SWITCHING FREQUENCY vs VIN
TEMPERATURE (°C)
0
1
2
3
4
5
6
7
8
9
10
-40
-25
-10
5
20
35
50
65
80
95
110 125
TEMPERATURE
(°C)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
1
2
3
4
5
6
0
20
40
60
80
100
120
LOAD CURRENT (mA)
4.4
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
0
1020
304050
60
VIN (V)
TEMPERATURE (°C)
1000
1010
1020
1030
1040
1050
1060
1070
1080
1090
1100
-40
-25
-10
5
20
35
50
65
80
95
110 125
VIN (V)
0
50
100
150
200
250
300
350
0
5
10
15
20
25
30
35
40
45
50
55 60


Similar Part No. - ISL8117DEMO1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8117DEMO1Z RENESAS-ISL8117DEMO1Z Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
More results

Similar Description - ISL8117DEMO1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Sipex Corporation
SP6121CN-L SIPEX-SP6121CN-L Datasheet
1Mb / 42P
   Low Voltage, Synchronous Step Down PWM Controller
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
Exar Corporation
SP6134H EXAR-SP6134H Datasheet
745Kb / 15P
   High Voltage, 600kHz Synchronous PWM Step Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com