Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962L1522801VXC Datasheet(PDF) 11 Page - Intersil Corporation

Part # 5962L1522801VXC
Description  3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Loopback
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962L1522801VXC Datasheet(HTML) 11 Page - Intersil Corporation

Back Button 5962L1522801VXC Datasheet HTML 7Page - Intersil Corporation 5962L1522801VXC Datasheet HTML 8Page - Intersil Corporation 5962L1522801VXC Datasheet HTML 9Page - Intersil Corporation 5962L1522801VXC Datasheet HTML 10Page - Intersil Corporation 5962L1522801VXC Datasheet HTML 11Page - Intersil Corporation 5962L1522801VXC Datasheet HTML 12Page - Intersil Corporation 5962L1522801VXC Datasheet HTML 13Page - Intersil Corporation 5962L1522801VXC Datasheet HTML 14Page - Intersil Corporation 5962L1522801VXC Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ISL72026SEH
11
FN8762.1
November 9, 2015
Submit Document Feedback
Typical Performance Curves C
L = 15pF, TA = +25°C; Unless Otherwise Specified.
FIGURE 20. SUPPLY CURRENT vs FAST DATA RATE vs TEMPERATURE
FIGURE 21. SUPPLY CURRENT vs MEDIUM DATA RATE vs
TEMPERATURE
FIGURE 22. SUPPLY CURRENT vs SLOW DATA RATE vs
TEMPERATURE
FIGURE 23. BUS PIN LEAKAGE vs VCM AT VCC = 0V
FIGURE 24. BUS PIN LEAKAGE vs ±12V VCM
FIGURE 25. BUS PIN LEAKAGE vs ±35V VCM
0
5
10
15
20
25
100
200
300
400
500
600
700
800
900
1000
DATA RATE (kbps)
RS = GND, RDIFF = 60Ω
+125 °C
+25 °C
-55 °C
100
200
300
400
500
600
700
800
900
1000
DATA RATE (kbps)
0
5
10
15
20
25
RS = 10kΩ, RDIFF = 60Ω
+125 °C
+25 °C
-55 °C
DATA RATE (kbps)
100
200
300
400
500
600
700
800
900
1000
0
5
10
15
20
25
RS = 50kΩ, RDIFF = 60Ω
+125 °C
+25 °C
-55 °C
-100
-50
0
50
100
150
200
-8
-4
0
4
8
12
BUS VOLTAGE (V)
VCC = RS = GND, D = 3V, OTHER BUS PIN = GND
-55 °C
+125 °C
+25 °C
-600
-400
-200
0
200
400
600
-12
-9
-6
-3
0369
12
BUS VOLTAGE (V)
VCC = 3V OR 3.6V, RS = GND, D = VCC,
OTHER BUS PIN = GND
+125 °C
+25 °C
-55 °C
BUS VOLTAGE (V)
-15
-10
-5
0
5
10
15
-40
-30
-20
-10
0
10
20
30
40
VCC = 3V OR 3.6V, RS = GND, D = VCC,
OTHER BUS PIN = GND
+125 °C
+25 °C
-55 °C


Similar Part No. - 5962L1522801VXC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5962L1522801VXC RENESAS-5962L1522801VXC Datasheet
992Kb / 18P
   3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
August 16, 2016
More results

Similar Description - 5962L1522801VXC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71026M RENESAS-ISL71026M Datasheet
956Kb / 32P
   3.3V CAN Transceiver, 1Mbps, Listen Mode, Loopback
March 26, 2018
ISL72026BSEH RENESAS-ISL72026BSEH Datasheet
898Kb / 20P
   3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
Jan 10, 2020
ISL72026SEH RENESAS-ISL72026SEH Datasheet
992Kb / 18P
   3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
August 16, 2016
logo
Intersil Corporation
ISL72027SEH INTERSIL-ISL72027SEH Datasheet
863Kb / 18P
   3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Split Termination Output
November 9, 2015
logo
Renesas Technology Corp
ISL72027BSEH RENESAS-ISL72027BSEH Datasheet
1Mb / 20P
   3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
November 30, 2016
ISL72027SEH RENESAS-ISL72027SEH Datasheet
990Kb / 19P
   3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
August 16, 2016
logo
Intersil Corporation
ISL72028SEH INTERSIL-ISL72028SEH Datasheet
846Kb / 19P
   3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Low Power Shutdown, Split Termination Output
November 9, 2015
logo
Holt Integrated Circuit...
HI-3001 HOLTIC-HI-3001 Datasheet
87Kb / 13P
   1Mbps Avionics CAN Transceiver 1Mbps Avionics CAN Transceiver
logo
Maxim Integrated Produc...
MAX3051 MAXIM-MAX3051 Datasheet
191Kb / 13P
   3.3V, 1Mbps, Low-Supply-Current CAN Transceiver
MAX3051 MAXIM-MAX3051_15 Datasheet
651Kb / 12P
   3.3V, 1Mbps, Low-Supply-Current CAN Transceiver
Rev 3; 2/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com