Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL72027SEHVF Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL72027SEHVF
Description  3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Split Termination Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL72027SEHVF Datasheet(HTML) 1 Page - Intersil Corporation

  ISL72027SEHVF Datasheet HTML 1Page - Intersil Corporation ISL72027SEHVF Datasheet HTML 2Page - Intersil Corporation ISL72027SEHVF Datasheet HTML 3Page - Intersil Corporation ISL72027SEHVF Datasheet HTML 4Page - Intersil Corporation ISL72027SEHVF Datasheet HTML 5Page - Intersil Corporation ISL72027SEHVF Datasheet HTML 6Page - Intersil Corporation ISL72027SEHVF Datasheet HTML 7Page - Intersil Corporation ISL72027SEHVF Datasheet HTML 8Page - Intersil Corporation ISL72027SEHVF Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
DATASHEET
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen
Mode, Split Termination Output
ISL72027SEH
The Intersil ISL72027SEH is a 3.3V radiation tolerant CAN
transceiver that is compatible with the ISO11898-2 standard
for applications calling for Controller Area Network (CAN) serial
communication in satellites and aerospace communications
and telemetry data processing in harsh industrial
environments.
The transceiver can transmit and receive at bus speeds of up to
1Mbps. The device is designed to operate over a common-mode
range of -7V to +12V with a maximum of 120 nodes. The device
has three discrete selectable driver rise/fall time options, a
listen mode feature and a split termination output.
Receiver (Rx) inputs feature a “full fail-safe” design, which
ensures a logic high Rx output if the Rx inputs are floating,
shorted, or terminated but undriven.
The ISL72027SEH is available in an 8 Ld hermetic ceramic
flatpack and die form that operate across the temperature
range of the -55°C to +125°C. The logic inputs are tolerant
with 5V systems.
Other CAN transceivers available are the ISL72026SEH and
ISL72028SEH. For a list of differences see Table 1 on page 2.
Related Literature
• UG051, “ISL7202xSEHEVAL1Z Evaluation Board User Guide”
• TR018, “SEE Testing of the ISL72027SEH CAN Transceiver”
• TR022, “Total Dose Testing of the ISL72026SEH,
ISL72027SEH and ISL72028SEH CAN Transceivers”
Features
•DLA SMD 5962-15228
• ESD Protection on all pins. . . . . . . . . . . . . . . . . . . . . . 4kV HBM
• Compatible with ISO11898-2
• Operating supply range . . . . . . . . . . . . . . . . . . . . . 3.0V to 3.6V
• Bus pin fault protection to ±20V
• Undervoltage lockout
• Cold spare: powered down devices/nodes will not affect
active devices operating in parallel
• Three selectable driver rise and fall times
• Glitch free bus I/O during power-up and power-down
• Full fail-safe (open, short, terminated/undriven) receiver
• Hi Z input allows for 120 nodes on the bus
• High data rates. . . . . . . . . . . . . . . . . . . . . . . . . . . . up to 1Mbps
• Quiescent supply current . . . . . . . . . . . . . . . . . . . . 7mA (max)
• Listen mode supply current . . . . . . . . . . . . . . . . . . 2mA (max)
• -7V to +12V common-mode input voltage range
• 5V tolerant logic inputs
•Thermal shutdown
• Acceptance tested to 75krad(Si) (LDR) wafer-by-wafer
• Radiation tolerance
- SEL/B immune to LET 60MeV•cm2/mg
- Low dose rate (0.01rad(Si)/s) . . . . . . . . . . . . . . 75krad(Si)
Applications
• Satellites and aerospace communications
• Telemetry data processing
• High-end industrial environments
• Harsh environments
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. FAST DRIVER AND RECEIVER WAVEFORMS
1
2
3
4
8
7
6
5
RS
CANH
CANL
VREF
D
GND
VCC
R
Tx DATA IN
Rx DATA OUT
CANH
CANL
ISL72027SEH
0.1µF
VCC
0
4
0
TIME (1µs/DIV)
4
0
1
2
3
RS = GND, RDIFF = 60Ω
CANH - CANL
R
D
November 9, 2015
FN8763.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2015. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL72027SEHVF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL72027SEHVF RENESAS-ISL72027SEHVF Datasheet
990Kb / 19P
   3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
August 16, 2016
More results

Similar Description - ISL72027SEHVF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL72026SEH INTERSIL-ISL72026SEH Datasheet
847Kb / 18P
   3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Loopback
November 9, 2015
logo
Renesas Technology Corp
ISL72027BSEH RENESAS-ISL72027BSEH Datasheet
1Mb / 20P
   3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
November 30, 2016
ISL72027SEH RENESAS-ISL72027SEH Datasheet
990Kb / 19P
   3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
August 16, 2016
logo
Intersil Corporation
ISL72028SEH INTERSIL-ISL72028SEH Datasheet
846Kb / 19P
   3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Low Power Shutdown, Split Termination Output
November 9, 2015
logo
Renesas Technology Corp
ISL71026M RENESAS-ISL71026M Datasheet
956Kb / 32P
   3.3V CAN Transceiver, 1Mbps, Listen Mode, Loopback
March 26, 2018
ISL72026BSEH RENESAS-ISL72026BSEH Datasheet
898Kb / 20P
   3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
Jan 10, 2020
ISL72026SEH RENESAS-ISL72026SEH Datasheet
992Kb / 18P
   3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
August 16, 2016
ISL72028BSEH RENESAS-ISL72028BSEH Datasheet
1Mb / 20P
   3.3V Radiation Tolerant CAN Transceiver, with Low-Power Shutdown, Split Termination Output
November 30, 2016
ISL72028SEH RENESAS-ISL72028SEH Datasheet
979Kb / 18P
   3.3V Radiation Tolerant CAN Transceiver, with Low Power Shutdown, Split Termination Output
August 16, 2016
logo
Holt Integrated Circuit...
HI-3001 HOLTIC-HI-3001 Datasheet
87Kb / 13P
   1Mbps Avionics CAN Transceiver 1Mbps Avionics CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com