Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6596 Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT6596
Description  PICTURE CELL LCD DRIVER IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6596 Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT6596 Datasheet HTML 1Page - Princeton Technology Corp PT6596 Datasheet HTML 2Page - Princeton Technology Corp PT6596 Datasheet HTML 3Page - Princeton Technology Corp PT6596 Datasheet HTML 4Page - Princeton Technology Corp PT6596 Datasheet HTML 5Page - Princeton Technology Corp PT6596 Datasheet HTML 6Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Tel : 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Picture Cell LCD Driver IC
PT6596
PT6596 v1.2
Page 5
Updated Sept. 2001
Princeton Technology Corp.
Application Circuit 3: 1/2 Bias Mode
where: C > 0.047uF
Note: R* = The resistance and capacitance values should be set to match the LCD panel and should be
checked using the test operation.
SG22
SG21
SG20
SG19
SG18
SG17
SG16
SG15
SG14
SG13
SG12
COM2
COM3
RSTB
VDD
VDD1
VDD2
VSS
OSC
CS
CLK
DI
C
O
N
T
R
O
L
L
E
R
47K
1000pF
C
R *
R*
V DD
32 Seg x 3 Com
LCD Display
Panel


Similar Part No. - PT6596

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT65 ETC2-PT65 Datasheet
126Kb / 3P
   Rotary code switches
logo
Astrodyne Corporation
PT65 ASTRODYNE-PT65 Datasheet
402Kb / 6P
   65W Triple Output Switching Power Supply
logo
Texas Instruments
PT6500 TI-PT6500 Datasheet
291Kb / 7P
[Old version datasheet]   8 AMP ADJUSTABLE ISR WITH SHORT-CIRCUIT PROTECTION
PT6500 TI1-PT6500 Datasheet
241Kb / 10P
[Old version datasheet]   Small SIP Footprint
PT6500 TI1-PT6500_14 Datasheet
241Kb / 10P
[Old version datasheet]   Small SIP Footprint
More results

Similar Description - PT6596

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9716BK ROHM-BU9716BK Datasheet
225Kb / 11P
   Picture cell driver for STN (LCD driver)
BU9718KV ROHM-BU9718KV Datasheet
157Kb / 10P
   Picture cell driver for STN LCD driver for low voltage power supplies
logo
Sanyo Semicon Device
LC749403BG SANYO-LC749403BG Datasheet
230Kb / 13P
   Silicon gate LCD Picture Quality Improvement IC
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
logo
Princeton Technology Co...
PT6526 PTC-PT6526 Datasheet
1Mb / 24P
   LCD Driver IC
logo
SHENZHEN FUMAN ELECTRON...
SC6523 FUMAN-SC6523 Datasheet
119Kb / 5P
   LCD driver IC
logo
Princeton Technology Co...
PT6554 PTC-PT6554 Datasheet
671Kb / 6P
   LCD Driver IC
PT6524 PTC-PT6524_10 Datasheet
1Mb / 24P
   LCD Driver IC
PT6584 PTC-PT6584 Datasheet
558Kb / 42P
   LCD Driver IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com