Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M204S3S245 Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M204S3S245
Description  General Specifications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M204S3S245 Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M204S3S245 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M204S3S245 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M204S3S245 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M204S3S245 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M204S3S245 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M204S3S245 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M204S3S245 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M204S3S245 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. M204S3S245 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Series M
Angle PC Mount Miniature Toggles
www.nkk.com
A70
A
30
.150” (3.81mm)
Right Angle PC (1-3 Pole)
Smooth with Keyway
LL2
LOCKING LEVER & BUSHING
Locking Mechanism
(0.8)
.031
(2.5)
.098
(8.0) Dia
.315
(16.5)
.650
(15.0)
.591
(9.3)
.366
(0.9)
.035
(4.6) Dia
.181
(7.0)
.275
(8.0)
.315
25°
(5.1) Dia
.201
(6.2) Dia
.244
on-none-on
2 positions lock
on-none-(on)
1 position locks
(on)-off-(on)
(on)-on-(on)
1 position locks
on-off-on
on-on-on
3 positions lock
on-off-(on)
on-on-(on)
2 positions lock
TERMINALS
32
Right Angle PCB
with Reverse Circuit
(1 Pole & 0.4VA Rating Only)
Terminal dimensions are shown on the Typical Switch Dimensions pages which follow.
Single Pole
Double Pole
Three Pole
2
1
3
(4.7) Typ
.185
(2.54) Typ
.100
(14.35)
.565
(1.8) Dia Typ
.073
5
4
6
8
7
9
(3.81) Typ
.150
(1.8) Dia Typ
.073
2
1
3
(4.7) Typ
.185
(2.54) Typ
.100
(12.7)
.500
5
4
6
(3.81)
.150
(9.27)
.365
(3.96) Typ
.156
(1.8) Dia Typ
.073
1
2
3
(2.54) Typ
.100
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3
(12.7)
.500
(2.54) Typ
.100
CONTACT MATERIALS & RATINGS
Silver over Silver
Power Level
6A @ 125V AC & 3A @ 250V AC
Gold over Brass or Copper
Logic Level
0.4VA maximum @ 28V AC/DC maximum
Note: See Supplement section to find complete explanation of operating range.
Gold over Silver
Power Level
or Logic Level
6A @ 125V AC
or 0.4VA maximum @ 28V AC/DC maximum
Note: This dual rated option is suitable when two or more identical switches are used in logic and in power circuits within
the same application. See Supplement section to find complete explanation of dual rating and operating range.
A
W
G
Lever Material & Finish:
Brass with Chrome Plating
Supplied with Cap AT427
Material & Finish:
Brass with Nickel Plating
Cap for Locking Lever
No Code
Color Codes for Optional
Anodized Aluminum Caps
Black
A
Red
C
Blue
G


Similar Part No. - M204S3S245

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M204SD02AJ ETC2-M204SD02AJ Datasheet
323Kb / 22P
   VACUUM FLUORESCENT DISPLAY MODULE
More results

Similar Description - M204S3S245

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com