Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M202E2S245 Datasheet(PDF) 9 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M202E2S245
Description  General Specifications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M202E2S245 Datasheet(HTML) 9 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M202E2S245 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M202E2S245 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M202E2S245 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M202E2S245 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M202E2S245 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M202E2S245 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M202E2S245 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M202E2S245 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. M202E2S245 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Series M
Angle PC Mount Miniature Toggles
www.nkk.com
A73
A
TYPICAL SWITCH DIMENSIONS
Single Pole
.150” (3.81mm) Vertical PC
M2012S2A2G40
Double Pole
.150” (3.81mm) Vertical PC
M2022S2A2G40
Three Pole
.150” (3.81mm) Vertical PC
Four Pole
.150” (3.81mm) Vertical PC
M2032S2A2G40
M2042S2A2G40
(1.4) Typ
.055
(5.08)
.200
Keyway
(6.86)
.270
(7.32)
.288
(12.7)
.500
(3.81) Typ
.150
(0.4)
.016
(1.1)
.043
(0.8) Typ
.031
(2.7) Dia
.106
(6.2) Dia
.244
25°
Keyway
(1.4) Typ
.055
(5.08)
.200
(6.2) Dia
.244
25°
(2.7) Dia
.106
(0.8) Typ
.031
(3.81) Typ
.150
(12.7)
.500
(7.32)
.288
(6.86)
.270
(0.4)
.016
(1.1)
.043
6
5
4
1
2
3
(13.0)
.512
(1.27) Typ
.050
(4.8)
.189
(12.7)
.500
(2.7)
.106
6
5
4
1
2
3
(13.0)
.512
(1.27) Typ
.050
(4.8) Typ
.189
(17.5)
.689
(2.7)
.106
9
8
7
25°
(2.7) Dia
.106
(6.2) Dia
.244
(0.9)
.035
(0.8) Typ
.031
(3.81) Typ
.150
(0.4)
.016
(1.8)
.071
(8.0)
.315
(6.86)
.270
(14.35)
.565
Keyway
(1.4) Typ
.055
(5.08)
.200
Keyway
(1.4) Typ
.055
(5.08)
.200
25°
(2.7) Dia
.106
(6.2) Dia
.244
(0.9)
.035
(0.8) Typ
.031
(3.81) Typ
.150
(0.4)
.016
(1.8)
.071
(8.0)
.315
(6.86)
.270
(14.35)
.565
(13.0)
.512
(1.27) Typ
.050
(22.3)
.878
(2.7)
.106
6
5
4
1
2
3
9
8
7
10
11
12
(4.8) Typ
.189
3
2
1
(13.0)
.512
(2.7)
.106
(1.27)
.050
(7.9)
.311


Similar Part No. - M202E2S245

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M2020 ICST-M2020 Datasheet
431Kb / 10P
   VCSO BASED CLOCK PLL
M2020-2021 ICST-M2020-2021 Datasheet
431Kb / 10P
   VCSO BASED CLOCK PLL
M2021 ICST-M2021 Datasheet
431Kb / 10P
   VCSO BASED CLOCK PLL
logo
List of Unclassifed Man...
M2021 ETC1-M2021 Datasheet
495Kb / 10P
   SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
M2021 ETC2-M2021 Datasheet
1Mb / 12P
   Miniature Toggles
More results

Similar Description - M202E2S245

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com