Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN8834 Datasheet(PDF) 6 Page - Analog Devices

Part # ADN8834
Description  Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8834 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADN8834 Datasheet HTML 2Page - Analog Devices ADN8834 Datasheet HTML 3Page - Analog Devices ADN8834 Datasheet HTML 4Page - Analog Devices ADN8834 Datasheet HTML 5Page - Analog Devices ADN8834 Datasheet HTML 6Page - Analog Devices ADN8834 Datasheet HTML 7Page - Analog Devices ADN8834 Datasheet HTML 8Page - Analog Devices ADN8834 Datasheet HTML 9Page - Analog Devices ADN8834 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
ADN8834
Data Sheet
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
PVIN to PGNDL (WLCSP)
−0.3 V to +5.75 V
PVIN to PGNDS (WLCSP)
−0.3 V to +5.75 V
PVINL to PGNDL (LFCSP)
−0.3 V to +5.75 V
PVINS to PGNDS (LFCSP)
−0.3 V to +5.75 V
LDR to PGNDL (WLCSP)
−0.3 V to VPVIN
LDR to PGNDL (LFCSP)
−0.3 V to VPVINL
SW to PGNDS
−0.3 V to +5.75 V
SFB to AGND
−0.3 V to VVDD
AGND to PGNDL
−0.3 V to +0.3 V
AGND to PGNDS
−0.3 V to +0.3 V
VLIM/SD to AGND
−0.3 V to VVDD
ILIM to AGND
−0.3 V to VVDD
VREF to AGND
−0.3 V to +3 V
VDD to AGND
−0.3 V to +5.75 V
IN1P to AGND
−0.3 V to VVDD
IN1N to AGND
−0.3 V to VVDD
OUT1 to AGND
−0.3 V to +5.75 V
IN2P to AGND
−0.3 V to VVDD
IN2N to AGND
−0.3 V to VVDD
OUT2 to AGND
−0.3 V to +5.75 V
EN/SY to AGND
−0.3 V to VVDD
ITEC to AGND
−0.3 V to +5.75 V
VTEC to AGND
−0.3 V to +5.75 V
Maximum Current
VREF to AGND
20 mA
OUT1 to AGND
50 mA
OUT2 to AGND
50 mA
ITEC to AGND
50 mA
VTEC to AGND
50 mA
Junction Temperature
125°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
260°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages, and is
based on a 4-layer standard JEDEC board.
Table 4.
Package Type
θJA
θJC
Unit
25-Ball WLCSP
48
0.6
°C/W
24-Lead LFCSP
37
1.65
°C/W
ESD CAUTION
Rev. A | Page 6 of 27


Similar Part No. - ADN8834

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8834 AD-ADN8834 Datasheet
1Mb / 30P
   Ultracompact 4A, 15V, Full Bridge Driver with SPI
ADN8834 AD-ADN8834 Datasheet
647Kb / 27P
   Ultracompact, 3 A Thermoelectric Cooler (TEC) Controller
ADN8834 AD-ADN8834 Datasheet
899Kb / 27P
   Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
Rev. B
ADN8834ACBZ-R7 AD-ADN8834ACBZ-R7 Datasheet
899Kb / 27P
   Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
Rev. B
ADN8834ACPZ-R2 AD-ADN8834ACPZ-R2 Datasheet
899Kb / 27P
   Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
Rev. B
More results

Similar Description - ADN8834

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8834 AD-ADN8834_V01 Datasheet
899Kb / 27P
   Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
Rev. B
ADN8835 AD-ADN8835 Datasheet
647Kb / 27P
   Ultracompact, 3 A Thermoelectric Cooler (TEC) Controller
ADN8831ACP AD-ADN8831ACP Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831 AD-ADN8831 Datasheet
505Kb / 11P
   Thermoelectric Cooler (TEC) Controller
Rev. PrC
ADN8831ACPZ-R2 AD-ADN8831ACPZ-R2 Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831 AD-ADN8831_15 Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8833 AD-ADN8833 Datasheet
978Kb / 23P
   Ultracompact, 1 A Thermoelectric Cooler (TEC) Driver for Digital Control Systems
ADN8830 AD-ADN8830 Datasheet
416Kb / 24P
   Thermoelectric Cooler Controller
REV. C
ADN8830 AD-ADN8830_15 Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
ADN8830ACPZ AD-ADN8830ACPZ Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com