Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM4135 Datasheet(PDF) 9 Page - Analog Devices

Part # ADUM4135
Description  Single-/Dual-Supply, High Voltage Isolated IGBT Gate Driver with Miller Clamp
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM4135 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADUM4135 Datasheet HTML 5Page - Analog Devices ADUM4135 Datasheet HTML 6Page - Analog Devices ADUM4135 Datasheet HTML 7Page - Analog Devices ADUM4135 Datasheet HTML 8Page - Analog Devices ADUM4135 Datasheet HTML 9Page - Analog Devices ADUM4135 Datasheet HTML 10Page - Analog Devices ADUM4135 Datasheet HTML 11Page - Analog Devices ADUM4135 Datasheet HTML 12Page - Analog Devices ADUM4135 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Data Sheet
ADuM4135
Rev. A | Page 9 of 17
TYPICAL PERFORMANACE CHARACTERISTICS
CH1
520mV
2
1
CH2 5.0V
CH1 2.0V
M 100ns
10.0GS/s
20.0ps/pt
A
B
W
B
W
CH1 = VI+ (2V/DIV)
CH2 = VGATE (2V/DIV)
Figure 4. Typical Input to Output Waveform, 2 nF Load,
5.1 Ω Series Gate Resistor, VDD1 = +5 V, VDD2 = +15 V, VSS2 = −5 V
2
1
CH1
520mV
CH2 5.0V
CH1 2.0V
M 100ns
10.0GS/s
20.0ps/pt
A
B
W
B
W
CH1 = VI+ (2V/DIV)
CH2 = VGATE (5V/DIV)
Figure 5. Typical Input to Output Waveform, 2 nF Load,
5.1 Ω Series Gate Resistor, VDD1 = 5 V, VDD2 = 15 V, VSS2 = 0 V
2
1
CH1
960mV
CH2 5.0V
CH1 2.0V
M 100ns
10.0GS/s
20.0ps/pt
A
B
W
B
W
CH1 = VI+ (2V/DIV)
CH2 = VGATE (5V/DIV)
Figure 6. Typical Input to Output Waveform, 2 nF Load,
3.9 Ω Series Gate Resistor, VDD1 = +5 V, VDD2 = +15 V, VSS2 = −5 V
2
1
CH1
520mV
CH2 5.0V
CH1 2.0V
M 100ns
10.0GS/s
20.0ps/pt
A
B
W
B
W
CH1 = VI+ (2V/DIV)
CH2 = VGATE (5V/DIV)
Figure 7. Typical Input to Output Waveform, 2 nF Load,
3.9 Ω Series Gate Resistor, VDD1 = 5 V, VDD2 = 15 V, VSS2 = 0 V
FREQUENCY (Hz)
0
0.5
200K
400K
600K
800K
1M
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VDD1 = 2.3V
VDD1 = 5.0V
VDD1 = 3.3V
Figure 8. Typical IDD1 Current vs. Frequency, Duty = 50%, VI+ = VDD1
FREQUENCY (Hz)
200K
400K
600K
800K
1M
0
0
10
20
30
40
50
60
VDD2 = 20V
VDD2 = 15V
VDD2 = 12V
Figure 9. Typical IDD2 Current vs. Frequency, Duty = 50%, 2 nF Load, VSS2 = 0 V


Similar Part No. - ADUM4135

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4135 AD-ADUM4135 Datasheet
463Kb / 17P
   Single-/Dual-Supply, High Voltage Isolated IGBT Gate Driver with Miller Clamp
Rev. D
ADUM4135BRWZ AD-ADUM4135BRWZ Datasheet
463Kb / 17P
   Single-/Dual-Supply, High Voltage Isolated IGBT Gate Driver with Miller Clamp
Rev. D
ADUM4135BRWZ-RL AD-ADUM4135BRWZ-RL Datasheet
463Kb / 17P
   Single-/Dual-Supply, High Voltage Isolated IGBT Gate Driver with Miller Clamp
Rev. D
ADUM4135 AD-ADUM4135_V01 Datasheet
463Kb / 17P
   Single-/Dual-Supply, High Voltage Isolated IGBT Gate Driver with Miller Clamp
Rev. D
More results

Similar Description - ADUM4135

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4135 AD-ADUM4135_V01 Datasheet
463Kb / 17P
   Single-/Dual-Supply, High Voltage Isolated IGBT Gate Driver with Miller Clamp
Rev. D
ADUM4146 AD-ADUM4146 Datasheet
461Kb / 17P
   Single-/Dual-Supply, High Voltage, Isolated SiC Gate Driver with Miller Clamp
ADUM4121-1-EP AD-ADUM4121-1-EP Datasheet
190Kb / 9P
   High Voltage, Isolated Gate Driver with Internal Miller Clamp, 2.3 A Output
Rev. 0
ADUM4146 AD-ADUM4146_V01 Datasheet
1Mb / 17P
   11 A High Voltage Isolated Bipolar Gate Driver with Fault Detection, Miller Clamp
Rev. 0
ADUM4138 AD-ADUM4138 Datasheet
579Kb / 24P
   High Voltage, Isolated IGBT Gate Driver with Isolated Flyback Controller
ADUM4137 AD-ADUM4137 Datasheet
664Kb / 28P
   High Voltage, Isolated IGBT Gate Driver with Fault Detection
ADUM4137 AD-ADUM4137_V01 Datasheet
623Kb / 28P
   High Voltage, Isolated IGBT Gate Driver with Fault Detection
Rev. A
logo
ON Semiconductor
NCD57530 ONSEMI-NCD57530 Datasheet
821Kb / 23P
   Isolated Dual Channel IGBT Gate Driver
June, 2022 - Rev. 0
NCV57000 ONSEMI-NCV57000 Datasheet
230Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001F ONSEMI-NCV57001F_V01 Datasheet
547Kb / 19P
   Isolated High Current IGBT Gate Driver
August, 2021 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com