Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3080CSD Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3080CSD
Description  Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3080CSD Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3080CSD Datasheet HTML 1Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 2Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 3Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 4Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 5Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 6Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 7Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 8Page - Maxim Integrated Products MAX3080CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Fail-Safe, High-Speed (10Mbps),
Slew-Rate-Limited RS-485/RS-422 Transceivers
SWITCHING CHARACTERISTICS—MAX3080–MAX3082, and MAX3089 with
SRL = Unconnected
(VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.)
Figures 7 and 9, RDIFF = 54
Ω,
CL1 = CL2 = 100pF
Figures 7 and 9, RDIFF = 54
Ω,
CL1 = CL2 = 100pF
Figures 6 and 12, CL = 100pF, S1 closed
Figures 7 and 9, RDIFF = 54
Ω,
CL1 = CL2 = 100pF
Figures 6 and 12, CL = 100pF, S2 closed
Figures 8 and 10, CL = 15pF, S1 closed
Figures 8 and 10, CL = 15pF, S2 closed
Figures 6 and 12, CL = 100pF, S1 closed
Figures 11 and 13; | VID | ≥ 2.0V;
rise and fall time of VID
≤ 15ns
(Note 5)
Figures 6 and 12, CL = 100pF, S2 closed
Figures 11 and 13; | VID | ≥ 2.0V;
rise and fall time of VID
≤ 15ns
Figures 8 and 10, CL = 15pF, S2 closed
Figures 8 and 10, CL = 100pF, S2 closed
Figures 8 and 10, CL = 100pF, S1 closed
Figures 6 and 12, CL = 100pF, S1 closed
Figures 8 and 10, CL = 15pF, S1 closed
Figures 6 and 12, CL = 100pF, S2 closed
CONDITIONS
ns
3500
tRZL(SHDN)
Receiver Enable from Shutdown
to Output Low
ns
3500
tRZH(SHDN)
Receiver Enable from Shutdown
to Output High
ns
6000
tDZL(SHDN)
Driver Enable from Shutdown to
Output Low
ns
6000
tDZH(SHDN)
Driver Enable from Shutdown to
Output High
ns
50
200
600
tSHDN
Time to Shutdown
ns
20
50
tRHZ
Receiver Disable Time from
High
ns
20
50
tRLZ
Receiver Disable Time from Low
ns
20
50
tRZH
Receiver Enable to Output High
ns
667
1320
2500
tDR, tDF
Driver Rise or Fall Time
ns
-3
±200
tDSKEW
ns
500
2030
2600
tDPLH
Driver Input to Output
Driver Output Skew
| tDPLH - tDPHL |
ns
20
50
tRZL
Receiver Enable to Output Low
ns
3±30
tRSKD
| tRPLH - tRPHL | Differential
Receiver Skew
ns
127
200
tRPLH,
tRPHL
Receiver Input to Output
ns
100
tDHZ
Driver Disable Time from High
kbps
115
fMAX
Maximum Data Rate
ns
3500
tDZH
Driver Enable to Output High
ns
3500
tDZL
Driver Enable to Output Low
ns
100
tDLZ
Driver Disable Time from Low
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
tDPHL
500
2030
2600
MAX3080–MAX3089
4
Maxim Integrated


Similar Part No. - MAX3080CSD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3080CSD MAXIM-MAX3080CSD Datasheet
275Kb / 20P
   Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 1; 12/97
MAX3080CSD MAXIM-MAX3080CSD Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080CSD MAXIM-MAX3080CSD Datasheet
915Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080CSD MAXIM-MAX3080CSD Datasheet
927Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080CSD MAXIM-MAX3080CSD Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
More results

Similar Description - MAX3080CSD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3080CPD MAXIM-MAX3080CPD Datasheet
915Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080 Datasheet
275Kb / 20P
   Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 1; 12/97
MAX3080 MAXIM-MAX3080_V01 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3082CPA MAXIM-MAX3082CPA Datasheet
927Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_07 Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080E MAXIM-MAX3080E Datasheet
213Kb / 20P
   ±15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 0; 9/00
MAX3080E MAXIM-MAX3080E_V01 Datasheet
242Kb / 20P
   짹15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1800; Rev 1; 5/06
MAX3085ECPA MAXIM-MAX3085ECPA Datasheet
242Kb / 20P
   15,-15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 1; 5/06
logo
AiT Semiconductor Inc.
A3085 AITSEMI-A3085 Datasheet
599Kb / 9P
   RS-485 TRANSCEIVERS FAIL-SAFE, HIGH-SPEED SLEW-RATE-LIMITED
REV1.0
logo
Maxim Integrated Produc...
MAX3483 MAXIM-MAX3483 Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com