Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3100 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3100
Description  SPI/MICROWIRE-Compatible UART in QSOP-16
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3100 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3100_14 Datasheet HTML 1Page - Maxim Integrated Products MAX3100_14 Datasheet HTML 2Page - Maxim Integrated Products MAX3100_14 Datasheet HTML 3Page - Maxim Integrated Products MAX3100_14 Datasheet HTML 4Page - Maxim Integrated Products MAX3100_14 Datasheet HTML 5Page - Maxim Integrated Products MAX3100_14 Datasheet HTML 6Page - Maxim Integrated Products MAX3100_14 Datasheet HTML 7Page - Maxim Integrated Products MAX3100_14 Datasheet HTML 8Page - Maxim Integrated Products MAX3100_14 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
SPI/MICROWIRE-Compatible
UART in QSOP-16
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
CLOAD = 100pF
CLOAD = 100pF, RCS = 10k
Ω
CLOAD = 100pF
CONDITIONS
ns
100
tCL
SCLK Low Time
ns
100
tCH
SCLK High Time
ns
238
tCP
SCLK Period
ns
0
tDH
DIN to SCLK Hold Time
ns
100
tDS
DIN to SCLK Setup Time
ns
100
tDO
SCLK Fall to DOUT Valid
ns
0
tCSH
CS to SCLK Hold Time
ns
100
tCSS
CS to SCLK Setup Time
ns
100
tTR
CS High to DOUT Tri-State
ns
100
tDV
CS Low to DOUT Valid
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TX, RTS, DOUT: CLOAD = 100pF
(Note 1)
ns
10
tr
Output Rise Time
ns
200
tCSW
CS High Pulse Width
ns
100
tCS0
SCLK Rising Edge
to CS Falling
(Note 1)
ns
200
tCS1
CS Rising Edge
to SCLK Rising
• • •
• • •
• • •
• • •
CS
SCLK
DIN
DOUT
tCSH
tCSS
tCL
tDS
tDH
tDV
tCH
tDO
tTR
tCSH
Figure 1. Detailed Serial-Interface Timing
TX, RTS, DOUT, IRQ: CLOAD = 100pF
ns
10
tf
Output Fall Time
AC TIMING (Figure 1)
Note 1: tCS0 and tCS1 specify the minimum separation between SCLK rising edges used to write to other devices on the SPI bus
and the CS used to select the MAX3100. A separation greater than tCS0 and tCS1 ensures that the SCLK edge is ignored.
MAX3100
Maxim Integrated
3
MAX3100


Similar Part No. - MAX3100_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3100CEE MAXIM-MAX3100CEE Datasheet
263Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
19-1259; Rev 0; 7/97
MAX3100CEE++ MAXIM-MAX3100CEE+ Datasheet
292Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
Rev 2; 1/09
MAX3100CPD MAXIM-MAX3100CPD Datasheet
263Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
19-1259; Rev 0; 7/97
MAX3100CPD++ MAXIM-MAX3100CPD+ Datasheet
292Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
Rev 2; 1/09
MAX3100EEE MAXIM-MAX3100EEE Datasheet
263Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
19-1259; Rev 0; 7/97
More results

Similar Description - MAX3100_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3100 MAXIM-MAX3100_09 Datasheet
292Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
Rev 2; 1/09
MAX3100 MAXIM-MAX3100 Datasheet
263Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
19-1259; Rev 0; 7/97
MAX3110E MAXIM-MAX3110E Datasheet
413Kb / 32P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
19-1494; Rev 0; 7/99
MAX3110E MAXIM-MAX3110E_05 Datasheet
315Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
Rev 1; 12/05
MAX3140 MAXIM-MAX3140 Datasheet
468Kb / 36P
   SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 0; 6/99
MAX3140 MAXIM-MAX3140_V01 Datasheet
383Kb / 36P
   SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 1; 9/10
MAX3110E MAXIM-MAX3110E_15 Datasheet
287Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESD-Protected RS-232 Transceivers with Internal Capacitors
Rev 2; 2/15
MAX5480 MAXIM-MAX5480 Datasheet
64Kb / 6P
   8-Bit Parallel DAC in QSOP-16 Package
Rev 0; 10/97
logo
Holtek Semiconductor In...
HT45B0F HOLTEK-HT45B0F_12 Datasheet
163Kb / 23P
   SPI-to-UART Bridge
HT45B0F HOLTEK-HT45B0F Datasheet
165Kb / 23P
   SPI-to-UART Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com