Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3110ECNI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3110ECNI
Description  SPI/MICROWIRE-Compatible UART and 짹15kV ESD-Protected RS-232 Transceivers with Internal Capacitors
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3110ECNI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3110ECNI Datasheet HTML 5Page - Maxim Integrated Products MAX3110ECNI Datasheet HTML 6Page - Maxim Integrated Products MAX3110ECNI Datasheet HTML 7Page - Maxim Integrated Products MAX3110ECNI Datasheet HTML 8Page - Maxim Integrated Products MAX3110ECNI Datasheet HTML 9Page - Maxim Integrated Products MAX3110ECNI Datasheet HTML 10Page - Maxim Integrated Products MAX3110ECNI Datasheet HTML 11Page - Maxim Integrated Products MAX3110ECNI Datasheet HTML 12Page - Maxim Integrated Products MAX3110ECNI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
MAX3110E/MAX3111E
SPI/MICROWIRE-Compatible UART
and ±15kV ESD-Protected RS-232
Transceivers with Internal Capacitors
Maxim Integrated | 9
www.maximintegrated.com
Pin Description
Positive terminal of internal inverting charge-pump capacitor. Do not make any connection to this terminal.
C2+
24
Negative terminal of internal inverting charge-pump capacitor. Do not make any connection to this terminal.
C2-
25
-5.5V generated by the internal charge pump. Do not make any connection to this terminal.
V-
26
Ground
GND
27
RS-232 Transmitter Output 2
T2OUT
28
UART Active-Low Interrupt Output. Open-drain interrupt output to microprocessor.
IRQ
19
Hardware Shutdown Input. Drive SHDN low to shut down the RS-232 transmitters and charge pump. Drive
high for normal operation.
SHDN
20
+5.5V generated by the internal charge pump. Do not make any connection to this terminal.
V+
21
Positive terminal of the internal voltage-doubler charge-pump capacitor. Do not make any connection to
this terminal.
C1+
22
Negative terminal of the internal voltage-doubler charge-pump capacitor. Do not make any connection to
this terminal.
C1-
23
SPI/MICROWIRE Serial-Data Input. Schmitt-trigger Input.
DIN
15
SPI/MICROWIRE Serial-Data Output. High impedance when CS is high.
DOUT
16
SPI/MICROWIRE Serial-Clock Input. Schmitt-trigger input.
SCLK
17
UART Active-Low Chip-Select Input. DOUT goes high impedance when CS is high. IRQ, TX, and RTS are
always active. Schmitt-trigger input.
CS
18
UART Asynchronous Serial-Data (transmitter) Output
TX
14
UART Crystal Connection. Leave X2 unconnected when using an external CMOS clock. See the
Crystals,
Oscillators, and Ceramic Resonators section.
X2
9
UART Crystal Connection. X1 also serves as an external CMOS clock input. See the
Crystals, Oscillators,
and Ceramic Resonators section.
X1
10
UART Clear-to-Send Active-Low Input. Read via the CTS bit.
CTS
11
UART Request-to-Send Active-Low Output. Controlled by the RTS bit. Also used to control the driver enable
in RS-485 networks.
RTS
12
UART Asynchronous Serial-Data (receiver) Input. The serial information received from the RS-232 receiver.
A transition on RX while in shutdown generates an interrupt (Table 1).
RX
13
RS-232 Receiver Output 1, TTL/CMOS
R1OUT
5
RS-232 Receiver Input 1
R1IN
6
RS-232 Transmitter Output 1
T1OUT
7
Positive Supply Voltage
VCC
8
RS-232 Transmitter lnput 1, TTL/CMOS
T1IN
4
RS-232 Transmitter lnput 2, TTL/CMOS
T2IN
3
PIN
RS-232 Receiver Output 2, TTL/CMOS
R2OUT
2
RS-232 Receiver Input 2
R2IN
1
FUNCTION
NAME


Similar Part No. - MAX3110ECNI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3110ECNI MAXIM-MAX3110ECNI Datasheet
413Kb / 32P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
19-1494; Rev 0; 7/99
MAX3110ECNI MAXIM-MAX3110ECNI Datasheet
315Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
Rev 1; 12/05
More results

Similar Description - MAX3110ECNI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3110E MAXIM-MAX3110E Datasheet
413Kb / 32P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
19-1494; Rev 0; 7/99
MAX3110E MAXIM-MAX3110E_05 Datasheet
315Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
Rev 1; 12/05
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Maxim Integrated Produc...
MAX3316E MAXIM-MAX3316E Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
MAX3233E MAXIM-MAX3233E Datasheet
144Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 0; 4/99
MAX3233E MAXIM-MAX3233E_V01 Datasheet
263Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com