Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3224 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3224
Description  1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3224 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3224_14 Datasheet HTML 7Page - Maxim Integrated Products MAX3224_14 Datasheet HTML 8Page - Maxim Integrated Products MAX3224_14 Datasheet HTML 9Page - Maxim Integrated Products MAX3224_14 Datasheet HTML 10Page - Maxim Integrated Products MAX3224_14 Datasheet HTML 11Page - Maxim Integrated Products MAX3224_14 Datasheet HTML 12Page - Maxim Integrated Products MAX3224_14 Datasheet HTML 13Page - Maxim Integrated Products MAX3224_14 Datasheet HTML 14Page - Maxim Integrated Products MAX3224_14 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
By connecting FORCEON to INVALID, the MAX3224–
MAX3227/MAX3244/MAX3245 shut down when no valid
receiver level and no receiver or transmitter edge is
detected for 30sec, and wake up when a valid receiver
level or receiver or transmitter edge is detected.
By connecting FORCEON and FORCEOFF to INVALID,
the MAX3224–MAX3227/MAX3244/MAX3245 shutdown
when no valid receiver level is detected and wake up
when a valid receiver level is detected (same function-
ality as AutoShutdown feature on MAX3221/MAX3223/
MAX3243).
A mouse or other system with AutoShutdown Plus may
need time to wake up. Figure 5 shows a circuit that
forces the transmitters on for 100ms, allowing enough
time for the other system to realize that the MAX3244/
MAX3245 is awake. If the other system outputs valid
RS-232 signal transitions within that time, the RS-232
ports on both systems remain enabled.
1µA Supply Current, 1Mbps, 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
VCC
0
0
V+
V-
VCC
0
INVALID
OUTPUT
OUTPUT
TRANSMITTER
INPUTS
RECEIVER
INPUTS
}
INVALID
REGION
*MAX3224–MAX3227
TRANSMITTER
OUTPUTS
*VCC
tAUTOSHDN
tWU
tWU
tINVL
tINVH
tAUTOSHDN
Figure 4b. AutoShutdown Plus, INVALID, and READY Timing Diagram
FORCEON
MASTER SHDN LINE
0.1
μF1MΩ
FORCEOFF
MAX3224
MAX3225
MAX3226
MAX3227
MAX3244
MAX3245
POWER-
MANAGEMENT
UNIT
Figure 5. AutoShutdown Plus Initial Turn-On to Wake Up a
Mouse or Another System
Maxim Integrated
11
MAX3224–MAX3227/MAX3244/MAX3245


Similar Part No. - MAX3224_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3224 MAXIM-MAX3224_11 Datasheet
251Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
More results

Similar Description - MAX3224_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3224 MAXIM-MAX3224_08 Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX3224 MAXIM-MAX3224_11 Datasheet
251Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224 MAXIM-MAX3224 Datasheet
235Kb / 20P
   1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 1; 3/98
MAX3245EEUI MAXIM-MAX3245EEUI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E_14 Datasheet
454Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E Datasheet
243Kb / 20P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3227EEAE MAXIM-MAX3227EEAE Datasheet
942Kb / 19P
   1muA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 5; 2/11
MAX3221 MAXIM-MAX3221_03 Datasheet
454Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
MAX3221E MAXIM-MAX3221E Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com