Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3223ECAP+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3223ECAP+
Description  ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3223ECAP+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3223ECAP+ Datasheet HTML 3Page - Maxim Integrated Products MAX3223ECAP+ Datasheet HTML 4Page - Maxim Integrated Products MAX3223ECAP+ Datasheet HTML 5Page - Maxim Integrated Products MAX3223ECAP+ Datasheet HTML 6Page - Maxim Integrated Products MAX3223ECAP+ Datasheet HTML 7Page - Maxim Integrated Products MAX3223ECAP+ Datasheet HTML 8Page - Maxim Integrated Products MAX3223ECAP+ Datasheet HTML 9Page - Maxim Integrated Products MAX3223ECAP+ Datasheet HTML 10Page - Maxim Integrated Products MAX3223ECAP+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
±15kV ESD-Protected, 1µA, 3.0V to 5.5V, 250kbps,
RS-232 Transceivers with AutoShutdown
_______________Detailed Description
Dual Charge-Pump Voltage Converter
The MAX3221E/MAX3223E/MAX3243E’s internal power
supply consists of a regulated dual charge pump that
provides output voltages of +5.5V (doubling charge
pump) and -5.5V (inverting charge pump), over the
+3.0V to +5.5V VCC range. The charge pumps operate
in discontinuous mode: if the output voltages are less
than 5.5V, the charge pumps are enabled; if the output
voltages exceed 5.5V, the charge pumps are disabled.
Each charge pump requires a flying capacitor (C1, C2)
and a reservoir capacitor (C3, C4) to generate the V+
and V- supplies.
RS-232 Transmitters
The transmitters are inverting level translators that con-
vert CMOS-logic levels to 5.0V EIA/TIA-232 levels. They
guarantee a 250kbps data rate with worst-case loads
of 3k
Ω in parallel with 1000pF, providing compatibility
with PC-to-PC communication software such as
LapLink™. Transmitters can be paralleled to drive mul-
tiple receivers. The MAX3243E has been specifically
designed to drive serial mice. Figure 1 shows a com-
plete system connection. When FORCEOFF is driven to
ground, or the AutoShutdown circuitry senses invalid
voltage levels on all receiver inputs, the transmitters are
disabled and the outputs are forced into a high-imped-
ance state. When powered off or shut down, the output
can be driven up to ±12V. The transmitter inputs do not
have pull-up resistors.
Pin Description (continued)
PIN
MAX3221E
MAX3223E
MAX3243E
TQFN-
EP
SSOP/
TSSOP
TQFN-
EP
DIP/
SSOP/
TSSOP
SO/
SSOP/
TSSOP
TQFN-
EP
NAME
FUNCTION
19, 20
R_OUTB
Noninverting Complementary Receiver Outputs.
Always active.
9, 16,
25, 32
N.C.
No Connection. Not internally connected.
EP
Exposed Paddle (TQFN package only). Solder the exposed
paddle to the ground plane or leave unconnected.
MAX3243E
I/O
CHIP
WITH
UART
CPU
RS-232
POWER-
MANAGEMENT
UNIT OR
KEYBOARD
CONTROLLER
FORCEOFF
FORCEON
INVALID
Figure 1. Interface Under Control of PMU
LapLink is a trademark of Traveling Software.
Maxim Integrated
7
MAX3221E/MAX3223E/MAX3243E


Similar Part No. - MAX3223ECAP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3223ECAP MAXIM-MAX3223ECAP Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
MAX3223ECAP MAXIM-MAX3223ECAP Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
More results

Similar Description - MAX3223ECAP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3221E MAXIM-MAX3221E Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
   15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3245EEUI MAXIM-MAX3245EEUI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E_14 Datasheet
454Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E Datasheet
243Kb / 20P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3221EEUE MAXIM-MAX3221EEUE Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
   3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com