Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3223EEPP+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3223EEPP+
Description  ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3223EEPP+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3223EEPP+ Datasheet HTML 5Page - Maxim Integrated Products MAX3223EEPP+ Datasheet HTML 6Page - Maxim Integrated Products MAX3223EEPP+ Datasheet HTML 7Page - Maxim Integrated Products MAX3223EEPP+ Datasheet HTML 8Page - Maxim Integrated Products MAX3223EEPP+ Datasheet HTML 9Page - Maxim Integrated Products MAX3223EEPP+ Datasheet HTML 10Page - Maxim Integrated Products MAX3223EEPP+ Datasheet HTML 11Page - Maxim Integrated Products MAX3223EEPP+ Datasheet HTML 12Page - Maxim Integrated Products MAX3223EEPP+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
±15kV ESD-Protected, 1µA, 3.0V to 5.5V, 250kbps,
RS-232 Transceivers with AutoShutdown
Table 1. Output Control Truth Table
+0.3V
-0.3V
INVALID
TO MAX32_ _E
POWER SUPPLY
AND TRANSMITTERS
R_IN
* TRANSMITTERS ARE DISABLED, REDUCING SUPPLY CURRENT TO 1
µA IF
ALL RECEIVER INPUTS ARE BETWEEN +0.3V AND -0.3V FOR AT LEAST 30
µs.
30
µs
COUNTER
R
Figure 3a. MAX32_ _E Entering 1µA Supply Mode via
AutoShutdown
+2.7V
-2.7V
INVALID
TO MAX32_ _E
POWER SUPPLY
R_IN
*TRANSMITTERS ARE ENABLED IF:
ANY RECEIVER INPUT IS GREATER THAN +2.7V OR LESS THAN -2.7V.
ANY RECEIVER INPUT HAS BEEN BETWEEN +0.3V AND -0.3V FOR LESS THAN 30
µs.
30
µs
COUNTER
R
Figure 3b. MAX32_ _E with Transmitters Enabled Using
AutoShutdown
X = Don’t Care
A mouse or other system with AutoShutdown may need
time to wake up. Figure 4 shows a circuit that forces
the transmitters on for 100ms, allowing enough time for
the other system to realize that the MAX3221E/
MAX3223E/ MAX3243E are awake. If the other system
transmits valid RS-232 signals within that time, the RS-
232 ports on both systems remain enabled.
When shut down, the device’s charge pumps are off,
V+ is pulled to VCC, V- is pulled to ground, and the
transmitter outputs are high impedance. The time
required to exit shutdown is typically 100µs (Figure 5b).
Software-Controlled Shutdown
If direct software control is desired, INVALID can be
used to indicate DTR or Ring Indicator signal. Connect
FORCEOFF and FORCEON together to disable Auto-
Shutdown so the line acts like a SHDN input.
±15kV ESD Protection
As with all Maxim devices, ESD-protection structures are
incorporated on all pins to protect against electrostatic
discharges encountered during handling and assembly.
The driver outputs and receiver inputs of the
MAX3221E/MAX3223E/MAX3243E have extra protection
against static electricity. Maxim’s engineers have devel-
oped state-of-the-art structures to protect these pins
against ESD of ±15kV without damage. The ESD struc-
tures withstand high ESD in all states: normal operation,
shutdown, and powered down. After an ESD event,
Maxim’s E versions keep working without latchup,
whereas competing RS-232 products can latch and
must be powered down to remove latchup. See Table 4.
0
0
0
1
X
1
FORCEON
X
Active
Active
Active
R2OUTB
(MAX3243E)
Active
Active
Active
Active
Active
Active
High-Z
R_OUT
(MAX3221E/
MAX3223E)
Active
Active
High-Z
High-Z
1
1
1
1
0
1
FORCEOFF
0
Active
High-Z
Active
T_OUT
High-Z
Active
Active
High-Z
Active
Active
Active
R_OUT
(MAX3243E)
High-Z
Active
Active
High-Z
0
0
Yes
No
Normal Operation
(AutoShutdown)
Yes
0
X
Normal Operation
(Forced On)
X
Shutdown
(Forced Off)
X
EN
(MAX3221E/
MAX3223E)
VALID
RECEIVER
LEVEL
0
X
OPERATION
STATUS
1
1
1
0
Active
High-Z
1
High-Z
Active
Shutdown
(AutoShutdown)
No
1
Maxim Integrated
9
MAX3221E/MAX3223E/MAX3243E


Similar Part No. - MAX3223EEPP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3223EEPP MAXIM-MAX3223EEPP Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
MAX3223EEPP MAXIM-MAX3223EEPP Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
More results

Similar Description - MAX3223EEPP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3221E MAXIM-MAX3221E Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
   15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3245EEUI MAXIM-MAX3245EEUI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E_14 Datasheet
454Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E Datasheet
243Kb / 20P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3221EEUE MAXIM-MAX3221EEUE Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
   3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com