Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6817EUT-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6817EUT-T
Description  ±15kV ESD-Protected, Single/Dual/Octal, CMOS Switch Debouncers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6817EUT-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6817EUT-T Datasheet HTML 1Page - Maxim Integrated Products MAX6817EUT-T Datasheet HTML 2Page - Maxim Integrated Products MAX6817EUT-T Datasheet HTML 3Page - Maxim Integrated Products MAX6817EUT-T Datasheet HTML 4Page - Maxim Integrated Products MAX6817EUT-T Datasheet HTML 5Page - Maxim Integrated Products MAX6817EUT-T Datasheet HTML 6Page - Maxim Integrated Products MAX6817EUT-T Datasheet HTML 7Page - Maxim Integrated Products MAX6817EUT-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Detailed Description
Theory of Operation
The MAX6816/MAX6817/MAX6818 are designed to
eliminate the extraneous level changes that result from
interfacing with mechanical switches (switch bounce).
Virtually all mechanical switches bounce upon opening or
closing. These switch debouncers remove bounce when
a switch opens or closes by requiring that sequentially
clocked inputs remain in the same state for a number of
sampling periods. The output does not change until the
input is stable for a duration of 40ms.
The circuit block diagram (Figure 1) shows the func-
tional blocks consisting of an on-chip oscillator, counter,
exclusive-NOR gate, and D flip-flop. When the input does
not equal the output, the XNOR gate issues a count-
er reset. When the switch input state is stable for the
full qualification period, the counter clocks the flip-flop,
updating the output. Figure 2 shows the typical opening
and closing switch debounce operation. On the MAX6818,
the change output (CH) is updated simultaneously with
the switch outputs.
Undervoltage Lockout
The undervoltage lockout circuitry ensures that the
out-puts are at the correct state on power-up. While
the supply voltage is below the undervoltage threshold
(typically 1.9V), the debounce circuitry remains
transparent. Switch states are present at the logic outputs
with no debouce delay.
Figure 1. Block Diagram
PIN
NAME
FUNCTION
MAX6816
MAX6817
MAX6818
1
2
10
GND
Ground
2
IN
Switch Input
1, 3
IN1, IN2
Switch Inputs
2–9
IN1–IN8
Switch Inputs
3
OUT
CMOS Debounced Output
4, 6
OUT2, OUT1
CMOS Debounced Outputs
12–19
OUT8–OUT1
CMOS Debounced Outputs
4
5
20
VCC
+2.7V to +5.5V Supply Voltage
1
EN
Active-Low, Three-State Enable Input for outputs. Resets CH.
Tie to GND to “always enable” outputs.
11
CH
Change-of-State Output. Goes low on switch input change of
state. Resets on EN. Leave unconnected if not used.
VCC
VCC
VCC
RPU
D
Q
R
Q
D
COUNTER
LOAD
OUT
IN
ESD
PROTECTION
UNDER-
VOLTAGE
LOCKOUT
OSC.
MAX6816
MAX6817
MAX6818
www.maximintegrated.com
Maxim Integrated │ 4
MAX6816/MAX6817/
MAX6818
±15kV ESD-Protected, Single/Dual/Octal,
CMOS Switch Debouncers
Pin Description


Similar Part No. - MAX6817EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6817EUT-T MAXIM-MAX6817EUT-T Datasheet
188Kb / 12P
   짹15kV ESD-Protected, Single/Dual/Octal, CMOS Switch Debouncers
Rev 1; 1/99
MAX6817EUT-T MAXIM-MAX6817EUT-T Datasheet
619Kb / 8P
   짹15kV ESD-Protected, Single/Dual/Octal, CMOS Switch Debouncers
19-4770; Rev 3; 8/10
More results

Similar Description - MAX6817EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6816 MAXIM-MAX6816_10 Datasheet
619Kb / 8P
   짹15kV ESD-Protected, Single/Dual/Octal, CMOS Switch Debouncers
19-4770; Rev 3; 8/10
MAX6816 MAXIM-MAX6816 Datasheet
188Kb / 12P
   짹15kV ESD-Protected, Single/Dual/Octal, CMOS Switch Debouncers
Rev 1; 1/99
MAX4575 MAXIM-MAX4575 Datasheet
265Kb / 12P
   15kV ESD-Protected, Low-Voltage, Dual, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
   ±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
   ±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
MAX4561_V1 MAXIM-MAX4561_V1 Datasheet
147Kb / 11P
   ±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches
Rev 1; 7/12
MAX4561 MAXIM-MAX4561 Datasheet
234Kb / 12P
   ±15kV ESD-Protected, Low-Voltage,SPDT/SPST, CMOS Analog Switches
Rev 0; 4/00
MAX4620 MAXIM-MAX4620 Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX3394E MAXIM-MAX3394E Datasheet
556Kb / 20P
   ±15kV ESD-Protected, High-Drive Current, Dual-/Quad-/ Octal-Level Translators with Speed-Up Circuitry
Rev 2; 2/07
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com