Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3223EEAP+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3223EEAP+
Description  ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3223EEAP+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3223EEAP+ Datasheet HTML 1Page - Maxim Integrated Products MAX3223EEAP+ Datasheet HTML 2Page - Maxim Integrated Products MAX3223EEAP+ Datasheet HTML 3Page - Maxim Integrated Products MAX3223EEAP+ Datasheet HTML 4Page - Maxim Integrated Products MAX3223EEAP+ Datasheet HTML 5Page - Maxim Integrated Products MAX3223EEAP+ Datasheet HTML 6Page - Maxim Integrated Products MAX3223EEAP+ Datasheet HTML 7Page - Maxim Integrated Products MAX3223EEAP+ Datasheet HTML 8Page - Maxim Integrated Products MAX3223EEAP+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
±15kV ESD-Protected, 1µA, 3.0V to 5.5V, 250kbps,
RS-232 Transceivers with AutoShutdown
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +5.5V, C1–C4 = 0.1µF (Note 2), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
V+ to GND (Note 1) ..................................................-0.3V to +7V
V- to GND (Note 1) ...................................................+0.3V to -7V
V+ +
|V-| (Note 1) .................................................................+13V
Input Voltages
T_IN, EN, FORCEON, FORCEOFF to GND ............-0.3V to +6V
R_IN to GND ......................................................................±25V
Output Voltages
T_OUT to GND................................................................±13.2V
R_OUT, R2OUTB, INVALID to GND .........-0.3V to (VCC + 0.3V)
Short-Circuit Duration
T_OUT to GND .........................................................Continuous
Continuous Power Dissipation (TA = +70°C)
16-Pin SSOP (derate 7.14mW/
°C above +70°C) ...........571mW
16-Pin TSSOP (derate 9.4mW/
°C above +70°C) ........754.7mW
16-Pin TQFN (derate 20.8mW/
°C above +70°C) ......1666.7mW
20-Pin Plastic DIP (derate 11.11mW/
°C above +70°C)....889mW
20-Pin SSOP (derate 8.00mW/
°C above +70°C) ...........640mW
20-Pin TSSOP (derate 10.9mW/
°C above +70°C) .........879mW
20-Pin TQFN (derate 21.3mW/
°C above +70°C) ......1702.1mW
28-Pin SSOP (derate 9.52mW/
°C above +70°C)............762mW
28-Pin TSSOP (derate 12.8mW/
°C above +70°C) .......1026mW
32-Pin TQFN (derate 37mW/
°C above +70°C) ............2963mW
Operating Temperature Ranges
MAX32_ _EC_ _ ....................................................0
°C to +70°C
MAX32_ _EE_ _..................................................-40
°C to +85°C
Storage Temperature Range .............................-65
°C to +160°C
Lead Temperature (soldering, 10s) .................................+300
°C
Soldering Temperature (reflow) .......................................+260
°C
Note 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 13V.
VCC = 5.0V
RECEIVER OUTPUTS
AutoShutdown (FORCEON = GND, FORCEOFF = VCC)
LOGIC INPUTS
DC CHARACTERISTICS (VCC = 3.3V or 5.0V, TA = +25°C)
R_OUT receivers disabled
Output Leakage Current
±0.05
±10
µA
Negative threshold
Positive threshold
Figure 5a
VCC = 3.3V
T_IN, EN, FORCEON,
FORCEOFF
CONDITIONS
IOUT = -1.0mA
IOUT = 1.6mA
Figure 5a
IOUT = -1.0mA
IOUT = 1.6mA
T_IN, EN, FORCEON, FORCEOFF
FORCEON = FORCEOFF = VCC,
no load
FORCEOFF = GND, all R_IN = GND
FORCEON = GND,
FORCEOFF = VCC, all R_IN open
VCC - 0.6
V
INVALID Output Voltage High
-0.3
0.3
V
Receiver Input Threshold to
INVALID Output Low
0.4
V
INVALID Output Voltage Low
-2.7
V
Receiver Input Threshold to
INVALID Output High
2.7
0.3
1
mA
Supply Current,
AutoShutdown Disabled
1.0
10
µA
Supply Current, Shutdown
Supply Current, AutoShutdown
2.0
PARAMETER
MIN
TYP
MAX
UNITS
Input Logic Threshold Low
0.8
V
1.0
10
µA
Input Logic Threshold High
2.4
V
Output Voltage Low
0.4
V
Output Voltage High
VCC - 0.6
VCC - 0.1
V
SYMBOL
Transmitter Input Hysteresis
0.5
V
T_IN, EN, FORCEON, FORCEOFF
Input Leakage Current
±0.01
±1
µA
2
Maxim Integrated
MAX3221E/MAX3223E/MAX3243E


Similar Part No. - MAX3223EEAP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3223EEAP MAXIM-MAX3223EEAP Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
MAX3223EEAP MAXIM-MAX3223EEAP Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
More results

Similar Description - MAX3223EEAP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3221E MAXIM-MAX3221E Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
   15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3245EEUI MAXIM-MAX3245EEUI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E_14 Datasheet
454Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E Datasheet
243Kb / 20P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3221EEUE MAXIM-MAX3221EEUE Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
   3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com